Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TLC59291 Arkusz danych(PDF) 11 Page - Texas Instruments

Numer części TLC59291
Szczegółowy opis  TLC59291 8/16-Channel, Constant Current LED Driver with 7-bit Brightness Control Low Quiescent Current and Full Self Diagnosis for LED Lamp
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

TLC59291 Arkusz danych(HTML) 11 Page - Texas Instruments

Back Button TLC59291_15 Datasheet HTML 7Page - Texas Instruments TLC59291_15 Datasheet HTML 8Page - Texas Instruments TLC59291_15 Datasheet HTML 9Page - Texas Instruments TLC59291_15 Datasheet HTML 10Page - Texas Instruments TLC59291_15 Datasheet HTML 11Page - Texas Instruments TLC59291_15 Datasheet HTML 12Page - Texas Instruments TLC59291_15 Datasheet HTML 13Page - Texas Instruments TLC59291_15 Datasheet HTML 14Page - Texas Instruments TLC59291_15 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 45 page
background image
t
D4
t
D3
Less Than 100 µA
More Than 100 µA
1
SIN
LAT
SCLK
BLANK
PSMODE Bit in
Control Data Latch
(Internal)
On/Off Control
Data Latch
(Internal)
OUT0
OUT1
OUT15
Power-Save
Mode
ICC
(The Current
of VCC)
Low
1
2
3
14
15
16
1
2
3
4
5
6
Don’t Care
Previous On/Off Data
All Data are 0
OFF
ON
OFF
ON
OFF
ON
OFF
OFF
OFF
Normal Mode
Normal Mode
Normal Mode
Power-Save Mode
TLC59291
www.ti.com
SLVSA96 – SEPTEMBER 2015
Timing Diagrams (continued)
Figure 5. Power-Save Mode
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TLC59291


Podobny numer części - TLC59291_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TLC59291 TI1-TLC59291_16 Datasheet
805Kb / 46P
[Old version datasheet]   8/16-Channel, Constant Current LED Driver
More results

Podobny opis - TLC59291_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TLC5929 TI1-TLC5929_16 Datasheet
1Mb / 43P
[Old version datasheet]   16-Channel, Constant-Current LED Driver with 7-Bit Global Brightness Control, Power-Save Mode, and Full Self-Diagnosis for LED Lamp
TLC5949 TI-TLC5949 Datasheet
1Mb / 51P
[Old version datasheet]   16-Channel, 12-Bit, ES-PWM, Full Self-Diagnosis LED Driver for 7-Bit Global BC LED Lamp
TLC5929 TI1-TLC5929 Datasheet
651Kb / 36P
[Old version datasheet]   16-Channel, Constant-Current LED Driver with 7-Bit Global Brightness Control, Power-Save Mode
TLC5948A TI1-TLC5948A Datasheet
1Mb / 50P
[Old version datasheet]   16-Channel, 16-Bit, ES-PWM, Full Self-Diagnosis LED Driver
logo
Integrated Silicon Solu...
IS31BL3230-QFLS2-TR ISSI-IS31BL3230-QFLS2-TR Datasheet
270Kb / 12P
   8 CHANNELS CONSTANT CURRENT LED DRIVER WITH PWM BRIGHTNESS CONTROL
logo
Texas Instruments
TPS61061 TI-TPS61061 Datasheet
609Kb / 22P
[Old version datasheet]   CONSTANT CURRENT LED DRIVER WITH DIGITAL AND PWM BRIGHTNESS CONTROL
TLC59291 TI1-TLC59291_16 Datasheet
805Kb / 46P
[Old version datasheet]   8/16-Channel, Constant Current LED Driver
logo
List of Unclassifed Man...
MBI5028 ETC-MBI5028 Datasheet
466Kb / 24P
   16 BIT CONSTANT CURRENT LED SINK DRIVER WITH GAIN CONTROL
logo
Silicon Touch Technolog...
DM13A SITI-DM13A Datasheet
462Kb / 20P
   16-bit Constant Current LED Driver
logo
Unisonic Technologies
L16B06 UTC-L16B06_16 Datasheet
299Kb / 13P
   16-BIT CONSTANT CURRENT LED DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com