Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SPCA751A-P101 Arkusz danych(PDF) 2 Page - List of Unclassifed Manufacturers

Numer części SPCA751A-P101
Szczegółowy opis  a single chip signal processor optimized for MPEG audio decoding and voice recording
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC - List of Unclassifed Manufacturers

SPCA751A-P101 Arkusz danych(HTML) 2 Page - List of Unclassifed Manufacturers

  SPCA751A-P101 Datasheet HTML 1Page - List of Unclassifed Manufacturers SPCA751A-P101 Datasheet HTML 2Page - List of Unclassifed Manufacturers SPCA751A-P101 Datasheet HTML 3Page - List of Unclassifed Manufacturers SPCA751A-P101 Datasheet HTML 4Page - List of Unclassifed Manufacturers SPCA751A-P101 Datasheet HTML 5Page - List of Unclassifed Manufacturers SPCA751A-P101 Datasheet HTML 6Page - List of Unclassifed Manufacturers SPCA751A-P101 Datasheet HTML 7Page - List of Unclassifed Manufacturers SPCA751A-P101 Datasheet HTML 8Page - List of Unclassifed Manufacturers SPCA751A-P101 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Preliminary
SPCA751A-P101
2
Features
• Single chip MPEG audio decoder
- Conforming to MPEG1/MPEG2 audio layer 2/3
- Extension to MPEG lower sampling rates
• Digital sound control
- Digital volume control
- Stereo/Mono channel select
- Digital sound equalizer
• Internal auto-generate audio clock
- Sampling frequency from 8 kHz up to 48 kHz
• Programmable audio DAC interface
- Support both normal and I
2S audio DAC formats
- Audio clock polarity programmable
- Internal auto-generated oversampling clock for DAC
 Accept external audio clock for sampling rate control
• Serial data IO and control interface
- Easy for the host processor to command
• Low power dissipation
• PLL embedded
- Require only
16.934MHz
crystal,
resistors,
and
capacitors to supply the system clock
• Built-in Digital Recording option
- Embedded 10-bit 8 kHz audio ADC
- SACM_S480 recording with 4.8 kbit/sec
- SACM_S3200 recording with 32 kbit/sec
• Device Parameter
- Supply voltage : 3.0 ~ 3.6 volts
- IO interface : 5 volts tolerance, TTL compatible
- Package : 44-pin LQFP
- Power consumption: less than 150 mW @ 3.6 volts
MPEG Audio Decoder
Voice Encoder/Decoder
ADC
ATO
AIP
VM
AIN
SPCA751A BLOCK DIAGRAM
PLL
Clock
Synthesizer
OSCIN
OSCOUT
Host Interface
TFS
RFS SCLK DR
DT FCEB1 FCEB2
PCM
Buffer
AUD_LRCK
AUD_BCK
AUD_DATA
AUD_XCK


Podobny numer części - SPCA751A-P101

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
SPCA701A ETC-SPCA701A Datasheet
145Kb / 16P
   DIGITAL VIDEO ENCODER FOR VIDEOCD
SPCA711A ETC1-SPCA711A Datasheet
133Kb / 20P
   DIGITAL VIDEO ENCODER FOR VIDEOCD
More results

Podobny opis - SPCA751A-P101

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LA7285 SANYO-LA7285 Datasheet
112Kb / 7P
   VCR Audio Signal Recording and Playback Processor
LA7286 SANYO-LA7286 Datasheet
213Kb / 10P
   VCR Audio Signal Recording and Playback Processor?
LA7282 SANYO-LA7282 Datasheet
153Kb / 7P
   VCR Audio Signal Recording / Playback Processor
LA7295 SANYO-LA7295 Datasheet
131Kb / 6P
   VTR Audio Signal Recording/ Playback Processor?
LA7096 SANYO-LA7096 Datasheet
209Kb / 5P
   VTR Audio Signal Recording/Playback Processor
logo
List of Unclassifed Man...
SPHE8200A ETC1-SPHE8200A Datasheet
1Mb / 40P
   DVD SINGLE CHIP MPEG A/V PROCESSOR
SPHE8281D ETC2-SPHE8281D Datasheet
532Kb / 35P
   DVD Single Chip MPEG A/V Processor
logo
Toshiba Semiconductor
TC9447F TOSHIBA-TC9447F Datasheet
635Kb / 44P
   Single-Chip Audio Digital Signal Processor
TC94A48FG TOSHIBA-TC94A48FG Datasheet
628Kb / 36P
   Single-chip Audio Digital Signal Processor
logo
Aplus Intergrated Circu...
APR9600 APLUS-APR9600 Datasheet
2Mb / 17P
   SINGLE-CHIP VOICE RECORDING & PLAYBACK DEVICE FOR SINGLE 60 SECOND MESSAGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com