Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SPCA751A-P101 Arkusz danych(PDF) 5 Page - List of Unclassifed Manufacturers

Numer części SPCA751A-P101
Szczegółowy opis  a single chip signal processor optimized for MPEG audio decoding and voice recording
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC - List of Unclassifed Manufacturers

SPCA751A-P101 Arkusz danych(HTML) 5 Page - List of Unclassifed Manufacturers

  SPCA751A-P101 Datasheet HTML 1Page - List of Unclassifed Manufacturers SPCA751A-P101 Datasheet HTML 2Page - List of Unclassifed Manufacturers SPCA751A-P101 Datasheet HTML 3Page - List of Unclassifed Manufacturers SPCA751A-P101 Datasheet HTML 4Page - List of Unclassifed Manufacturers SPCA751A-P101 Datasheet HTML 5Page - List of Unclassifed Manufacturers SPCA751A-P101 Datasheet HTML 6Page - List of Unclassifed Manufacturers SPCA751A-P101 Datasheet HTML 7Page - List of Unclassifed Manufacturers SPCA751A-P101 Datasheet HTML 8Page - List of Unclassifed Manufacturers SPCA751A-P101 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Preliminary
SPCA751A-P101
5
"
Host processor reads 512 bytes from the SPCA751A
To read data from the SPCA751A, the host processor first asserts the TFS1 at the falling edges of SCLK1, then the
512-byte long data is sampled out from the SPCA751A at the following 512x8 consecutive rising edges of SCLK1. The
host processor is supposed to latch-in the data at the falling edges of SCLK1. TFS1 should remain high before the
MSB of the last word. After the LSB of the last word is received, the host processor should send at least three more
cycles of SCLK1 to the SPCA751A.
Timing Requirements
PARAMETER
MIN.
MAX.
UNIT
TFS
TFS1 setup before SCLK1 falls low
2
ns
TFH
TFS1 hold after SCLK1 falls low
2
ns
TSCLK
SCLK1 period
16
ns
Switching Characteristics
PARAMETER
MIN.
MAX.
UNIT
TD
DT1 access
5
ns
TDH
DT1 hold after SCLK1 falls low
TSCLK / 2
ns
!
PLL
An independent analog power is applied through pin 41 VSSP and pin 42 VDDP to supply the power for the
internal PLL. An oscillation circuit is built externally on pin 39 OSCIN and pin 40 OSCOUT.
16.934MHz
Crystal
pin 40
OSCOUT
pin 39
OSCIN
Oscillation Circuit
12 pF
12 pF
10 M Ohm
SCLK1
RFS1
DR1
b15
b0
b15
T
FS
T
SCLK
b0
Last word
255 words
T
FH
b14
T
D
T
DH


Podobny numer części - SPCA751A-P101

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
SPCA701A ETC-SPCA701A Datasheet
145Kb / 16P
   DIGITAL VIDEO ENCODER FOR VIDEOCD
SPCA711A ETC1-SPCA711A Datasheet
133Kb / 20P
   DIGITAL VIDEO ENCODER FOR VIDEOCD
More results

Podobny opis - SPCA751A-P101

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LA7285 SANYO-LA7285 Datasheet
112Kb / 7P
   VCR Audio Signal Recording and Playback Processor
LA7286 SANYO-LA7286 Datasheet
213Kb / 10P
   VCR Audio Signal Recording and Playback Processor?
LA7282 SANYO-LA7282 Datasheet
153Kb / 7P
   VCR Audio Signal Recording / Playback Processor
LA7295 SANYO-LA7295 Datasheet
131Kb / 6P
   VTR Audio Signal Recording/ Playback Processor?
LA7096 SANYO-LA7096 Datasheet
209Kb / 5P
   VTR Audio Signal Recording/Playback Processor
logo
List of Unclassifed Man...
SPHE8200A ETC1-SPHE8200A Datasheet
1Mb / 40P
   DVD SINGLE CHIP MPEG A/V PROCESSOR
SPHE8281D ETC2-SPHE8281D Datasheet
532Kb / 35P
   DVD Single Chip MPEG A/V Processor
logo
Toshiba Semiconductor
TC9447F TOSHIBA-TC9447F Datasheet
635Kb / 44P
   Single-Chip Audio Digital Signal Processor
TC94A48FG TOSHIBA-TC94A48FG Datasheet
628Kb / 36P
   Single-chip Audio Digital Signal Processor
logo
Aplus Intergrated Circu...
APR9600 APLUS-APR9600 Datasheet
2Mb / 17P
   SINGLE-CHIP VOICE RECORDING & PLAYBACK DEVICE FOR SINGLE 60 SECOND MESSAGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com