Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SPCA751A-P101 Arkusz danych(PDF) 7 Page - List of Unclassifed Manufacturers

Numer części SPCA751A-P101
Szczegółowy opis  a single chip signal processor optimized for MPEG audio decoding and voice recording
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC - List of Unclassifed Manufacturers

SPCA751A-P101 Arkusz danych(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button SPCA751A-P101 Datasheet HTML 3Page - List of Unclassifed Manufacturers SPCA751A-P101 Datasheet HTML 4Page - List of Unclassifed Manufacturers SPCA751A-P101 Datasheet HTML 5Page - List of Unclassifed Manufacturers SPCA751A-P101 Datasheet HTML 6Page - List of Unclassifed Manufacturers SPCA751A-P101 Datasheet HTML 7Page - List of Unclassifed Manufacturers SPCA751A-P101 Datasheet HTML 8Page - List of Unclassifed Manufacturers SPCA751A-P101 Datasheet HTML 9Page - List of Unclassifed Manufacturers SPCA751A-P101 Datasheet HTML 10Page - List of Unclassifed Manufacturers SPCA751A-P101 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Preliminary
SPCA751A-P101
7
!
ADC
The SPCA751A has an audio-band sigma-delta analog-to-digital converter so as to meet the
requirement of the digital recorder application. The circuit of converter consists of two main blocks: the analog-
to-digital converter (ADC) and internal reference and bias voltage. For the latter, it is 15-bit format with 10-bit
resolution.
The analog-to-digital conversion chain consists of a microphone amplifier (M.A.), a programmable gain
amplifier (PGA), an analog oversampled modulator, and the decimation digital filter. The PGA has gain step
from –12dB to 12dB (-12, -6, 0, 6, 12dB). The modulator is a sigma-delta feedback loop, which oversamples the
signal at 1.024MHz and provides second-order noise shaping. It performs the conversion of the differential
analog input signal to a pulse-density-modulated single-bit digital output. When a maximum positive differential
input voltage is applied at the input of modulator, the resulting code at the output of the modulator is all ones.
The decimation digital filter consists of a comb filter and a half-band filter. The comb filter is a third-order comb
filter. Finally the encoder implements the half-band filter and data compression by software.
ADC & DAC ELECTRICAL CHARACTERISTICS (T
A = 25
ºC, VDD = 3.3 V)
PARAMETER
CONDITION
MIN.
TYP.
MAX.
UNIT
ATO:
Input Voltage
MA gain = 0dB,
PGA gain = 6dB
0.25*VDD
Vpp
PGA:
Gain Range
Step Size
Step Variation
Default: 6dB
-12
6
0.5
12
dB
dB
dB
Voltage Reference:
Output Voltage
0.45VDD
0.5VDD
0.55VDD
Vpp
ADC PATH CHARACTERISTICS
PARAMETER
CONDITION
MIN.
TYP.
MAX.
UNIT
ADC:
Signal to noise ratio
F
IN = 1kHz,
PGA gain = 12dB
ATO is full swing
Without data compression
60
dB


Podobny numer części - SPCA751A-P101

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
SPCA701A ETC-SPCA701A Datasheet
145Kb / 16P
   DIGITAL VIDEO ENCODER FOR VIDEOCD
SPCA711A ETC1-SPCA711A Datasheet
133Kb / 20P
   DIGITAL VIDEO ENCODER FOR VIDEOCD
More results

Podobny opis - SPCA751A-P101

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LA7285 SANYO-LA7285 Datasheet
112Kb / 7P
   VCR Audio Signal Recording and Playback Processor
LA7286 SANYO-LA7286 Datasheet
213Kb / 10P
   VCR Audio Signal Recording and Playback Processor?
LA7282 SANYO-LA7282 Datasheet
153Kb / 7P
   VCR Audio Signal Recording / Playback Processor
LA7295 SANYO-LA7295 Datasheet
131Kb / 6P
   VTR Audio Signal Recording/ Playback Processor?
LA7096 SANYO-LA7096 Datasheet
209Kb / 5P
   VTR Audio Signal Recording/Playback Processor
logo
List of Unclassifed Man...
SPHE8200A ETC1-SPHE8200A Datasheet
1Mb / 40P
   DVD SINGLE CHIP MPEG A/V PROCESSOR
SPHE8281D ETC2-SPHE8281D Datasheet
532Kb / 35P
   DVD Single Chip MPEG A/V Processor
logo
Toshiba Semiconductor
TC9447F TOSHIBA-TC9447F Datasheet
635Kb / 44P
   Single-Chip Audio Digital Signal Processor
TC94A48FG TOSHIBA-TC94A48FG Datasheet
628Kb / 36P
   Single-chip Audio Digital Signal Processor
logo
Aplus Intergrated Circu...
APR9600 APLUS-APR9600 Datasheet
2Mb / 17P
   SINGLE-CHIP VOICE RECORDING & PLAYBACK DEVICE FOR SINGLE 60 SECOND MESSAGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com