Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SPCA751A-P101 Arkusz danych(PDF) 1 Page - List of Unclassifed Manufacturers

Numer części SPCA751A-P101
Szczegółowy opis  a single chip signal processor optimized for MPEG audio decoding and voice recording
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC - List of Unclassifed Manufacturers

SPCA751A-P101 Arkusz danych(HTML) 1 Page - List of Unclassifed Manufacturers

  SPCA751A-P101 Datasheet HTML 1Page - List of Unclassifed Manufacturers SPCA751A-P101 Datasheet HTML 2Page - List of Unclassifed Manufacturers SPCA751A-P101 Datasheet HTML 3Page - List of Unclassifed Manufacturers SPCA751A-P101 Datasheet HTML 4Page - List of Unclassifed Manufacturers SPCA751A-P101 Datasheet HTML 5Page - List of Unclassifed Manufacturers SPCA751A-P101 Datasheet HTML 6Page - List of Unclassifed Manufacturers SPCA751A-P101 Datasheet HTML 7Page - List of Unclassifed Manufacturers SPCA751A-P101 Datasheet HTML 8Page - List of Unclassifed Manufacturers SPCA751A-P101 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Preliminary
SPCA751A-P101
1
Description
The SPCA751A is a single chip signal processor optimized for MPEG audio decoding and voice recording. It is
developed to achieve a better performance/cost ratio for MPEG audio players.
The SPCA751A is especially designed for standalone audio players, the system controller can easily carry out the
MPEG audio decoding process by the use of a general serial IO/control interface for MPEG bit stream in/out and
playback control.
Decoded audio PCM data are output to external DAC through a programmable normal/I
2S DAC interface, such that
most of common audio DACs can be cooperated with SPCA751A to meet different customers' requirements.
A high quality 10-bit 8KHz sampling rate ADC is embedded for voice recording. Based on the algorithm of
SACM_S480 or SACM_S3200, voice is compressed to a low data rates of 4.8Kbps and 32Kbps respectively, while
retaining a good resolution of the original speech/audio.
The SPCA751A is designed for 3.3V applications, A built in PLL is able to synthesize the system clock from a
16.934MHz crystal oscillator source. The high performance SPCA751A signal processor can operate at 34MHz and
dissipate low power, which makes the SPCA751A extremely suitable for portable systems.
A common implementation utilizing the SPCA751A is presented below:
SPCA751A
Microphone
(8KHz 10bit)
Speaker
DC-DC
Converter
3.3V
System uP
(SPCP751A)
Key Scan
LCD
MPEG Audio Player System Block Diagram
AA battery x 1
Normal / I 2S
Audio DAC
FM / AM Tuner
CD Kit
DSA / I2C
CDdsp interface
PC parallel or
USB port
DRAM
ATAPI (CDROM/HD)
FLASH/Plug-in
Cards


Podobny numer części - SPCA751A-P101

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
SPCA701A ETC-SPCA701A Datasheet
145Kb / 16P
   DIGITAL VIDEO ENCODER FOR VIDEOCD
SPCA711A ETC1-SPCA711A Datasheet
133Kb / 20P
   DIGITAL VIDEO ENCODER FOR VIDEOCD
More results

Podobny opis - SPCA751A-P101

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LA7285 SANYO-LA7285 Datasheet
112Kb / 7P
   VCR Audio Signal Recording and Playback Processor
LA7286 SANYO-LA7286 Datasheet
213Kb / 10P
   VCR Audio Signal Recording and Playback Processor?
LA7282 SANYO-LA7282 Datasheet
153Kb / 7P
   VCR Audio Signal Recording / Playback Processor
LA7295 SANYO-LA7295 Datasheet
131Kb / 6P
   VTR Audio Signal Recording/ Playback Processor?
LA7096 SANYO-LA7096 Datasheet
209Kb / 5P
   VTR Audio Signal Recording/Playback Processor
logo
List of Unclassifed Man...
SPHE8200A ETC1-SPHE8200A Datasheet
1Mb / 40P
   DVD SINGLE CHIP MPEG A/V PROCESSOR
SPHE8281D ETC2-SPHE8281D Datasheet
532Kb / 35P
   DVD Single Chip MPEG A/V Processor
logo
Toshiba Semiconductor
TC9447F TOSHIBA-TC9447F Datasheet
635Kb / 44P
   Single-Chip Audio Digital Signal Processor
TC94A48FG TOSHIBA-TC94A48FG Datasheet
628Kb / 36P
   Single-chip Audio Digital Signal Processor
logo
Aplus Intergrated Circu...
APR9600 APLUS-APR9600 Datasheet
2Mb / 17P
   SINGLE-CHIP VOICE RECORDING & PLAYBACK DEVICE FOR SINGLE 60 SECOND MESSAGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com