Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CD4511BM Arkusz danych(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Numer części CD4511BM
Szczegółowy opis  BCD-to-7 Segment Latch/Decoder/Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NSC [National Semiconductor (TI)]
Strona internetowa  http://www.national.com
Logo NSC - National Semiconductor (TI)

CD4511BM Arkusz danych(HTML) 4 Page - National Semiconductor (TI)

  CD4511BM Datasheet HTML 1Page - National Semiconductor (TI) CD4511BM Datasheet HTML 2Page - National Semiconductor (TI) CD4511BM Datasheet HTML 3Page - National Semiconductor (TI) CD4511BM Datasheet HTML 4Page - National Semiconductor (TI) CD4511BM Datasheet HTML 5Page - National Semiconductor (TI) CD4511BM Datasheet HTML 6Page - National Semiconductor (TI) CD4511BM Datasheet HTML 7Page - National Semiconductor (TI) CD4511BM Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
AC Electrical Characteristics
TA e 25 C and CL e 50 pF typical temperature coefficient for all values of VDD e 03% C
Symbol
Parameter
Conditions
CD4511BX
Units
Min
Typ
Max
CIN
Input Capacitance
VIN e 0
50
75
pF
tr
Output Rise Time
VDD e 5V
40
80
ns
(Figure 1a)
VDD e 10V
30
60
ns
VDD e 15V
25
50
ns
tf
Output Fall Time
VDD e 5V
125
250
ns
(Figure 1a)
VDD e 10V
75
150
ns
VDD e 15V
65
130
ns
tPLH
Turn-Off Delay Time
VDD e 5V
640
1280
ns
(Data)
(Figure 1a)
VDD e 10V
250
500
ns
VDD e 15V
175
350
ns
tPHL
Turn-On Delay Time
VDD e 5V
720
1440
ns
(Data)
(Figure 1a)
VDD e 10V
290
580
ns
VDD e 15V
195
400
ns
tPLH
Turn-Off Delay Time
VDD e 5V
320
640
ns
(Blank)
(Figure 1a)
VDD e 10V
130
260
ns
VDD e 15V
100
200
ns
tPHL
Turn-On Delay Time
VDD e 5V
485
970
ns
(Blank)
(Figure 1a)
VDD e 10V
200
400
ns
VDD e 15V
160
320
ns
tPLH
Turn-Off Delay Time
VDD e 5V
313
625
ns
(Lamp Test)
(Figure 1a)
VDD e 10V
125
250
ns
VDD e 15V
90
180
ns
tPHL
Turn-On Delay Time
VDD e 5V
313
625
ns
(Lamp Test)
(Figure 1a)
VDD e 10V
125
250
ns
VDD e 15V
90
180
ns
tSETUP
Setup Time
VDD e 5V
180
90
ns
(Figure 1b)
VDD e 10V
76
38
ns
VDD e 15V
40
20
ns
tHOLD
Hold Time
VDD e 5V
0
b
90
ns
(Figure 1b)
VDD e 10V
0
b
38
ns
VDD e 15V
0
b
20
ns
PWLE
Minimum Latch Enable
VDD e 5V
520
260
ns
Pulse Width
(Figure 1c)
VDD e 10V
220
110
ns
VDD e 15V
130
65
ns
AC Parameters are guaranteed by DC correlated testing
4


Podobny numer części - CD4511BM

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
CD4511BMS INTERSIL-CD4511BMS Datasheet
134Kb / 11P
   CMOS BCD-to-7-Segment Latch Decoder Drivers
December 1992
More results

Podobny opis - CD4511BM

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
HEF4511B PHILIPS-HEF4511B Datasheet
108Kb / 11P
   BCD to 7-segment latch/decoder/driver
January 1995
logo
STMicroelectronics
M54HC4511 STMICROELECTRONICS-M54HC4511 Datasheet
269Kb / 13P
   BCD TO 7 SEGMENT LATCH/DECODER DRIVER
logo
Fairchild Semiconductor
CD4511BC FAIRCHILD-CD4511BC Datasheet
65Kb / 8P
   BCD-to-7 Segment Latch/Decoder/Driver
logo
National Semiconductor ...
MM74HC4511 NSC-MM74HC4511 Datasheet
140Kb / 6P
   BCD-to-7 Segment Latch/Decoder/Driver
logo
Nexperia B.V. All right...
HEF4543B NEXPERIA-HEF4543B Datasheet
239Kb / 13P
   BCD to 7-segment latch/decoder/driver
Rev. 8 - 24 November 2021
74HCT4511 NEXPERIA-74HCT4511 Datasheet
798Kb / 18P
   BCD to 7-segment latch/decoder/driver
Rev. 3 - 15 November 2016
logo
Toshiba Semiconductor
TC74HC4511AP TOSHIBA-TC74HC4511AP Datasheet
278Kb / 8P
   BCD-TO-7 SEGMENT LATCH/DECODER/DRIVER
logo
NXP Semiconductors
HEF4543B NXP-HEF4543B_09 Datasheet
107Kb / 16P
   BCD to 7-segment latch/decoder/driver
Rev. 05-27 October 2009
HEF4543B PHILIPS-HEF4543B_15 Datasheet
230Kb / 17P
   BCD to 7-segment latch/decoder/driver
Rev. 6-17 November 2011
HEF4543B PHILIPS-HEF4543B Datasheet
85Kb / 8P
   BCD to 7-segment latch/decoder/driver
January 1995
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com