Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SMA6864MZ Arkusz danych(PDF) 2 Page - Sanken electric

Numer części SMA6864MZ
Szczegółowy opis  High Voltage 3-Phase Motor Drivers
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANKEN [Sanken electric]
Strona internetowa  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SMA6864MZ Arkusz danych(HTML) 2 Page - Sanken electric

  SMA6864MZ Datasheet HTML 1Page - Sanken electric SMA6864MZ Datasheet HTML 2Page - Sanken electric SMA6864MZ Datasheet HTML 3Page - Sanken electric SMA6864MZ Datasheet HTML 4Page - Sanken electric SMA6864MZ Datasheet HTML 5Page - Sanken electric SMA6864MZ Datasheet HTML 6Page - Sanken electric SMA6864MZ Datasheet HTML 7Page - Sanken electric SMA6864MZ Datasheet HTML 8Page - Sanken electric SMA6864MZ Datasheet HTML 9Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
2
SANKEN ELECTRIC CO., LTD.
High Voltage 3-Phase Motor Drivers
SMA6860MZ Series
SMA6860MZ-DS, Rev. 5
Selection Guide
Part Number
MOSFET Breakdown
Voltage, VDSS(min)
(V)
Output Current
Continuous, IO(max)
(A)
Pulsed, IOP (max)
(A)
SMA6861MZ
250
2
3.0
SMA6862MZ
500
1.5
2.25
SMA6863MZ
500
2.5
3.75
SMA6864MZ
250
2.5
3.75
SMA6865MZ
500
2.5
3.75
All performance characteristics given are typical values for circuit or
system baseline design only and are at the nominal operating voltage and
an ambient temperature, TA, of 25°C, unless otherwise stated.
Absolute Maximum Ratings
, valid at TA = 25°C
Characteristic
Symbol
Remarks
Rating
Unit
MOSFET Breakdown Voltage
VDSS
SMA6861MZ
VCC = 15 V, ID = 100 μA, VIN = 0 V
250
V
SMA6862MZ
500
V
SMA6863MZ
500
V
SMA6864MZ
250
V
SMA6865MZ
500
V
Logic Supply Voltage
VCC
Between VCC and COM
20
V
Bootstrap Voltage
VBS
Between VB and HS (U,V, and W phases)
20
V
Output Current, Continuous
IO
SMA6861MZ
2
A
SMA6862MZ
1.5
A
SMA6863MZ
2.5
A
SMA6864MZ
2.5
A
SMA6865MZ
2.5
A
Output Current, Pulsed
IOP
SMA6861MZ
PW ≤ 100 μs, duty cycle = 1%
3.0
A
SMA6862MZ
2.25
A
SMA6863MZ
3.75
A
SMA6864MZ
3.75
A
SMA6865MZ
3.75
A
Input Voltage
VIN
HINx and LINx pins
–0.5 to 7
V
Pull-up Voltage for Shutdown Pins
VSDX
SDx pins
7
V
Pull-up Voltage for Overcurrent Limiting Pin
VOCL
7V
Allowable Power Dissipation
PD
TC = 25°C
28
W
Thermal Resistance (Junction to Case)
RθJC
All elements operating
4.46
°C/W
Thermal Resistance (Junction to Ambient)
RθJA
All elements operating
31.25
°C/W
Case Operating Temperature
TCOP
–20 to 100
°C
Storage Temperature
Tstg
–40 to 150
°C


Podobny numer części - SMA6864MZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanken electric
SMA6860M SANKEN-SMA6860M Datasheet
350Kb / 17P
   High Voltage 3-Phase Motor Drivers
SMA6860MH SANKEN-SMA6860MH Datasheet
1Mb / 52P
   500 V, 1 A to 3 A High Voltage 3-phase Motor Drivers
SMA6861M SANKEN-SMA6861M Datasheet
241Kb / 13P
   High Voltage 3-Phase Motor Driver
SMA6861M SANKEN-SMA6861M Datasheet
350Kb / 17P
   High Voltage 3-Phase Motor Drivers
SMA6862M SANKEN-SMA6862M Datasheet
237Kb / 13P
   High Voltage 3-Phase Motor Driver
More results

Podobny opis - SMA6864MZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanken electric
SMA6820MH SANKEN-SMA6820MH Datasheet
185Kb / 11P
   High Voltage 3-Phase Motor Drivers
logo
Allegro MicroSystems
SMA6820MP ALLEGRO-SMA6820MP Datasheet
301Kb / 13P
   High Voltage 3-Phase Motor Drivers
logo
Sanken electric
SMA6850M SANKEN-SMA6850M Datasheet
334Kb / 15P
   High Voltage 3-Phase Motor Drivers
SMA6860M SANKEN-SMA6860M Datasheet
350Kb / 17P
   High Voltage 3-Phase Motor Drivers
logo
Allegro MicroSystems
SLA6860M ALLEGRO-SLA6860M Datasheet
334Kb / 17P
   High Voltage 3-Phase Motor Drivers
logo
Sanken electric
SLA6820M SANKEN-SLA6820M Datasheet
309Kb / 14P
   High Voltage 3-Phase Motor Drivers
SLA6868MZ SANKEN-SLA6868MZ Datasheet
262Kb / 18P
   High Voltage 3-Phase Motor Drivers
logo
Allegro MicroSystems
SX68000M ALLEGRO-SX68000M Datasheet
515Kb / 15P
   High Voltage 3-Phase Motor Drivers
SLA6870MZ ALLEGRO-SLA6870MZ Datasheet
371Kb / 19P
   High Voltage 3-Phase Motor Drivers
logo
Sanken electric
SX68000MH SANKEN-SX68000MH Datasheet
333Kb / 13P
   High Voltage 3-Phase Motor Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com