Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM36274YFFR Arkusz danych(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Numer części LM36274YFFR
Szczegółowy opis  Integrated Backlight Driver With Integrated LCD Bias
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

LM36274YFFR Arkusz danych(HTML) 6 Page - Texas Instruments

  LM36274YFFR Datasheet HTML 1Page - Texas Instruments LM36274YFFR Datasheet HTML 2Page - Texas Instruments LM36274YFFR Datasheet HTML 3Page - Texas Instruments LM36274YFFR Datasheet HTML 4Page - Texas Instruments LM36274YFFR Datasheet HTML 5Page - Texas Instruments LM36274YFFR Datasheet HTML 6Page - Texas Instruments LM36274YFFR Datasheet HTML 7Page - Texas Instruments LM36274YFFR Datasheet HTML 8Page - Texas Instruments LM36274YFFR Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
TAPE AND REEL INFORMATION
*All dimensions are nominal
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
LM36274YFFR
DSBGA
YFF
24
3000
180.0
8.4
1.72
2.51
0.69
4.0
8.0
Q1
PACKAGE MATERIALS INFORMATION
www.ti.com
24-Mar-2016
Pack Materials-Page 1


Podobny numer części - LM36274YFFR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LM36272 TI1-LM36272 Datasheet
695Kb / 9P
[Old version datasheet]   Integrated Backlight Driver With Integrated LCD Bias
LM36272YFFR TI1-LM36272YFFR Datasheet
695Kb / 9P
[Old version datasheet]   Integrated Backlight Driver With Integrated LCD Bias
LM36273 TI1-LM36273 Datasheet
695Kb / 9P
[Old version datasheet]   Integrated Backlight Driver With Integrated LCD Bias
LM36273YFFR TI1-LM36273YFFR Datasheet
695Kb / 9P
[Old version datasheet]   Integrated Backlight Driver With Integrated LCD Bias
More results

Podobny opis - LM36274YFFR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LM36272 TI1-LM36272 Datasheet
695Kb / 9P
[Old version datasheet]   Integrated Backlight Driver With Integrated LCD Bias
LM36273 TI1-LM36273 Datasheet
695Kb / 9P
[Old version datasheet]   Integrated Backlight Driver With Integrated LCD Bias
TPS65142 TI1-TPS65142 Datasheet
2Mb / 32P
[Old version datasheet]   LCD Bias Power Integrated with WLED Backlight Drivers
TPS65154 TI1-TPS65154 Datasheet
2Mb / 87P
[Old version datasheet]   LCD Bias IC with Integrated WLED Driver
logo
Micrel Semiconductor
SY88422L MICREL-SY88422L_10 Datasheet
397Kb / 10P
   4.25Gbps Laser Driver with Integrated Bias
logo
Texas Instruments
TPS65163 TI1-TPS65163 Datasheet
1Mb / 43P
[Old version datasheet]   LCD Bias Supply With Integrated Level Shifters
logo
Micrel Semiconductor
SY88422L MICREL-SY88422L Datasheet
426Kb / 10P
   4.25Gbps Laser Driver with Integrated Bias
logo
Global Mixed-mode Techn...
G2523 GMT-G2523 Datasheet
197Kb / 2P
   Integrated LCD Bias Power Supply
logo
Fairchild Semiconductor
FAN7310 FAIRCHILD-FAN7310_07 Datasheet
99Kb / 3P
   LCD Backlight Inverter Drive Integrated Circuit
logo
Maxim Integrated Produc...
MAX3940 MAXIM-MAX3940 Datasheet
355Kb / 13P
   10Gbps EAM Driver with Integrated Bias Network
Rev 0; 1/03
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com