Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM36922H Arkusz danych(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Numer części LM36922H
Szczegółowy opis  Highly Efficient Dual-String White LED Driver
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

LM36922H Arkusz danych(HTML) 10 Page - Texas Instruments

Back Button LM36922H Datasheet HTML 6Page - Texas Instruments LM36922H Datasheet HTML 7Page - Texas Instruments LM36922H Datasheet HTML 8Page - Texas Instruments LM36922H Datasheet HTML 9Page - Texas Instruments LM36922H Datasheet HTML 10Page - Texas Instruments LM36922H Datasheet HTML 11Page - Texas Instruments LM36922H Datasheet HTML 12Page - Texas Instruments LM36922H Datasheet HTML 13Page - Texas Instruments LM36922H Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 46 page
background image
Current Sinks
Boost Control
Overvoltage
Protection
17V
24V
32V
38V
PWM Sample Rate
800kHz
4MHz
24MHz
PWM Sampler
I2C Interface
Boost Switching
Frequency
1MHz
800kHz
500kHz
400kHz
250kHz
200kHz
LED Current
Mapping
Exponential
Linear
LED Current Ramping
No ramp
0.125ms/step
0.25ms/step
0.5ms/step
1ms/step
2ms/step
4ms/step
8ms/step
16ms/step
Min Headroom
Select
Adaptive
Headroom
Fault Detection
Overvoltage
LED String Short
LED String Open
Current Limit
Thermal Shutdown
Thermal
Shutdown
135
oC
0.29
Ÿ
Auto
Frequency
Mode
Boost Current
Limit
750mA
1000mA
1250mA
1500mA
11 Bit
Brightness
Code
LED String
Enables
SW
OVP
LED1
LED2
PWM
SCL
SDA
IN
HWEN
GND
ASEL
I2C Address
Select
OVP
TSD
OCP
LED
Fault
10
LM36922H
SNVSAF2A – FEBRUARY 2016 – REVISED FEBRUARY 2016
www.ti.com
Product Folder Links: LM36922H
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
7 Detailed Description
7.1 Overview
The LM36922H is an inductive boost plus two current sinks white-LED driver designed for powering from one to
two strings of white LEDs used in display backlighting. The device operates over the 2.5-V to 5.5-V input voltage
range. The 11-bit LED current is set via an I2C interface, via a logic level PWM input, or a combination of both.
7.2 Functional Block Diagram


Podobny numer części - LM36922H

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LM36923 TI1-LM36923 Datasheet
1Mb / 47P
[Old version datasheet]   Highly Efficient Triple-String White LED Driver
LM36923H TI1-LM36923H Datasheet
1Mb / 47P
[Old version datasheet]   Highly Efficient Triple-String White LED Driver
LM36923HYFFR TI1-LM36923HYFFR Datasheet
1Mb / 47P
[Old version datasheet]   Highly Efficient Triple-String White LED Driver
LM36923YFFR TI1-LM36923YFFR Datasheet
1Mb / 47P
[Old version datasheet]   Highly Efficient Triple-String White LED Driver
More results

Podobny opis - LM36922H

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LM36923H TI1-LM36923H Datasheet
1Mb / 47P
[Old version datasheet]   Highly Efficient Triple-String White LED Driver
LM3630A TI1-LM3630A_15 Datasheet
1Mb / 51P
[Old version datasheet]   High-Efficiency Dual-String White LED Driver
logo
Eutech Microelectronics...
EUP2990 EUTECH-EUP2990 Datasheet
681Kb / 1P
   6 String White LED Driver
logo
Analog Devices
ADD5207 AD-ADD5207 Datasheet
428Kb / 16P
   Four-String, White LED Driver
REV. A
ADD5205 AD-ADD5205 Datasheet
441Kb / 16P
   Four-String White LED Driver
REV. 0
logo
Texas Instruments
LM3630A TI-LM3630A Datasheet
520Kb / 45P
[Old version datasheet]   LM3630A High-Efficiency Dual-String White LED Driver
logo
Alpha & Omega Semicondu...
AOZ1960 AOSMD-AOZ1960 Datasheet
911Kb / 20P
   Multi-String Boost White LED Driver
logo
Eutech Microelectronics...
EUP2592 EUTECH-EUP2592 Datasheet
53Kb / 1P
   8-String White LED Driver for LCD 8-String White LED Driver for LCD
logo
Monolithic Power System...
MP3384L MPS-MP3384L Datasheet
312Kb / 12P
   50V, 4-String, White LED Driver
MP3386 MPS-MP3386 Datasheet
315Kb / 14P
   50V, 6 String White LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com