Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AM10CW-4815D-NZ Arkusz danych(PDF) 2 Page - AIMTEC

Numer części AM10CW-4815D-NZ
Szczegółowy opis  10 Watt | DC-DC Converter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AIMTEC [AIMTEC]
Strona internetowa  https://aimtec.com
Logo AIMTEC - AIMTEC

AM10CW-4815D-NZ Arkusz danych(HTML) 2 Page - AIMTEC

  AM10CW-4815D-NZ Datasheet HTML 1Page - AIMTEC AM10CW-4815D-NZ Datasheet HTML 2Page - AIMTEC AM10CW-4815D-NZ Datasheet HTML 3Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Series AM10CW-NZ
10 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R13
2 of 3
North America only
Isolation Specifications
Parameters
Conditions
Typical
Maximum
Units
Tested I/O voltage
60 sec, <1mA
1500
VDC
Resistance
500VDC
>1000
MOhm
Capacitance
I/O, 100KHz/0.1V
1000
pF
Output Specifications
Parameters
Conditions
Typical
Maximum
Units
Voltage accuracy
5% to 100% load
±2
±3
%
Voltage balance (Dual Output Models)
Balanced Load
±1.5
%
Over voltage protection
110-160
% of Vout
Over current protection
110-190
% of Iout
Short Circuit protection
Continuous
Short circuit restart
Auto-Recovery
Line voltage regulation (Single)
Full load, LL to HL
±0.5
% of Vin
Line voltage regulation (Dual)
Full load, LL to HL
±1
% of Vin
Load voltage regulation (Single)
5% to 100% load
±1
%
Load voltage regulation (Dual)
5% to 100% load
±1.5
%
Cross Regulation (Dual Output Models)
50% load on one output & 10-100%
load on second load
±5
%
Temperature coefficient
100% load
±0.03
%/oC
Ripple & Noise
20MHz Bandwidth, 5-100% load
80
mV p-p
Transient recovery time
25% load step change
500
µs
Transient recovery deviation
25% load step change
±5
%
General Specifications
Parameters
Conditions
Typical
Maximum
Units
Switching frequency
100% load
350
KHz
Operating temperature
See derating curve
-40 to +85
oC
Storage temperature
-55 to +125
oC
Maximum case temperature
100
oC
Cooling
Free air convection
Humidity
95
% RH
Case material
Aluminum Alloy
Weight
15
g
Dimensions (L x W x H)
1 x 1 x 0.46 inches
25.40 x 25.40 x 11.70 mm
MTBF
>1,000,000 hours (MIL-HDBK -217F, Ground Benign, t=+25
oC)
Maximum soldering temperature
1.5mm from case for 10 sec
300
oC
Environmental Specifications
Parameters
Vibration
Test mode
10-55Hz
Acceleration
10G, 30min one cycle, every axis tested
Safety Specifications
Parameters
Approval
CE, UL, pending
Standards
EN 55022, class B (with the recommended EMC circuit)
Electrostatic Discharge Immunity
IEC 61000-4-2, Contact ±4KV, Criteria B
RF, Electromagnetic Field Immunity
IEC 61000-4-3, 10V/m, Criteria A
Electrical Fast Transient / Burst Immunity
IEC 61000-4-4, ±2KV, Criteria B (with the recommended EMC circuit)
Surge Immunity
IEC 61000-4-5, ±2KV, Criteria B (with the recommended EMC circuit)
RF, Conducted Disturbance Immunity
IEC 61000-4-6, 3 Vrms, Criteria A
Voltage dips, Short Interruptions & Voltage
variations Immunity
IEC 61000-4-29: 0-70%, Criteria B


Podobny numer części - AM10CW-4815D-NZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AIMTEC
AM10CW-4815S-FZ AIMTEC-AM10CW-4815S-FZ Datasheet
121Kb / 3P
   10 Watt | DC-DC Converter
More results

Podobny opis - AM10CW-4815D-NZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AIMTEC
AM10T-IZ AIMTEC-AM10T-IZ Datasheet
265Kb / 3P
   10 Watt | DC-DC Converter
AM10C-FZ AIMTEC-AM10C-FZ Datasheet
123Kb / 3P
   10 Watt | DC-DC Converter
AM10CW-FZ AIMTEC-AM10CW-FZ Datasheet
121Kb / 3P
   10 Watt | DC-DC Converter
AM10TW-I-Z AIMTEC-AM10TW-I-Z Datasheet
268Kb / 3P
   10 Watt | DC-DC Converter
AM10W-NZ AIMTEC-AM10W-NZ Datasheet
149Kb / 4P
   10 Watt | DC-DC Converter
AM10E-Z AIMTEC-AM10E-Z Datasheet
172Kb / 4P
   10 Watt | DC-DC Converter
AM10EW-Z AIMTEC-AM10EW-Z_13 Datasheet
299Kb / 3P
   10 Watt | DC-DC Converter
AM10E-Z AIMTEC-AM10E-Z_13 Datasheet
502Kb / 4P
   10 Watt | DC-DC Converter
AM10EW-Z AIMTEC-AM10EW-Z Datasheet
285Kb / 3P
   10 Watt | DC-DC Converter
AM10EW-NZ AIMTEC-AM10EW-NZ Datasheet
331Kb / 3P
   10 Watt | DC-DC Converter
logo
Wall Industries,Inc.
EJR WALL-EJR Datasheet
127Kb / 3P
   10 Watt DC/DC Converter
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com