Zakładka z wyszukiwarką danych komponentów |
|
AD8451-EVALZ Arkusz danych(PDF) 5 Page - Analog Devices |
|
AD8451-EVALZ Arkusz danych(HTML) 5 Page - Analog Devices |
5 / 32 page Data Sheet AD8451 Parameter Test Conditions/Comments Min Typ Max Unit Voltage Noise f = 1 kHz 10 nV/√Hz Voltage Noise, Peak to Peak f = 0.1 Hz to 10 Hz 0.3 µV p-p Current Noise f = 1 kHz, CV buffer only 80 fA/√Hz Current Noise, Peak to Peak f = 0.1 Hz to 10 Hz 5 pA p-p Small Signal −3 dB Bandwidth 3 MHz Slew Rate ΔVOUT = 10 V 1 V/µs VOLTAGE REFERENCE Nominal Output Voltage With respect to AGND 2.5 V Output Voltage Error ±1 % Temperature Drift TA = TMIN to TMAX 10 ppm/°C Line Regulation ΔVS = 10 V 40 ppm/V Load Regulation ΔIVREF = 1 mA (source only) 400 ppm/mA Output Current, Sourcing 10 mA Voltage Noise f = 1 kHz 100 nV/√Hz Voltage Noise, Peak to Peak f = 0.1 Hz to 10 Hz 5 µV p-p DIGITAL INTERFACE, MODE INPUT MODE pin (Pin 39) Input Voltage High, VIH With respect to DGND 2.0 DVCC V Input Voltage Low, VIL With respect to DGND DGND 0.8 V Mode Switching Time 500 ns POWER SUPPLY Operating Voltage Range AVCC 5 36 V AVEE −31 0 V Analog Supply Range AVCC − AVEE 5 36 V DVCC 3 5 V Quiescent Current AVCC 7 10 mA AVEE 6.5 10 mA DVCC 40 70 µA TEMPERATURE RANGE For Specified Performance −40 +85 °C Operational −55 +125 °C Rev. 0 | Page 5 of 32 |
Podobny numer części - AD8451-EVALZ |
|
Podobny opis - AD8451-EVALZ |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |