Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADG5401BCPZ-RL7 Arkusz danych(PDF) 8 Page - Analog Devices

Numer części ADG5401BCPZ-RL7
Szczegółowy opis  High Voltage Latch-Up Proof, Single SPST Switch
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADG5401BCPZ-RL7 Arkusz danych(HTML) 8 Page - Analog Devices

Back Button ADG5401BCPZ-RL7 Datasheet HTML 4Page - Analog Devices ADG5401BCPZ-RL7 Datasheet HTML 5Page - Analog Devices ADG5401BCPZ-RL7 Datasheet HTML 6Page - Analog Devices ADG5401BCPZ-RL7 Datasheet HTML 7Page - Analog Devices ADG5401BCPZ-RL7 Datasheet HTML 8Page - Analog Devices ADG5401BCPZ-RL7 Datasheet HTML 9Page - Analog Devices ADG5401BCPZ-RL7 Datasheet HTML 10Page - Analog Devices ADG5401BCPZ-RL7 Datasheet HTML 11Page - Analog Devices ADG5401BCPZ-RL7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
ADG5401
Data Sheet
Rev. A | Page 8 of 17
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Table 6.
Parameter
Rating
VDD to VSS
48 V
VDD to GND
−0.3 V to +48 V
VSS to GND
+0.3 V to −48 V
Analog Inputs1
VSS − 0.3 V to VDD + 0.3 V or
30 mA, whichever occurs first
Digital Inputs1
VSS − 0.3 V to VDD + 0.3 V or
30 mA, whichever occurs first
Peak Current, S or D Pin
630 mA (pulsed at 1 ms,
10% duty cycle maximum)
Continuous Current, S or D2
Data + 15%
Temperature Range
Operating
−40°C to +125°C
Storage
−65°C to +150°C
Junction Temperature
150°C
Thermal Impedance, θJA
8-Lead MSOP (4-Layer Board)
133.1°C/W
8-Lead LFCSP
60.88°C/W
Reflow Soldering Peak
Temperature, Pb Free
As per JEDEC J-STD-020
Human Body Model (HBM) ESD
8 kV
1 Overvoltages at the IN, S, and D pins are clamped by internal diodes. Limit
current to the maximum ratings given.
2 See Table 5.
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
Only one absolute maximum rating can be applied at any
one time.
ESD CAUTION


Podobny numer części - ADG5401BCPZ-RL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADG5401F AD-ADG5401F Datasheet
566Kb / 32P
   Fault Protection, 6 廓 RON, SPST Switch with 0.6 k廓 Feedback Channel
ADG5401F AD-ADG5401F Datasheet
587Kb / 31P
   짹60 V Fault Protection and Detection, 11 廓 RON, Dual SPST Switch
ADG5401FBCPZ-RL7 AD-ADG5401FBCPZ-RL7 Datasheet
566Kb / 32P
   Fault Protection, 6 廓 RON, SPST Switch with 0.6 k廓 Feedback Channel
More results

Podobny opis - ADG5401BCPZ-RL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADG5412 AD-ADG5412_11 Datasheet
340Kb / 20P
   High Voltage Latch-Up Proof, Quad SPST Switches
REV. A
ADG5419 AD-ADG5419 Datasheet
309Kb / 19P
   High Voltage Latch-Up Proof, Single SPDT Switch
ADG5421 AD-ADG5421 Datasheet
386Kb / 20P
   High Voltage Latch-Up Proof, Dual SPST Switches
REV. 0
ADG5412 AD-ADG5412 Datasheet
314Kb / 20P
   High Voltage Latch-Up Proof, Quad SPST Switches
REV. 0
ADG5233 AD-ADG5233 Datasheet
360Kb / 24P
   High Voltage Latch-Up Proof
REV. A
ADG5208 AD-ADG5208 Datasheet
366Kb / 24P
   High Voltage, Latch-Up Proof
REV. A
ADG5236 AD-ADG5236 Datasheet
400Kb / 20P
   High Voltage Latch-Up Proof
REV. A
ADG5212 AD-ADG5212 Datasheet
339Kb / 20P
   High Voltage Latch-Up Proof, Quad SPST Switches 0.07 pC charge injection
REV. 0
ADG5436 AD-ADG5436_11 Datasheet
394Kb / 20P
   High Voltage Latch-Up Proof, Dual SPDT Switches
REV. A
ADG5404 AD-ADG5404 Datasheet
332Kb / 20P
   High Voltage, Latch-up Proof, 4-Channel Multiplexer
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com