Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADG5412BFBRUZ-RL7 Arkusz danych(PDF) 7 Page - Analog Devices

Numer części ADG5412BFBRUZ-RL7
Szczegółowy opis  Bidirectional Fault Protection and Detection, 10 ohm RON, Quad SPST Switches
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADG5412BFBRUZ-RL7 Arkusz danych(HTML) 7 Page - Analog Devices

Back Button ADG5412BFBRUZ-RL7 Datasheet HTML 3Page - Analog Devices ADG5412BFBRUZ-RL7 Datasheet HTML 4Page - Analog Devices ADG5412BFBRUZ-RL7 Datasheet HTML 5Page - Analog Devices ADG5412BFBRUZ-RL7 Datasheet HTML 6Page - Analog Devices ADG5412BFBRUZ-RL7 Datasheet HTML 7Page - Analog Devices ADG5412BFBRUZ-RL7 Datasheet HTML 8Page - Analog Devices ADG5412BFBRUZ-RL7 Datasheet HTML 9Page - Analog Devices ADG5412BFBRUZ-RL7 Datasheet HTML 10Page - Analog Devices ADG5412BFBRUZ-RL7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
Data Sheet
ADG5412BF/ADG5413BF
Rev. B | Page 7 of 28
12 V SINGLE-SUPPLY
VDD = 12 V ± 10%, VSS = 0 V, GND = 0 V, CDECOUPLING = 0.1 μF, unless otherwise noted.
Table 3.
Parameter
+25°C
−40°C to
+85°C
−40°C to
+125°C
Unit
Test Conditions/Comments
ANALOG SWITCH
VDD = 10.8 V, VSS = 0 V, see Figure 32
Analog Signal Range
0 V to VDD
V
On Resistance, RON
22
Ω typ
VS = 0 V to 10 V, IS = −10 mA
24.5
31
37
Ω max
10
Ω typ
VS = 3.5 V to 8.5 V, IS = −10 mA
11.2
14
16.5
Ω max
On-Resistance Match Between Channels, ∆RON
0.05
Ω typ
VS = 0 V to 10 V, IS = −10 mA
0.5
0.6
0.7
Ω max
0.05
Ω typ
VS = 3.5 V to 8.5 V, IS = −10 mA
0.5
0.6
0.7
Ω max
On-Resistance Flatness, RFLAT(ON)
12.5
Ω typ
VS = 0 V to 10 V, IS = −10 mA
14.5
19
23
Ω max
0.6
Ω typ
VS = 3.5 V to 8.5 V, IS = −10 mA
0.9
1.1
1.3
Ω max
Threshold Voltage, VT
0.7
V typ
See Figure 28
LEAKAGE CURRENTS
VDD = 13.2 V, VSS = 0 V
Source Off Leakage, IS (Off )
±0.1
nA typ
VS = 1 V/10 V, VD = 10 V/1 V, see Figure 33
±1.5
±5.5
±24
nA max
Drain Off Leakage, ID (Off )
±0.1
nA typ
VS = 1 V/10 V, VD = 10 V/1 V, see Figure 33
±1.5
±5.5
±20
nA max
Channel On Leakage, ID (On), IS (On)
±0.3
nA typ
VS = VD = 1 V/10 V, see Figure 34
±2.0
±2.5
±5.5
nA max
FAULT
Input Leakage Current, IS or ID
With Overvoltage
±78
μA typ
VDD = 13.2 V, VSS = 0 V, GND = 0 V, VS or
VD = ±55 V, see Figure 37
Power Supplies Grounded or Floating
±40
μA typ
VDD = 0 V or floating, VSS = 0 V or floating,
GND = 0 V, INx = 0 V or floating, VS or
VD = ±55 V, see Figure 38
Output Leakage Current, IS or ID
With Overvoltage
±20
nA typ
VDD = 13.2 V, VSS = 0 V, GND = 0 V, VS or
VD = ±55 V, see Figure 37
±200
±250
±250
nA max
Power Supplies Grounded
±10
nA typ
VDD = 0 V, VSS = 0 V, GND = 0 V, VS or VD =
±55 V, INx = 0 V, see Figure 38
±30
±50
±100
nA max
Power Supplies Floating
±10
±10
±10
μA typ
VDD = floating, VSS = floating, GND = 0 V,
VS or VD = ±55 V, INx = 0 V, see Figure 38
DIGITAL INPUTS
Input Voltage
High, VINH
2.0
V min
Low, VINL
0.8
V max
Input Current, IINL or IINH
0.7
μA typ
VIN = VGND or VDD
1.2
μA max
Digital Input Capacitance, CIN
5.0
pF typ
Output Voltage
High, VOH
2.0
V min
Low, VOL
0.8
V max


Podobny numer części - ADG5412BFBRUZ-RL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADG5412BF AD-ADG5412BF Datasheet
587Kb / 31P
   짹60 V Fault Protection and Detection, 11 廓 RON, Dual SPST Switch
More results

Podobny opis - ADG5412BFBRUZ-RL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADG5412F AD-ADG5412F Datasheet
581Kb / 28P
   Fault Protection and Detection, 10 ohm RON, Quad SPST Switches
ADG5436F AD-ADG5436F Datasheet
1Mb / 30P
   Fault Protection and Detection, 10 ohm RON, Dual SPDT Switch
ADG5404F AD-ADG5404F Datasheet
560Kb / 30P
   Fault Protection and Detection, 10 ohm RON, 4-Channel Multiplexer
ADG5462F AD-ADG5462F Datasheet
634Kb / 29P
   User Defined Fault Protection and Detection,10 廓 RON, Quad Channel Protector
ADG5421F AD-ADG5421F Datasheet
587Kb / 31P
   짹60 V Fault Protection and Detection, 11 廓 RON, Dual SPST Switch
ADG7421F AD-ADG7421F Datasheet
1Mb / 30P
   Low Voltage Fault Protection and Detection, 12 廓 RON, Dual SPST Switch
ADG451 AD-ADG451 Datasheet
161Kb / 12P
   LC2MOS 5 ohm RON SPST Switches
REV. A
logo
Maxim Integrated Produc...
MAX312 MAXIM-MAX312_02 Datasheet
662Kb / 12P
   10 OHM, Quad, SPST, CMOS Analog Switches
Rev 2; 7/02
logo
ON Semiconductor
NLAS5213 ONSEMI-NLAS5213 Datasheet
139Kb / 11P
   1??RON DPST and Dual SPST Switches
January, 2009 ??Rev. 2
logo
Maxim Integrated Produc...
MAX4711 MAXIM-MAX4711 Datasheet
411Kb / 17P
   Fault-Protected, Low-Voltage, Quad SPST Analog Switches
Rev 1; 11/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com