Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADG5419BCPZ-RL7 Arkusz danych(PDF) 6 Page - Analog Devices

Numer części ADG5419BCPZ-RL7
Szczegółowy opis  High Voltage Latch-Up Proof, Single SPDT Switch
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADG5419BCPZ-RL7 Arkusz danych(HTML) 6 Page - Analog Devices

Back Button ADG5419BCPZ-RL7 Datasheet HTML 2Page - Analog Devices ADG5419BCPZ-RL7 Datasheet HTML 3Page - Analog Devices ADG5419BCPZ-RL7 Datasheet HTML 4Page - Analog Devices ADG5419BCPZ-RL7 Datasheet HTML 5Page - Analog Devices ADG5419BCPZ-RL7 Datasheet HTML 6Page - Analog Devices ADG5419BCPZ-RL7 Datasheet HTML 7Page - Analog Devices ADG5419BCPZ-RL7 Datasheet HTML 8Page - Analog Devices ADG5419BCPZ-RL7 Datasheet HTML 9Page - Analog Devices ADG5419BCPZ-RL7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
ADG5419
Data Sheet
Rev. A | Page 6 of 19
36 V SINGLE SUPPLY
VDD = 36 V ± 10%, VSS = 0 V, GND = 0 V, unless otherwise noted.
Table 4.
Parameter
25°C
−40°C to +85°C
−40°C to +125°C
Unit
Test Conditions/Comments
ANALOG SWITCH
Analog Signal Range
0 V to VDD
V
On Resistance, RON
14.5
Ω typ
VS = 0 V to 30 V, IS = −10 mA; see
Figure 27
16
20
24
Ω max
VDD = 32.4 V, VSS = 0 V
On-Resistance Match Between Channels,
∆RON
0.1
Ω typ
VS = 0 V to 30 V, IS = −10 mA
0.8
1.3
1.4
Ω max
On-Resistance Flatness, RFLAT (ON)
3.5
Ω typ
VS = 0 V to 30 V, IS = −10 mA
4.3
5.5
6.5
Ω max
LEAKAGE CURRENTS
VDD = 39.6 V, VSS = 0 V
Source Off Leakage, IS (Off)
±0.1
nA typ
VS = 1 V to 30 V, VD = 30 V to 1 V; see Figure 24
and Figure 25
±0.25
±1
±10
nA max
Drain Off Leakage, ID (Off)
±0.1
nA typ
VS = 1V to 30 V, VD = 30 V to 1V; see Figure 25
±0.4
±4
±10
nA max
Channel On Leakage, ID (On), IS (On)
±0.1
nA typ
VS = VD = 1 V to 30 V;
see Figure 24 and Figure 26
±0.4
±4
±10
nA max
DIGITAL INPUTS
Input High Voltage, VINH
2.0
V min
Input Low Voltage, VINL
0.8
V max
Input Current, IINL or IINH
0.002
μA typ
VIN = VGND or VDD
±0.1
μA max
Digital Input Capacitance, CIN
6
pF typ
DYNAMIC CHARACTERISTICS1
Transition Time, tTRANSITION
216
ns typ
RL = 300 Ω, CL = 35 pF
250
286
310
ns max
VS = 18 V; see Figure 32
tON (EN)
199
ns typ
RL = 300 Ω, CL = 35 pF
232
279
315
ns max
VS = 18 V; see Figure 33
tOFF (EN)
160
ns typ
RL = 300 Ω, CL = 35 pF
193
284
315
ns max
VS = 18 V; see Figure 33
Break-Before-Make Time Delay, tD
80
ns typ
RL = 300 Ω, CL = 35 pF
47
ns min
VS = 18 V; see Figure 34
Charge Injection, QINJ
135
pC typ
VS = 18 V, RS = 0 Ω, CL = 1 nF; see
Figure 35
Off Isolation
−60
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz; see
Figure 29
Channel-to-Channel Crosstalk
−80
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz; see
Figure 28
Total Harmonic Distortion + Noise
0.01
% typ
RL = 1 kΩ, 18 V p-p, f = 20 Hz to 20 kHz; see
Figure 30
−3 dB Bandwidth
170
MHz typ
RL = 50 Ω, CL = 5 pF; see Figure 31
Insertion Loss
−1
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz;
see Figure 31
CS (Off)
14
pF typ
VS = 18 V, f = 1 MHz
CD (Off)
26
pF typ
VS = 0 V, f = 1 MHz
CD (On), CS (On)
50
pF typ
VS = 18 V, f = 1 MHz
POWER REQUIREMENTS
VDD = 39.6 V
IDD
80
μA typ
Digital inputs = 0 V or VDD
100
130
μA max
VDD
9/40
V min/V max
GND = 0 V, VSS = 0 V
1 Guaranteed by design; not subject to production test.


Podobny numer części - ADG5419BCPZ-RL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADG5412 AD-ADG5412 Datasheet
314Kb / 20P
   High Voltage Latch-Up Proof, Quad SPST Switches
REV. 0
ADG5412 AD-ADG5412 Datasheet
340Kb / 20P
   High Voltage Latch-Up Proof, Quad SPST Switches
REV. A
ADG5412BCPZ-REEL7 AD-ADG5412BCPZ-REEL7 Datasheet
314Kb / 20P
   High Voltage Latch-Up Proof, Quad SPST Switches
REV. 0
ADG5412BCPZ-REEL7 AD-ADG5412BCPZ-REEL7 Datasheet
340Kb / 20P
   High Voltage Latch-Up Proof, Quad SPST Switches
REV. A
ADG5412BF AD-ADG5412BF Datasheet
583Kb / 28P
   Bidirectional Fault Protection and Detection, 10 ohm RON, Quad SPST Switches
More results

Podobny opis - ADG5419BCPZ-RL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADG5401 AD-ADG5401 Datasheet
375Kb / 17P
   High Voltage Latch-Up Proof, Single SPST Switch
ADG5436 AD-ADG5436_11 Datasheet
394Kb / 20P
   High Voltage Latch-Up Proof, Dual SPDT Switches
REV. A
ADG5433W AD-ADG5433W Datasheet
385Kb / 20P
   High Voltage, Latch-Up Proof, Triple SPDT Switches
ADG5436 AD-ADG5436 Datasheet
306Kb / 20P
   High Voltage Latch-Up Proof, Dual SPDT Switches
REV. 0
ADG5433WBRUZ AD-ADG5433WBRUZ Datasheet
425Kb / 24P
   High Voltage Latch-Up Proof, Triple/Quad SPDT Switches
REV. C
ADG5433 AD-ADG5433 Datasheet
378Kb / 24P
   High Voltage Latch-Up Proof, Triple/Quad SPDT Switches
REV. B
ADG5233 AD-ADG5233 Datasheet
360Kb / 24P
   High Voltage Latch-Up Proof
REV. A
ADG5208 AD-ADG5208 Datasheet
366Kb / 24P
   High Voltage, Latch-Up Proof
REV. A
ADG5236 AD-ADG5236 Datasheet
400Kb / 20P
   High Voltage Latch-Up Proof
REV. A
ADG5412 AD-ADG5412_11 Datasheet
340Kb / 20P
   High Voltage Latch-Up Proof, Quad SPST Switches
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com