Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADUC7124 Arkusz danych(PDF) 8 Page - Analog Devices

Numer części ADUC7124
Szczegółowy opis  Precision Analog Microcontroller, 12-Bit Analog I/O, Large Memory, ARM7TDMI MCU with Enhanced IRQ Handler
Download  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADUC7124 Arkusz danych(HTML) 8 Page - Analog Devices

Back Button ADUC7124_14 Datasheet HTML 4Page - Analog Devices ADUC7124_14 Datasheet HTML 5Page - Analog Devices ADUC7124_14 Datasheet HTML 6Page - Analog Devices ADUC7124_14 Datasheet HTML 7Page - Analog Devices ADUC7124_14 Datasheet HTML 8Page - Analog Devices ADUC7124_14 Datasheet HTML 9Page - Analog Devices ADUC7124_14 Datasheet HTML 10Page - Analog Devices ADUC7124_14 Datasheet HTML 11Page - Analog Devices ADUC7124_14 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 110 page
background image
ADuC7124/ADuC7126
Data Sheet
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
LOGIC INPUTS3
All logic inputs excluding XCLKI
VINL, Input Low Voltage
0.8
V
VINH, Input High Voltage
2.0
V
LOGIC OUTPUTS
All digital outputs excluding XCLKO
VOH, Output High Voltage
2.4
V
ISOURCE = 1.6 mA
VOL, Output Low Voltage11
0.4
V
ISINK = 1.6 mA
CRYSTAL INPUTS XCLKI and XCLKO
Logic Inputs, XCLKI Only
VINL, Input Low Voltage
0.8
V
VINH, Input High Voltage
1.6
V
XCLKI Input Capacitance
20
pF
XCLKO Output Capacitance
20
pF
INTERNAL OSCILLATOR
32.768
kHz
±3
%
MCU CLOCK RATE4
From 32 kHz Internal Oscillator
326
kHz
CD = 7
From 32 kHz External Crystal
41.78
MHz
CD = 0
Using an External Clock
0.05
44
MHz
TA = 85°C
0.05
41.78
MHz
TA = 125°C
START-UP TIME
Core clock = 41.78 MHz
At Power-On
66
ms
From Pause/Nap Mode
2.6
µs
CD = 0
247
µs
CD = 7
From Sleep Mode
1.58
ms
From Stop Mode
1.7
ms
PROGRAMMABLE LOGIC ARRAY (PLA)
Pin Propagation Delay
12
ns
From input pin to output pin
Element Propagation Delay
2.5
ns
POWER REQUIREMENTS12, 13
Power Supply Voltage Range
AVDD to AGND and IOVDD to IOGND
2.7
3.6
V
Analog Power Supply Currents
AVDD Current
165
µA
ADC in idle mode
DACVDD Current14
0.02
µA
Digital Power Supply Current
IOVDD Current in Active Mode
Code executing from Flash/EE
8.1
12.5
mA
CD = 7
11.6
17
mA
CD = 3
33.3
50
mA
CD = 0 (41.78 MHz clock)
IOVDD Current in Pause Mode
20.6
30
mA
CD = 0 (41.78 MHz clock)
IOVDD Current in Sleep Mode
110
µA
TA = 85°C
600
680
µA
TA = 125°C
Additional Power Supply Currents
ADC
1.26
mA
At 1 MSPS
0.7
mA
At 62.5 kSPS
DAC
315
µA
Per DAC
Rev. D | Page 8 of 110


Podobny numer części - ADUC7124_14

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADuC7124BCPZ126 AD-ADuC7124BCPZ126 Datasheet
1Mb / 96P
   Precision Analog Microcontroller, 12-Bit Analog I/O, Large Memory, ARM7TDMI MCU with Enhanced IRQ Handler
REV. 0
ADuC7124BCPZ126-RL AD-ADuC7124BCPZ126-RL Datasheet
1Mb / 96P
   Precision Analog Microcontroller, 12-Bit Analog I/O, Large Memory, ARM7TDMI MCU with Enhanced IRQ Handler
REV. 0
ADUC7124_7126_ANOMALY AD-ADUC7124_7126_ANOMALY Datasheet
101Kb / 5P
   This anomaly list describes the known bugs
More results

Podobny opis - ADUC7124_14

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADUC7124 AD-ADUC7124 Datasheet
1Mb / 96P
   Precision Analog Microcontroller, 12-Bit Analog I/O, Large Memory, ARM7TDMI MCU with Enhanced IRQ Handler
REV. 0
ADUC7023BCPZ62I AD-ADUC7023BCPZ62I Datasheet
1Mb / 96P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU with Enhanced IRQ Handler
Rev. E
ADUC7023 AD-ADUC7023 Datasheet
1Mb / 98P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU with Enhanced IRQ Handler
Rev. H
ADUC7019 AD-ADUC7019 Datasheet
987Kb / 92P
   Precision Analog Microcontroller 12-bit Analog I/O, ARM7TDMI MCU
REV. A
ADUC7024BSTZ62 AD-ADUC7024BSTZ62 Datasheet
1Mb / 104P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
Rev. F
ADUC7121 AD-ADUC7121 Datasheet
1Mb / 96P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
REV. 0
ADUC7022 AD-ADUC7022_15 Datasheet
1Mb / 104P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
Rev. F
ADUC7019 AD-ADUC7019_15 Datasheet
1Mb / 104P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
Rev. F
ADUC7021 AD-ADUC7021_15 Datasheet
1Mb / 104P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
Rev. F
ADUC7026 AD-ADUC7026_15 Datasheet
1Mb / 104P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com