Zakładka z wyszukiwarką danych komponentów
Selected language     Polish  ▼
Nazwa części
         Szczegóły


ADXL316 Datasheet(Arkusz danych) 4 Page - Analog Devices

Numer części ADXL316
Szczegółowy opis  Small, Low Power, 3-Axis plus minus16 g Accelerometer
Pobierz  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo 

 
 4 page
background image
ADXL316
Data Sheet
Rev. 0 | Page 4 of 14
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Rating
Acceleration
Shock Survival, Any Axis, and Unpowered
10,000 g
Shock Survival, Any Axis, and Powered
10,000 g
V
S
−0.3 V to +3.6 V
All Other Pins
(COM − 0.3 V) to
(V
S + 0.3 V)
Output Short-Circuit Duration (Any Pin to COM)
Indefinite
Temperature Range (Powered)
−55°C to +125°C
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
ESD CAUTION




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download




Link URL

Czy Alldatasheet okazała się pomocna?  [ DONATE ]  

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Dodaj do ulubionych   |   Linki   |   Lista producentów
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl