Zakładka z wyszukiwarką danych komponentów
Selected language     Polish  ▼
Nazwa części
         Szczegóły


ADXL316 Datasheet(Arkusz danych) 1 Page - Analog Devices

Numer części ADXL316
Szczegółowy opis  Small, Low Power, 3-Axis plus minus16 g Accelerometer
Pobierz  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo 

 
 1 page
background image
Small, Low Power,
3-Axis ±16 g Accelerometer
Data Sheet
ADXL316
Rev. 0
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2015 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
3-axis sensing with ±16 g minimum measurement range
Small, low profile package
12-lead, 4 mm × 4 mm × 1.45 mm LFCSP
Low quiescent supply current: 350 µA typical
Single-supply operation: 1.8 V to 3.6 V
10,000 g shock survival
Excellent temperature stability
Bandwidth (BW) adjustment with a single capacitor per axis
RoHS/WEEE lead-free compliant
−40°C to +105°C operating temperature range
Qualified for automotive applications
APPLICATIONS
Cost-sensitive, low power, motion and tilt sensing
applications
Mobile devices
Gaming systems
Disk drive protection
Image stabilization
Active noise control (ANC)
Sports and health devices
GENERAL DESCRIPTION
The ADXL316 is a small, thin, low power, complete 3-axis
accelerometer with signal conditioned voltage outputs, all on a
single monolithic IC. The product measures acceleration with a
minimum measurement range of ±16 g. It can measure the
static acceleration of gravity in tilt sensing applications, as well
as dynamic acceleration resulting from motion, shock, or
vibration.
The user selects the bandwidth of the accelerometer using
the CX, CY, and CZ capacitors at the XOUT, YOUT, and ZOUT pins.
Bandwidths can be selected to suit the application, with a
range of 0.5 Hz to 1600 Hz for the x and y axes, and a range
of 0.5 Hz to 550 Hz for the z axis.
The ADXL316 is available in a small, low profile, 4 mm × 4 mm ×
1.45 mm, 12-lead, plastic lead frame chip scale package (LFCSP).
FUNCTIONAL BLOCK DIAGRAM
ADXL316
3-AXIS
SENSOR
3V
OUTPUT AMP
OUTPUT AMP
OUTPUT AMP
COM
ST
VS
CDC
YOUT
ZOUT
XOUT
CX
AC
AMP
RFILT
RFILT
RFILT
DEMOD
CY
CZ
Figure 1.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download




Link URL

Czy Alldatasheet okazała się pomocna?  [ DONATE ]  

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Dodaj do ulubionych   |   Linki   |   Lista producentów
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl