Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADuC7124BCPZ126 Arkusz danych(PDF) 5 Page - Analog Devices

Numer części ADuC7124BCPZ126
Szczegółowy opis  Precision Analog Microcontroller, 12-Bit Analog I/O, Large Memory, ARM7TDMI MCU with Enhanced IRQ Handler
Download  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADuC7124BCPZ126 Arkusz danych(HTML) 5 Page - Analog Devices

  ADuC7124BCPZ126 Datasheet HTML 1Page - Analog Devices ADuC7124BCPZ126 Datasheet HTML 2Page - Analog Devices ADuC7124BCPZ126 Datasheet HTML 3Page - Analog Devices ADuC7124BCPZ126 Datasheet HTML 4Page - Analog Devices ADuC7124BCPZ126 Datasheet HTML 5Page - Analog Devices ADuC7124BCPZ126 Datasheet HTML 6Page - Analog Devices ADuC7124BCPZ126 Datasheet HTML 7Page - Analog Devices ADuC7124BCPZ126 Datasheet HTML 8Page - Analog Devices ADuC7124BCPZ126 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 110 page
background image
Data Sheet
ADuC7124/ADuC7126
GENERAL DESCRIPTION
The ADuC7124/ADuC7126 are fully integrated, 1 MSPS,
12-bit data acquisition system incorporating high performance
multichannel ADCs, 16-bit/32-bit MCUs, and Flash/EE memory
on a single chip.
The ADC consists of up to 12 single-ended inputs. An additional
four inputs are available but are multiplexed with the four DAC
output pins. The ADC can operate in single-ended or differen-
tial input mode. The ADC input voltage range is 0 V to VREF.
A low drift band gap reference, temperature sensor, and voltage
comparator complete the ADC peripheral set.
The DAC output range is programmable to one of three voltage
ranges. The DAC outputs have an enhanced feature of being
able to retain their output voltage during a watchdog or soft-
ware reset sequence.
The devices operate from an on-chip oscillator and a PLL
generating an internal high frequency clock of 41.78 MHz.
This clock is routed through a programmable clock divider
from which the MCU core clock operating frequency is
generated. The microcontroller core is an ARM7TDMI®,
16-bit/32-bit RISC machine, which offers up to 41 MIPS of
peak performance. Thirty-two kilobytes of SRAM and 126 kB
of nonvolatile Flash/EE memory are provided on-chip. The
ARM7TDMI core views all memory and registers as a single
linear array.
The ADuC7124/ADuC7126 contain an advanced interrupt
controller. The vectored interrupt controller (VIC) allows every
interrupt to be assigned a priority level. It also supports nested
interrupts to a maximum level of eight per IRQ and FIQ. When
IRQ and FIQ interrupt sources are combined, a total of 16
nested interrupt levels are supported.
On-chip factory firmware supports in-circuit download via the
UART serial interface port or the I2C port, while nonintrusive
emulation is also supported via the JTAG interface. These fea-
tures are incorporated into a low cost QuickStart™ development
system supporting this MicroConverter® family.
The parts contain a 16-bit PWM with six output signals.
For communication purposes, the parts contain 2× I2C channels
that can be individually configured for master or slave mode.
An SPI interface supporting both master and slave modes is
also provided. Thirdly, 2× UART channels are provided. Each
UART contains a configurable 16-byte FIFO with receive and
transmit buffers.
The parts operate from 2.7 V to 3.6 V and is specified over an
industrial temperature range of −40°C to +125°C. When operat-
ing at 41.78 MHz, the power dissipation is typically 120 mW.
The ADuC7124 is available in a 64-lead LFCSP package. The
ADuC7126 is available in a 80-lead LQFP package.
Rev. D | Page 5 of 110


Podobny numer części - ADuC7124BCPZ126

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADuC7124BCPZ126 AD-ADuC7124BCPZ126 Datasheet
1Mb / 96P
   Precision Analog Microcontroller, 12-Bit Analog I/O, Large Memory, ARM7TDMI MCU with Enhanced IRQ Handler
REV. 0
ADuC7124BCPZ126-RL AD-ADuC7124BCPZ126-RL Datasheet
1Mb / 96P
   Precision Analog Microcontroller, 12-Bit Analog I/O, Large Memory, ARM7TDMI MCU with Enhanced IRQ Handler
REV. 0
More results

Podobny opis - ADuC7124BCPZ126

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADUC7124 AD-ADUC7124 Datasheet
1Mb / 96P
   Precision Analog Microcontroller, 12-Bit Analog I/O, Large Memory, ARM7TDMI MCU with Enhanced IRQ Handler
REV. 0
ADUC7023BCPZ62I AD-ADUC7023BCPZ62I Datasheet
1Mb / 96P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU with Enhanced IRQ Handler
Rev. E
ADUC7023 AD-ADUC7023 Datasheet
1Mb / 98P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU with Enhanced IRQ Handler
Rev. H
ADUC7019 AD-ADUC7019 Datasheet
987Kb / 92P
   Precision Analog Microcontroller 12-bit Analog I/O, ARM7TDMI MCU
REV. A
ADUC7024BSTZ62 AD-ADUC7024BSTZ62 Datasheet
1Mb / 104P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
Rev. F
ADUC7121 AD-ADUC7121 Datasheet
1Mb / 96P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
REV. 0
ADUC7022 AD-ADUC7022_15 Datasheet
1Mb / 104P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
Rev. F
ADUC7019 AD-ADUC7019_15 Datasheet
1Mb / 104P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
Rev. F
ADUC7021 AD-ADUC7021_15 Datasheet
1Mb / 104P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
Rev. F
ADUC7026 AD-ADUC7026_15 Datasheet
1Mb / 104P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com