Zakładka z wyszukiwarką danych komponentów
Selected language     Polish  ▼
Nazwa części
         Szczegóły


ADXL363BCCZ-RL Datasheet(Arkusz danych) 4 Page - Analog Devices

Numer części ADXL363BCCZ-RL
Szczegółowy opis  Micropower 3-Sensor Combination Including Acceleration and Temperature
Pobierz  48 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo 

 
 4 page
background image
ADXL363
Data Sheet
Rev. 0 | Page 4 of 48
SPECIFICATIONS
TA = 25°C, VS = 2.0 V, VDD I/O = 2.0 V, 100 Hz ODR, acceleration = 0 g, default register settings, unless otherwise noted. All minimum and
maximum specifications are guaranteed. Typical specifications may not be guaranteed.
ADXL363 SPECIFICATIONS
Table 1.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
OUTPUT RESOLUTION
All Sensors
12
Bits
SUPPLY CURRENT
Measurement Mode
All sensors on (ADC_EN = 1)
1.95
µA
Standby
10
nA
OUTPUT DATA RATE (ODR)
User selectable in eight steps
12.5
400
Hz
POWER SUPPLY REJECTION (PSRR)
CS = 1.0 µF, RS = 100 Ω, CIO = 1.1 µF,
input is 100 mV sine wave on VS
Input Frequency 100 Hz to 1 kHz
−13
dB
Input Frequency 1 kHz to 250 kHz
−20
dB
TURN-ON TIME
50 Hz bandwidth
Power-Up to Standby
5
ms
Measurement Mode Instruction to Valid Data
4/ODR
POWER SUPPLY REQUIREMENTS
Operating Voltage Range (VS)
1.6
2.0
3.5
V
I/O Voltage Range (VDD I/O)
1.6
2.0
VS
V
ENVIRONMENTAL
Operating Temperature Range
−40
+85
°C
ACCELEROMETER SPECIFICATIONS
Table 2.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
SENSOR INPUT
Each axis
Measurement Range
User selectable
±2, ±4, ±8
g
Nonlinearity
Percentage of full scale
±0.5
%
Sensor Resonant Frequency
3500
Hz
Cross Axis Sensitivity1
±1.5
%
SUPPLY CURRENT
100 Hz ODR (50 Hz bandwidth) 2
ADC_EN = 0
Measurement Mode
Normal Operation
1.8
µA
Accelerometer Low Noise Mode
3.3
µA
Accelerometer Ultralow Noise Mode
13
µA
Wake-Up Mode
270
nA
SCALE FACTOR
Each axis
Scale Factor Calibration Error
±10
%
Scale Factor
Measured in mg/LSB
±2 g range
1
mg/LSB
±4 g range
2
mg/LSB
±8 g range
4
mg/LSB




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48 


Datasheet Download




Link URL

Czy Alldatasheet okazała się pomocna?  [ DONATE ]  

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Dodaj do ulubionych   |   Linki   |   Lista producentów
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl