Zakładka z wyszukiwarką danych komponentów
Selected language     Polish  ▼
Nazwa części
         Szczegóły


ADXL363BCCZ-RL Datasheet(Arkusz danych) 7 Page - Analog Devices

Numer części ADXL363BCCZ-RL
Szczegółowy opis  Micropower 3-Sensor Combination Including Acceleration and Temperature
Pobierz  48 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo 

 7 page
background image
Data Sheet
ADXL363
Rev. 0 | Page 7 of 48
ABSOLUTE MAXIMUM RATINGS
Table 5.
Parameter
Rating
Acceleration (Any Axis, Unpowered)
5000 g
Acceleration (Any Axis, Powered)
5000 g
VS
−0.3 V to +3.6 V
VDD I/O
−0.3 V to +3.6 V
All Other Pins
−0.3 V to VS
Output Short-Circuit Duration
(Any Pin to Ground)
Indefinite
ESD, Human Body Model (HBM)
2000 V
Short Term Maximum Temperature
Four Hours
150°C
One Minute
260°C
Temperature Range (Powered)
−50°C to +150°C
Temperature Range (Storage)
−50°C to +150°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL RESISTANCE
Table 6. Package Characteristics
Package Type
θJA
θJC
Device Weight
16-Terminal LGA
150°C/W
85°C/W
18 mg
RECOMMENDED SOLDERING PROFILE
Figure 2 and Table 7 provide details about the recommended
soldering profile.
Figure 2. Recommended Soldering Profile
Table 7. Recommended Soldering Profile
Profile Feature
Condition
Sn63/Pb37
Pb-Free
Average Ramp Rate (TL to TP)
3°C/sec max
3°C/sec max
Preheat
Minimum Temperature (TSMIN)
100°C
150°C
Maximum Temperature (TSMAX)
150°C
200°C
Time (TSMIN to TSMAX)(tS)
60 sec to 120 sec
60 sec to 180 sec
TSMAX to TL Ramp-Up Rate
3°C/sec max
3°C/sec max
Time Maintained Above
Liquidous (TL)
Liquidous Temperature (TL)
183°C
217°C
Time (tL)
60 sec to 150 sec
60 sec to 150 sec
Peak Temperature (TP)
240 + 0/−5°C
260 + 0/−5°C
Time Within 5°C of Actual
Peak Temperature (tP)
10 sec to 30 sec
20 sec to 40 sec
Ramp-Down Rate
6°C/sec max
6°C/sec max
Time (t25°C) to Peak
Temperature
6 minutes max
8 minutes max
ESD CAUTION
tP
tL
t25°C TO PEAK
tS
PREHEAT
CRITICAL ZONE
TL TO TP
TIME
RAMP-DOWN
RAMP-UP
TSMIN
TSMAX
TP
TL




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48 


Datasheet Download




Link URL

Czy Alldatasheet okazała się pomocna?  [ DONATE ]  

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Dodaj do ulubionych   |   Linki   |   Lista producentów
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl