Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADXL363BCCZ-RL Arkusz danych(PDF) 17 Page - Analog Devices

Numer części ADXL363BCCZ-RL
Szczegółowy opis  Micropower 3-Sensor Combination Including Acceleration and Temperature
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADXL363BCCZ-RL Arkusz danych(HTML) 17 Page - Analog Devices

Back Button ADXL363BCCZ-RL Datasheet HTML 13Page - Analog Devices ADXL363BCCZ-RL Datasheet HTML 14Page - Analog Devices ADXL363BCCZ-RL Datasheet HTML 15Page - Analog Devices ADXL363BCCZ-RL Datasheet HTML 16Page - Analog Devices ADXL363BCCZ-RL Datasheet HTML 17Page - Analog Devices ADXL363BCCZ-RL Datasheet HTML 18Page - Analog Devices ADXL363BCCZ-RL Datasheet HTML 19Page - Analog Devices ADXL363BCCZ-RL Datasheet HTML 20Page - Analog Devices ADXL363BCCZ-RL Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 48 page
background image
Data Sheet
ADXL363
Rev. 0 | Page 17 of 48
POWER SAVINGS FEATURES
Designed for the most power conscious applications, the ADXL363
includes several features (as described in this section) for enabling
power savings at the system level, as well as at the device level.
ULTRALOW POWER CONSUMPTION IN ALL
MODES, OPERATING ALL SENSORS
At the device level, the most obvious power saving feature of the
ADXL363 is its ultralow current consumption in all configurations.
The ADXL363 consumes between 1.1 µA (typical) and 5 µA
(typical) across all data rates up to 400 Hz and all supply voltages
up to 3.5 V (see Figure 29). An even lower power, 270 nA (typical)
motion triggered wake-up mode is provided for simple motion
detection applications that require a power consumption lower
than 1 µA.
At these current levels, the ADXL363 consumes less power in
full operation than the standby currents of many other system
components, and is, therefore, optimal for applications that require
continuous acceleration monitoring and very long battery life.
Because the accelerometer is always on, it can act as a motion-
activated switch. The accelerometer signals to the rest of the
system when to turn on, thereby managing power at the system
level.
As important as its low operating current, the 10 nA (typical)
standby current of the ADXL363 contributes to a much longer
battery life in applications that spend most of their time in a
sleep state and wake up via an external trigger.
MOTION DETECTION
The ADXL363 features built-in logic that detects activity (presence
of acceleration above a threshold) and inactivity (lack of
acceleration above a threshold). Activity and inactivity events
can be used as triggers to manage the accelerometer mode of
operation, trigger an interrupt to a host processor, and/or
autonomously drive a motion switch.
Detection of an activity or inactivity event is indicated in the
status register and can be configured to generate an interrupt.
In addition, the activity status of the device, that is, whether it is
moving or stationary, is indicated by the awake bit, described in
the Using the Awake Bit section.
Activity and inactivity detection can be used when the accel-
erometer is in either measurement mode or wake-up mode.
Activity Detection
An activity event is detected when acceleration remains above a
specified threshold for a specified time period.
Referenced and Absolute Configurations
Activity detection can be configured as referenced or absolute.
When using absolute activity detection, acceleration samples are
compared to a user set threshold to determine whether motion
is present. For example, if a threshold of 0.5 g is set and the
acceleration on the z-axis is 1 g for longer than the user defined
activity time, the activity status asserts.
In many applications, it is advantageous for activity detection to
be based not on an absolute threshold, but on a deviation from
a reference point or orientation. This is particularly useful
because it removes the effect on activity detection of the static
1 g imposed by gravity. When an accelerometer is stationary, its
output can reach 1 g, even when it is not moving. In absolute
activity, when the threshold is set to less than 1 g, activity is
immediately detected in this case.
In the referenced configuration, activity is detected when
acceleration samples are at least a user set amount above an
internally defined reference for the user defined amount of
time, as described in Equation 1.
|Acceleration – Reference| > Threshold
(1)
Consequently, activity is detected only when the acceleration
has deviated sufficiently from the initial orientation. The
reference for activity detection is calculated when activity
detection is engaged in one of the following scenarios:
When the activity function is turned on and measurement
mode is engaged
If link mode is enabled: when inactivity is detected and
activity detection begins
If link mode is not enabled: when activity is detected and
activity detection repeats
The referenced configuration results in a very sensitive activity
detection that detects even the most subtle motion events.
Fewer False Positives
Ideally, the intent of activity detection is to wake up a system
only when motion is intentional, ignoring noise or small,
unintentional movements. In addition to being sensitive to
subtle motion events, the ADXL363 activity detection algorithm
is robust in filtering out undesired triggers.
The ADXL363 activity detection functionality includes a timer
to filter out unwanted motion and ensure that only sustained
motion is recognized as activity. The duration of this timer, as
well as the acceleration threshold, are user adjustable from one
sample (that is, no timer) to up to 20 seconds of motion.
Note that the activity timer is operational in measurement mode
only. In wake-up mode, one-sample activity detection is used.
Inactivity Detection
An inactivity event is detected when acceleration remains below
a specified threshold for a specified time. Inactivity detection is
also configurable as referenced or absolute.
When using absolute inactivity detection, acceleration samples
are compared to a user set threshold for the user set time to
determine the absence of motion. Inactivity is detected when a
large enough number of consecutive samples are below the
threshold. Use the absolute configuration of inactivity for
implementing free fall detection.


Podobny numer części - ADXL363BCCZ-RL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADXL362 AD-ADXL362 Datasheet
904Kb / 40P
   Micropower Three-Axis 짹2g/짹4g/짹8g
Rev. PrB
ADXL362 AD-ADXL362 Datasheet
261Kb / 6P
   Ultralow Power, 3-Axis, Motion Activated Switch
REV. A
ADXL362BCCZ-R2 AD-ADXL362BCCZ-R2 Datasheet
1Mb / 44P
   Micropower, 3-Axis, 2g/4g/8g Digital Output MEMS Accelerometer
REV. B
ADXL362BCCZ-RL AD-ADXL362BCCZ-RL Datasheet
1Mb / 44P
   Micropower, 3-Axis, 2g/4g/8g Digital Output MEMS Accelerometer
REV. B
ADXL362BCCZ-RL7 AD-ADXL362BCCZ-RL7 Datasheet
1Mb / 44P
   Micropower, 3-Axis, 2g/4g/8g Digital Output MEMS Accelerometer
REV. B
More results

Podobny opis - ADXL363BCCZ-RL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
HOKURIKU ELECTRIC INDUS...
HAAM-346A HOKURIKU-HAAM-346A Datasheet
122Kb / 2P
   Piezoresisitive 3-Axis Acceleration Sensor
HAAM-346B HOKURIKU-HAAM-346B Datasheet
121Kb / 2P
   Piezoresisitive 3-Axis Acceleration Sensor
logo
Pepperl+Fuchs Inc.
ACY04-F99-2I-V15 PF-ACY04-F99-2I-V15 Datasheet
1Mb / 5P
   Acceleration sensor
ACX04-F99-I-V15 PF-ACX04-F99-I-V15 Datasheet
1Mb / 5P
   Acceleration sensor
logo
HOKURIKU ELECTRIC INDUS...
HAAM-375 HOKURIKU-HAAM-375 Datasheet
130Kb / 2P
   Digital Output Type 3-axis Acceleration Sensor
logo
SignalQuest, Inc.
SQ-ASX SIGNALQUEST-SQ-ASX Datasheet
754Kb / 8P
   ON/OFF SHOCK AND ACCELERATION SENSOR
logo
List of Unclassifed Man...
SENACC-010 ETC2-SENACC-010 Datasheet
150Kb / 3P
   Acceleration Sensor - SENACC
logo
Bosch Sensortec GmbH
BMA455 BOSCH-BMA455 Datasheet
223Kb / 2P
   Intelligent, triaxial acceleration sensor
BMA180 BOSCH-BMA180 Datasheet
194Kb / 2P
   Digital, triaxial acceleration sensor
logo
List of Unclassifed Man...
BMA220 ETC2-BMA220 Datasheet
2Mb / 63P
   Digital, triaxial acceleration sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com