Zakładka z wyszukiwarką danych komponentów
Selected language     Polish  ▼
Nazwa części
         Szczegóły


ADXRS290 Datasheet(Arkusz danych) 5 Page - Analog Devices

Numer części ADXRS290
Szczegółowy opis  Ultralow Noise, Dual-Axis MEMS Gyroscope
Pobierz  19 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo 

 
 5 page
background image
Data Sheet
ADXRS290
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
PDMY
CS
MISO
MOSI
VS
VREG
GND
GND
1
2
3
4
5
13
12
11
10
9
6
7
8
15
16
17
18
14
TOP VIEW
(TERMINAL SIDE DOWN)
Not to Scale
ADXRS290
Figure 3. Pin Configuration (Top View)
Table 4. Pin Function Descriptions
Description
Pin No.
Mnemonic
Digital Mode
Analog Evaluation Mode
1
VREG
Regulator Output. Connect a 1 µF capacitor to this pin.
Regulator Output. Connect a 1 µF capacitor to this pin.
2
VDD I/O
Digital Interface Supply Voltage.
Digital Interface Supply Voltage.
3
AST
This pin is internally pulled to ground.
Self Test.
4
SENS
This pin is internally pulled to ground.
Sensitivity Select.
5
PDMX
This pin is internally pulled to ground.
Pulse-Density Modulation (PDM) XOUT.
6
PDMY
This pin is internally pulled to ground.
PDM YOUT.
7
CS
Chip Select. Active low.
Chip Select. Active low.
8
MISO (SDO)
Serial Data Out.
Serial Data Out.
9
MOSI (SDI)
Serial Data In.
Serial Data In.
10
SCLK
Serial Communications Clock.
Serial Communications Clock.
11
SYNC/ASEL
Data Ready Out (SYNC). Connect this pin to ground if
it is not used.
Analog Enable (ASEL).
12
CP
Charge Pump Output. Connect a 1 µF capacitor (rated
for 50 V) to this pin.
Charge Pump Output. Connect a 1 µF capacitor (rated
for 50 V) to this pin.
13, 15, 16
GND
Ground. Connect to ground.
Ground. Connect to ground.
14
VS
Analog Supply Voltage.
Analog Supply Voltage.
17
VREG
Regulator Output. Connect a 1 µF capacitor to this pin.
Regulator Output. Connect a 1 µF capacitor to this pin.
18
VS
Analog Supply Voltage.
Analog Supply Voltage.
Rev. A | Page 5 of 19




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download




Link URL

Czy Alldatasheet okazała się pomocna?  [ DONATE ]  

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Dodaj do ulubionych   |   Linki   |   Lista producentów
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl