Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADXRS290 Arkusz danych(PDF) 3 Page - Analog Devices

Numer części ADXRS290
Szczegółowy opis  Ultralow Noise, Dual-Axis MEMS Gyroscope
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADXRS290 Arkusz danych(HTML) 3 Page - Analog Devices

  ADXRS290 Datasheet HTML 1Page - Analog Devices ADXRS290 Datasheet HTML 2Page - Analog Devices ADXRS290 Datasheet HTML 3Page - Analog Devices ADXRS290 Datasheet HTML 4Page - Analog Devices ADXRS290 Datasheet HTML 5Page - Analog Devices ADXRS290 Datasheet HTML 6Page - Analog Devices ADXRS290 Datasheet HTML 7Page - Analog Devices ADXRS290 Datasheet HTML 8Page - Analog Devices ADXRS290 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
Data Sheet
ADXRS290
SPECIFICATIONS
Specified conditions at TA = 25°C. VS = VDD I/O = 3 V, angular rate = 0°/sec, bandwidth = dc to 480 Hz, CS = CREG = CI/O = CCP = 1 µF, digital
mode, temperature sensor = off, unless otherwise noted. All minimum and maximum specifications are guaranteed. Typical specifications
are not tested or guaranteed.
Table 1.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
MEASUREMENT RANGE
Each axis
Output Full-Scale Range
±100
°/s
Resolution
16
Bits
Gyroscope Data Update Rate
4250
Hz
LINEARITY
Nonlinearity
±0.5
% FS
Cross Axis Sensitivity
±2.0
%
SENSITIVITY
Sensitivity
200
LSB/°/s
Initial Sensitivity Tolerance1
TA = 25°C
−12
±3
+12
%
Change Due to Temperature
TA = −20°C to +60°C
±1
%
OFFSET
Offset Error
TA = −20°C to +60°C
±9
°/s
NOISE PERFORMANCE
Rate Noise Density
TA = 25°C at 10 Hz
0.004
°/s/√Hz
FREQUENCY RESPONSE
Programmable (see the Setting Bandwidth section)
−3 dB Frequency2
Low-Pass Filter
20
480
Hz
High-Pass Filter
DC output setting available
0.011
11.3
Hz
Delay
30 Hz input, low-pass filter (LPF) = 480 Hz
<0.5
ms
POWER SUPPLY
Operating Voltage Range (VS, VDD I/O)
2.7
5.0
V
Supply Current
Measurement mode
7.8
mA
Standby mode
80
µA
Start-Up Time (Standby)
Power off to standby mode
<5
ms
Start-Up Time (Measurement Mode)
Standby to measurement mode (to within ±1°/s of final value)
<100
ms
TEMPERATURE SENSOR
Resolution
12
Bits
Sensitivity
0.1
°C/LSB
OPERATING TEMPERATURE RANGE
Operating Temperature Range
–25
+85
°C
1
Initial sensitivity tolerance minimum and maximum specifications are guaranteed by characterization and are not tested in production.
2
Guaranteed by design and are not tested in production.
Rev. A | Page 3 of 19


Podobny numer części - ADXRS290

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADXRS150 AD-ADXRS150 Datasheet
697Kb / 12P
   짹150째/s Single Chip Yaw Rate Gyro with Signal Conditioning
REV. A
ADXRS150ABG AD-ADXRS150ABG Datasheet
697Kb / 12P
   짹150째/s Single Chip Yaw Rate Gyro with Signal Conditioning
REV. A
ADXRS150ABG-REEL AD-ADXRS150ABG-REEL Datasheet
697Kb / 12P
   짹150째/s Single Chip Yaw Rate Gyro with Signal Conditioning
REV. A
ADXRS150EB AD-ADXRS150EB Datasheet
81Kb / 1P
   150/s Single Chip Rate Gyro Evaluation Board
REV. 0
ADXRS150 AD-ADXRS150_15 Datasheet
1Mb / 12P
   150/s Single Chip Yaw Rate Gyro with Signal Conditioning
More results

Podobny opis - ADXRS290

ProducentNumer częściArkusz danychSzczegółowy opis
logo
TDK Electronics
MPU-6500 TDK-MPU-6500 Datasheet
2Mb / 48P
   Triple-axis MEMS gyroscope
ITG-3200 TDK-ITG-3200 Datasheet
893Kb / 39P
   Triple-axis MEMS gyroscope
ITG-3400 TDK-ITG-3400 Datasheet
1Mb / 41P
   Triple-axis MEMS gyroscope
MPU-9255 TDK-MPU-9255 Datasheet
474Kb / 42P
   Triple-axis MEMS gyroscope
IDG-2030U TDK-IDG-2030U Datasheet
293Kb / 1P
   Miniature Dual-Axis OIS Optimized MEMS Gyroscope
ICG-1020S TDK-ICG-1020S Datasheet
316Kb / 1P
   Thinnest Dual-Axis OIS Optimized MEMS Gyroscope
ICG-1020P TDK-ICG-1020P Datasheet
316Kb / 1P
   Thinnest and Highest Performance Dual-Axis OIS Optimized MEMS Gyroscope
logo
STMicroelectronics
L3G4200D STMICROELECTRONICS-L3G4200D Datasheet
810Kb / 24P
   MEMS motion sensor: three-axis digital output gyroscope
L3GD20 STMICROELECTRONICS-L3GD20 Datasheet
1Mb / 44P
   MEMS motion sensor: three-axis digital output gyroscope
A3G4250DTR STMICROELECTRONICS-A3G4250DTR Datasheet
1Mb / 44P
   MEMS motion sensor: 3-axis digital output gyroscope
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com