Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADXL363BCCZ-RL7 Arkusz danych(PDF) 25 Page - Analog Devices

Numer części ADXL363BCCZ-RL7
Szczegółowy opis  Micropower 3-Sensor Combination Including Acceleration and Temperature
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADXL363BCCZ-RL7 Arkusz danych(HTML) 25 Page - Analog Devices

Back Button ADXL363BCCZ-RL7 Datasheet HTML 21Page - Analog Devices ADXL363BCCZ-RL7 Datasheet HTML 22Page - Analog Devices ADXL363BCCZ-RL7 Datasheet HTML 23Page - Analog Devices ADXL363BCCZ-RL7 Datasheet HTML 24Page - Analog Devices ADXL363BCCZ-RL7 Datasheet HTML 25Page - Analog Devices ADXL363BCCZ-RL7 Datasheet HTML 26Page - Analog Devices ADXL363BCCZ-RL7 Datasheet HTML 27Page - Analog Devices ADXL363BCCZ-RL7 Datasheet HTML 28Page - Analog Devices ADXL363BCCZ-RL7 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 48 page
background image
Data Sheet
ADXL363
Rev. 0 | Page 25 of 48
REGISTER MAP
Table 13. Register Summary
Reg Name
Bits Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset RW
0x00 DEVID_AD
[7:0]
DEVID_AD[7:0]
0xAD R
0x01 DEVID_MST
[7:0]
DEVID_MST[7:0]
0x1D R
0x02 DEVID
[7:0]
DEVID[7:0]
0xF3 R
0x03 REVID
[7:0]
REVID[7:0]
0x01 R
0x08 XDATA
[7:0]
XDATA[7:0]
0x00 R
0x09 YDATA
[7:0]
YDATA[7:0]
0x00 R
0x0A ZDATA
[7:0]
ZDATA[7:0]
0x00 R
0x0B STATUS
[7:0] ERR_USER_
REGS
AWAKE
INACT
ACT
FIFO_
OVERRUN
FIFO_
WATERMARK
FIFO_READY DATA_READY 0x40 R
0x0C FIFO_ENTRIES_L
[7:0]
FIFO_ENTRIES_L[7:0]
0x00 R
0x0D FIFO_ENTRIES_H
[7:0]
UNUSED
FIFO_ENTRIES_H[1:0]
0x00 R
0x0E XDATA_L
[7:0]
XDATA_L[7:0]
0x00 R
0x0F XDATA_H
[7:0]
SX
XDATA_H[3:0]
0x00 R
0x10 YDATA_L
[7:0]
YDATA_L[7:0]
0x00 R
0x11 YDATA_H
[7:0]
SX
YDATA_H[3:0]
0x00 R
0x12 ZDATA_L
[7:0]
ZDATA_L[7:0]
0x00 R
0x13 ZDATA_H
[7:0]
SX
ZDATA_H[3:0]
0x00 R
0x14 TEMP_L
[7:0]
TEMP_L[7:0]
0x00 R
0x15 TEMP_H
[7:0]
SX
TEMP_H[3:0]
0x00 R
0x16 ADC_DATA_L
[7:0]
ADC_DATA_L[7:0]
0x00 R
0x17 ADC_DATA_H
[7:0]
SX
ADC_DATA_H[2:0]
0x00 R
0x1F SOFT_RESET
[7:0]
SOFT_RESET[7:0]
0x00 W
0x20 THRESH_ACT_L
[7:0]
THRESH_ACT_L[7:0]
0x00 RW
0x21 THRESH_ACT_H
[7:0]
UNUSED
THRESH_ACT_H[2:0]
0x00 RW
0x22 TIME_ACT
[7:0]
TIME_ACT[7:0]
0x00 RW
0x23 THRESH_INACT_L [7:0]
THRESH_INACT_L[7:0]
0x00 RW
0x24 THRESH_INACT_H [7:0]
UNUSED
THRESH_INACT_H[2:0]
0x00 RW
0x25 TIME_INACT_L
[7:0]
TIME_INACT_L[7:0]
0x00 RW
0x26 TIME_INACT_H
[7:0]
TIME_INACT_H[7:0]
0x00 RW
0x27 ACT_INACT_CTL
[7:0]
UNUSED
LINKLOOP
INACT_REF
INACT_EN
ACT_REF
ACT_EN
0x00 RW
0x28 FIFO_CONTROL
[7:0]
UNUSED
AH
FIFO_TEMP
FIFO_MODE
0x00 RW
0x29 FIFO_SAMPLES
[7:0]
FIFO_SAMPLES[7:0]
0x80 RW
0x2A INTMAP1
[7:0] INT_LOW
AWAKE
INACT
ACT
FIFO_
OVERRUN
FIFO_
WATERMARK
FIFO_READY DATA_READY 0x00 RW
0x2B INTMAP2
[7:0] INT_LOW
AWAKE
INACT
ACT
FIFO_
OVERRUN
FIFO_WATER-
MARK
FIFO_READY DATA_READY 0x00 RW
0x2C FILTER_CTL
[7:0]
RANGE
RES
HALF_BW
EXT_SAMPLE
ODR
0x13 RW
0x2D POWER_CTL
[7:0] ADC_EN
EXT_CLK
LOW_NOISE
WAKEUP
AUTOSLEEP
MEASURE
0x00 RW
0x2E SELF_TEST
[7:0]
UNUSED
ST
0x00 RW


Podobny numer części - ADXL363BCCZ-RL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADXL362 AD-ADXL362 Datasheet
904Kb / 40P
   Micropower Three-Axis 짹2g/짹4g/짹8g
Rev. PrB
ADXL362 AD-ADXL362 Datasheet
261Kb / 6P
   Ultralow Power, 3-Axis, Motion Activated Switch
REV. A
ADXL362BCCZ-R2 AD-ADXL362BCCZ-R2 Datasheet
1Mb / 44P
   Micropower, 3-Axis, 2g/4g/8g Digital Output MEMS Accelerometer
REV. B
ADXL362BCCZ-RL AD-ADXL362BCCZ-RL Datasheet
1Mb / 44P
   Micropower, 3-Axis, 2g/4g/8g Digital Output MEMS Accelerometer
REV. B
ADXL362BCCZ-RL7 AD-ADXL362BCCZ-RL7 Datasheet
1Mb / 44P
   Micropower, 3-Axis, 2g/4g/8g Digital Output MEMS Accelerometer
REV. B
More results

Podobny opis - ADXL363BCCZ-RL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
HOKURIKU ELECTRIC INDUS...
HAAM-346A HOKURIKU-HAAM-346A Datasheet
122Kb / 2P
   Piezoresisitive 3-Axis Acceleration Sensor
HAAM-346B HOKURIKU-HAAM-346B Datasheet
121Kb / 2P
   Piezoresisitive 3-Axis Acceleration Sensor
logo
Pepperl+Fuchs Inc.
ACY04-F99-2I-V15 PF-ACY04-F99-2I-V15 Datasheet
1Mb / 5P
   Acceleration sensor
ACX04-F99-I-V15 PF-ACX04-F99-I-V15 Datasheet
1Mb / 5P
   Acceleration sensor
logo
HOKURIKU ELECTRIC INDUS...
HAAM-375 HOKURIKU-HAAM-375 Datasheet
130Kb / 2P
   Digital Output Type 3-axis Acceleration Sensor
logo
SignalQuest, Inc.
SQ-ASX SIGNALQUEST-SQ-ASX Datasheet
754Kb / 8P
   ON/OFF SHOCK AND ACCELERATION SENSOR
logo
List of Unclassifed Man...
SENACC-010 ETC2-SENACC-010 Datasheet
150Kb / 3P
   Acceleration Sensor - SENACC
logo
Bosch Sensortec GmbH
BMA455 BOSCH-BMA455 Datasheet
223Kb / 2P
   Intelligent, triaxial acceleration sensor
BMA180 BOSCH-BMA180 Datasheet
194Kb / 2P
   Digital, triaxial acceleration sensor
logo
List of Unclassifed Man...
BMA220 ETC2-BMA220 Datasheet
2Mb / 63P
   Digital, triaxial acceleration sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com