Zakładka z wyszukiwarką danych komponentów
Selected language     Polish  ▼
Nazwa części
         Szczegóły


ADXRS290BCEZ Datasheet(Arkusz danych) 1 Page - Analog Devices

Numer części ADXRS290BCEZ
Szczegółowy opis  Ultralow Noise, Dual-Axis MEMS Gyroscope
Pobierz  19 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo 

 
 1 page
background image
Ultralow Noise,
Dual-Axis MEMS Gyroscope
Data Sheet
ADXRS290
FEATURES
MEMS pitch and roll rate gyroscope
Ultralow noise: 0.004°/s/√Hz
High vibration rejection over a wide frequency range
Power saving standby mode
80 µA current consumption in standby mode
Fast startup time from standby mode: <100 ms
Low delay of <0.5 ms for a 30 Hz input at the widest
bandwidth setting
Serial peripheral interface (SPI) digital output
Programmable high-pass and low-pass filters
2000 g powered acceleration survivability
2.7 V to 5.0 V operation
−25°C to +85°C operation
4.5 mm × 5.8 mm × 1.2 mm cavity laminate package
APPLICATIONS
Optical image stabilization
Platform stabilization
Wearable products
GENERAL DESCRIPTION
The ADXRS290 is a high performance MEMS pitch and roll
(dual-axis in-plane) angular rate sensor (gyroscope) designed
for use in stabilization applications.
The ADXRS290 provides an output full-scale range of ±100°/s with
a sensitivity of 200 LSB/°/s. Its resonating disk sensor structure
enables angular rate measurement about the axes normal to the
sides of the package around an in-plane axis. Angular rate data
is formatted as 16-bit twos complement and is accessible through
a SPI digital interface. The ADXRS290 exhibits a low noise floor
of 0.004°/s/√Hz and features programmable high-pass and low-
pass filters.
The ADXRS290 is available in a 4.5 mm × 5.8 mm × 1.2 mm,
18-terminal cavity laminate package.
FUNCTIONAL BLOCK DIAGRAM
CS
PDMY
SYNC/ASEL
PDMX
ADC
PITCH
DEMOD
ADC
ROLL
DEMOD
FILTERS
CONTROL LOGIC
SERIAL
INPUT/OUTPUT
POWER
MANAGEMENT
GND
MOSI
MISO
SCLK
DIGITAL
AST VDD I/O CP VREG VS
PITCH
ROLL
VELOCITY
PLL
MECHANICAL
SENSOR
DRIVE
ADXRS290
Figure 1.
Rev. A
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2014 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download




Link URL

Czy Alldatasheet okazała się pomocna?  [ DONATE ]  

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Dodaj do ulubionych   |   Linki   |   Lista producentów
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl