Zakładka z wyszukiwarką danych komponentów
Selected language     Polish  ▼
Nazwa części
         Szczegóły


ADXRS622 Datasheet(Arkusz danych) 4 Page - Analog Devices

Numer części ADXRS622
Szczegółowy opis  plus,minus250temperature/sec Yaw Rate Gyroscope
Pobierz  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo 

 
 4 page
background image
ADXRS622
Rev. C | Page 4 of 12
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Rating
Acceleration (Any Axis, 0.5 ms)
Unpowered
2000 g
Powered
2000 g
V
DD, AVCC
−0.3 V to +6.0 V
V
RATIO
AV
CC
ST1, ST2
AV
CC
Output Short-Circuit Duration
(Any Pin to Common)
Indefinite
Operating Temperature Range
−55°C to +125°C
Storage Temperature Range
−65°C to +150°C
Stresses above those listed under the Absolute Maximum
Ratings may cause permanent damage to the device. This is a
stress rating only; functional operation of the device at these or
any other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
Drops onto hard surfaces can cause shocks of >2000 g and can
exceed the absolute maximum rating of the device. Exercise
care during handling to avoid damage.
RATE SENSITIVE AXIS
The ADXRS622 is a Z-axis rate-sensing device (also called a
yaw rate-sensing device). It produces a positive going output
voltage for clockwise rotation about the axis normal to the
package top, that is, clockwise when looking down at the
package lid.
RATE
AXIS
LONGITUDINAL
AXIS
LATERAL AXIS
+
A B C D
G
1
7
E F
A1
RATE OUT
RATE IN
4.75V
0.25V
VCC = 5V
VRATIO/2
GND
Figure 2. RATEOUT Signal Increases with Clockwise Rotation
ESD CAUTION




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL

Czy Alldatasheet okazała się pomocna?  [ DONATE ]  

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Dodaj do ulubionych   |   Linki   |   Lista producentów
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl