Zakładka z wyszukiwarką danych komponentów
Selected language     Polish  ▼
Nazwa części
         Szczegóły


ADXRS622 Datasheet(Arkusz danych) 8 Page - Analog Devices

Numer części ADXRS622
Szczegółowy opis  plus,minus250temperature/sec Yaw Rate Gyroscope
Pobierz  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo 

 
 8 page
background image
ADXRS622
Rev. C | Page 8 of 12
0
0.2
0.4
0.6
0.8
1.0
1.2
1.6
2.0
1.4
1.8
100
1k
10k
FREQUENCY (Hz)
LAT
LONG
RATE
Figure 16. Typical Response to 10 g Sinusoidal Vibration
(Sensor Bandwidth = 40 Hz)
400
300
200
100
0
–100
–200
–300
–400
0
250
150
100
200
50
TIME (ms)
DUT1 OFFSET BY +200°/sec
DUT2 OFFSET BY –200°/sec
Figure 17. Typical High g (2500 g) Shock Response
(Sensor Bandwidth = 40 Hz)
1
0.1
0.01
0.001
0.01
0.1
100k
10k
1k
100
10
1
AVERAGING TIME (Seconds)
Figure 18. Typical Root Allan Deviation at 25°C vs. Averaging Time
0.10
–0.05
0
0.05
–0.10
0
140
120
100
80
60
40
20
TIME (Hours)
Figure 19. Typical Shift in 90 sec Null Averages Accumulated
over 140 Hours
0.10
0.05
0
–0.05
–0.10
0
3600
1800
1200
3000
2400
600
TIME (Seconds)
Figure 20. Typical Shift in Short Term Null (Bandwidth = 1 Hz)
0.1
0.001
0.01
0.0001
10
100k
1k
100
(Hz)
10k
Figure 21. Typical Noise Spectral Density (Bandwidth = 40 Hz)




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL

Czy Alldatasheet okazała się pomocna?  [ DONATE ]  

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Dodaj do ulubionych   |   Linki   |   Lista producentów
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl