Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADXRS645 Arkusz danych(PDF) 4 Page - Analog Devices

Numer części ADXRS645
Szczegółowy opis  High Temperature, Vibration Rejecting plus,minus2000temperature/sec Gyroscope
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADXRS645 Arkusz danych(HTML) 4 Page - Analog Devices

  ADXRS645 Datasheet HTML 1Page - Analog Devices ADXRS645 Datasheet HTML 2Page - Analog Devices ADXRS645 Datasheet HTML 3Page - Analog Devices ADXRS645 Datasheet HTML 4Page - Analog Devices ADXRS645 Datasheet HTML 5Page - Analog Devices ADXRS645 Datasheet HTML 6Page - Analog Devices ADXRS645 Datasheet HTML 7Page - Analog Devices ADXRS645 Datasheet HTML 8Page - Analog Devices ADXRS645 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
ADXRS645
Data Sheet
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Rating
Acceleration (Any Axis, 0.5 ms)
Unpowered
10,000 g
Powered
10,000 g
VDD, AVCC
−0.3 V to +6.6 V
VRATIO
AVCC
ST1, ST2
AVCC
Output Short-Circuit Duration (Any Pin to
Common)
Indefinite
Operating Temperature Range
−55°C to +175°C
Storage Temperature Range
−65°C to +185°C
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
Drops onto hard surfaces can cause shocks of greater than
10,000 g and can exceed the absolute maximum rating of the
device. Exercise care in handling to avoid damage.
RATE SENSITIVE AXIS
The ADXRS645 produces a positive output voltage for clockwise
rotation about the axis normal to the package lid, that is,
clockwise when looking at the package lid.
Figure 2. RATEOUT Signal Increases with Clockwise Rotation
ESD CAUTION
+
Z-AXIS
RATE
AXIS
Rev. A | Page 4 of 10


Podobny numer części - ADXRS645

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADXRS642 AD-ADXRS642 Datasheet
200Kb / 10P
   Vibration Rejecting 짹250째/s Yaw Rate Gyro
Rev. Pr A
ADXRS646 AD-ADXRS646 Datasheet
199Kb / 12P
   High Stability, Low Noise Vibration Rejecting Yaw Rate Gyro
REV. 0
ADXRS646 AD-ADXRS646 Datasheet
379Kb / 12P
   High Stability, Low Noise Vibration Rejecting Yaw Rate Gyroscope
REV. 0
ADXRS646-EP AD-ADXRS646-EP Datasheet
364Kb / 13P
   High Stability, Low Noise Vibration Rejecting Yaw Rate Gyroscope
REV. 0
ADXRS646BBGZ AD-ADXRS646BBGZ Datasheet
199Kb / 12P
   High Stability, Low Noise Vibration Rejecting Yaw Rate Gyro
REV. 0
More results

Podobny opis - ADXRS645

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADXRS646-EP AD-ADXRS646-EP Datasheet
364Kb / 13P
   High Stability, Low Noise Vibration Rejecting Yaw Rate Gyroscope
REV. 0
ADXRS646 AD-ADXRS646 Datasheet
379Kb / 12P
   High Stability, Low Noise Vibration Rejecting Yaw Rate Gyroscope
REV. 0
ADXRS649BBGZ AD-ADXRS649BBGZ Datasheet
303Kb / 12P
   Fast Starting, ,-20,000/sec Vibration Rejecting Rate Gyro
REV. B
ADXRS649 AD-ADXRS649 Datasheet
261Kb / 12P
   Fast Starting, 짹20,000째/sec Vibration Rejecting Rate Gyro
REV. 0
ADXRS622 AD-ADXRS622 Datasheet
328Kb / 12P
   plus,minus250temperature/sec Yaw Rate Gyroscope
ADXRS623 AD-ADXRS623 Datasheet
393Kb / 12P
   짹150째/Sec Yaw Rate Gyroscope
REV. 0
ADXRS613 AD-ADXRS613 Datasheet
421Kb / 12P
   짹150째/sec Yaw Rate Gyroscope
REV. 0
ADXRS646 AD-ADXRS646 Datasheet
199Kb / 12P
   High Stability, Low Noise Vibration Rejecting Yaw Rate Gyro
REV. 0
ADXRS623 AD-ADXRS623_V01 Datasheet
328Kb / 12P
   짹150째/Sec Yaw Rate Gyroscope
Rev. A
ADXRS642 AD-ADXRS642 Datasheet
200Kb / 10P
   Vibration Rejecting 짹250째/s Yaw Rate Gyro
Rev. Pr A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com