Zakładka z wyszukiwarką danych komponentów
Selected language     Polish  ▼
Nazwa części
         Szczegóły


ADXRS645 Datasheet(Arkusz danych) 5 Page - Analog Devices

Numer części ADXRS645
Szczegółowy opis  High Temperature, Vibration Rejecting plus,minus2000temperature/sec Gyroscope
Pobierz  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo 

 
 5 page
background image
Data Sheet
ADXRS645
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
Figure 3. Pin Configuration (Top View)
Figure 4. Pin Configuration (3D View)
Table 3. Pin Function Descriptions
Pin Number
Mnemonic
Description
A1
CP3
Charge Pump Capacitor, 22 nF
A2
CP5
HV Filter Capacitor, 100 nF
A3
ST1
Positive Self-Test
B1
CP4
Charge Pump Capacitor, 22 nF
B2
VDD
Positive Charge Pump Supply
B3
ST2
Negative Self-Test
C1
CP1
Charge Pump Capacitor, 22 nF
C2
PGND
Charge Pump Supply Return
C3
TEMP
Temperature Voltage Output
D1
CP2
Charge Pump Capacitor, 22 nF
D2
RATEOUT
Rate Signal Output
E1
AVCC
Positive Analog Supply
E2
SUMJ
Output Amplifier Summing Junction
F1
AGND
Analog Supply Return
F2
VRATIO
Reference Supply for Ratiometric Output
ADXRS645
TOP VIEW
(Not to Scale)
1
2
A
B
C
D
E
F
A
B
C
D
E
F
3
A
B
C
ST1
ST2
TEMP
Rev. A | Page 5 of 10




Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL

Czy Alldatasheet okazała się pomocna?  [ DONATE ]  

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Dodaj do ulubionych   |   Linki   |   Lista producentów
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl