Zakładka z wyszukiwarką danych komponentów
Selected language     Polish  ▼
Nazwa części
         Szczegóły


ADXRS622WBBGZA Datasheet(Arkusz danych) 3 Page - Analog Devices

Numer części ADXRS622WBBGZA
Szczegółowy opis  plus,minus250temperature/sec Yaw Rate Gyroscope
Pobierz  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo 

 
 3 page
background image
ADXRS622
Rev. C | Page 3 of 12
SPECIFICATIONS
All minimum and maximum specifications are guaranteed. Typical specifications are not guaranteed.
TA = −40°C to +105°C, VS = AVCC = VDD = 5 V, VRATIO = AVCC, angular rate = 0°/sec, bandwidth = 80 Hz (COUT = 0.01 µF), IOUT = 100 µA,
±1 g, unless otherwise noted.
Table 1.
Parameter
Conditions
Min
Typ
Max
Unit
SENSITIVITY1
Clockwise rotation is positive output
Measurement Range2
Full-scale range over specifications range
±250
±300
°/sec
Initial and Over Temperature
−40°C to +105°C
6.2
7.0
7.8
mV/°/sec
Temperature Drift3
±2
%
Nonlinearity
Best fit straight line
0.1
% of FS
NULL1
Null
−40°C to +105°C
2.15
2.5
2.85
V
Linear Acceleration Effect
Any axis
0.1
°/sec/g
NOISE PERFORMANCE
Rate Noise Density
T
A ≤ 25°C
0.06
°/sec/
√Hz
FREQUENCY RESPONSE
Bandwidth4
0.01
2500
Hz
Sensor Resonant Frequency
12
14.5
17
kHz
SELF-TEST1
ST1 RATEOUT Response
ST1 pin from Logic 0 to Logic 1
−750
−525
−300
mV
ST2 RATEOUT Response
ST2 pin from Logic 0 to Logic 1
300
525
750
mV
ST1 to ST2 Mismatch5
−5
+5
%
Logic 1 Input Voltage
3.3
V
Logic 0 Input Voltage
1.7
V
Input Impedance
To common
40
50
100
kΩ
TEMPERATURE SENSOR1
V
OUT at 25°C
Load = 10 MΩ
2.35
2.5
2.65
V
Scale Factor6
@ 25°C, V
RATIO = 5 V
9
mV/°C
Load to V
S
25
kΩ
Load to Common
25
kΩ
TURN-ON TIME
Power on to ±½°/sec of final
50
ms
OUTPUT DRIVE CAPABILITY
Current Drive
For rated specifications
200
µA
Capacitive Load Drive
1000
pF
POWER SUPPLY
Operating Voltage (V
S)
4.75
5.00
5.25
V
Quiescent Supply Current
3.5
4.5
mA
TEMPERATURE RANGE
Specified Performance
−40
+105
°C
1 Parameter is linearly ratiometric with V
RATIO.
2 Measurement range is the maximum range possible, including output swing range, initial offset, sensitivity, offset drift, and sensitivity drift at 5 V supplies.
3 From +25°C to −40°C or +25°C to +105°C.
4 Adjusted by external capacitor, C
OUT. Reducing bandwidth below 0.01 Hz does not result in further noise improvement.
5 Self-test mismatch is described as (ST2 + ST1)/((ST2 − ST1)/2).
6 Scale factor for a change in temperature from 25°C to 26°C. V
TEMP is ratiometric to VRATIO. See the Temperature Output and Calibration section for more information.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL

Czy Alldatasheet okazała się pomocna?  [ DONATE ]  

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Dodaj do ulubionych   |   Linki   |   Lista producentów
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl