Zakładka z wyszukiwarką danych komponentów
Selected language     Polish  ▼
Nazwa części
         Szczegóły


ADXRS622WBBGZA Datasheet(Arkusz danych) 9 Page - Analog Devices

Numer części ADXRS622WBBGZA
Szczegółowy opis  plus,minus250temperature/sec Yaw Rate Gyroscope
Pobierz  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo 

 
 9 page
background image
ADXRS622
Rev. C | Page 9 of 12
THEORY OF OPERATION
The ADXRS622 operates on the principle of a resonator gyro.
Two polysilicon sensing structures each contain a dither frame
that is electrostatically driven to resonance, producing the neces-
sary velocity element to produce a Coriolis force during angular
rate. At two of the outer extremes of each frame, orthogonal to
the dither motion, are movable fingers that are placed between
fixed pickoff fingers to form a capacitive pickoff structure that
senses Coriolis motion. The resulting signal is fed to a series of
gain and demodulation stages that produce the electrical rate
signal output. The dual-sensor design rejects external g-forces and
vibration. Fabricating the sensor with the signal conditioning
electronics preserves signal integrity in noisy environments.
The electrostatic resonator requires 18 V to 20 V for operation.
Because only 5 V are typically available in most applications,
a charge pump is included onchip. If an external 18 V to 20 V
supply is available, the two capacitors on CP1 from CP4 can
be omitted, and this supply can be connected to the CP5 pin
(6D, 7D). Note that CP5 should not be grounded when power is
applied to the ADXRS622. Although no damage occurs, under
certain conditions the charge pump may fail to start up after the
ground is removed if power is not first removed from the
ADXRS622.
SETTING BANDWIDTH
External Capacitor COUT is used in combination with the on-
chip ROUT resistor to create a low-pass filter to limit the bandwidth
of the ADXRS622 rate response. The −3 dB frequency set by
ROUT and COUT is
(
)
OUT
OUT
OUT
C
R
f
×
×
×
=
π
2
/
1
and can be well controlled because ROUT has been trimmed
during manufacturing to be 180 kΩ ± 1%. Any external resistor
applied between the RATEOUT pin (1B, 2A) and SUMJ pin
(1C, 2C) results in
(
) (
)
EXT
EXT
OUT
R
R
R
+
×
=
180
/
180
In general, an additional hardware or software filter is added to
attenuate high frequency noise arising from demodulation spikes
at the 14 kHz resonant frequency of the gyro. The noise spikes
at 14 kHz can be clearly seen in the power spectral density
curve, shown in Figure 21. Typically, this additional filter corner
frequency is set to greater than 5× the required bandwidth to
preserve good phase response.
Figure 22 shows the effect of adding a 250 Hz filter to the
output of an ADXRS622 set to 40 Hz bandwidth (as shown
in Figure 21). High frequency demodulation artifacts are
attenuated by approximately 18 dB.
0.1
0.01
0.000001
0.00001
0.0001
0.001
10
100k
1k
100
(Hz)
10k
Figure 22. Noise Spectral Density with Additional 250 Hz Filter
TEMPERATURE OUTPUT AND CALIBRATION
It is common practice to temperature-calibrate gyros to improve
their overall accuracy. The ADXRS622 has a temperature propor-
tional voltage output that provides input to such a calibration
method. The temperature sensor structure is shown in Figure 23.
The temperature output is characteristically nonlinear, and any
load resistance connected to the TEMP output results in decreasing
the TEMP output and its temperature coefficient. Therefore,
buffering the output is recommended.
The voltage at the TEMP pin (3F, 3G) is nominally 2.5 V at 25°C,
and VRATIO = 5 V. The temperature coefficient is ~9 mV/°C at
25°C. Although the TEMP output is highly repeatable, it has
only modest absolute accuracy.
VRATIO
VTEMP
RFIXED
RTEMP
Figure 23. ADXRS622 Temperature Sensor Structure
CALIBRATED PERFORMANCE
Using a three-point calibration technique, it is possible to
calibrate the ADXRS622 null and sensitivity drift to an overall
accuracy of nearly 200°/hour. An overall accuracy of 40°/hour
or better is possible using more points.
Limiting the bandwidth of the device reduces the flat-band noise
during the calibration process, improving the measurement
accuracy at each calibration point.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL

Czy Alldatasheet okazała się pomocna?  [ DONATE ]  

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Dodaj do ulubionych   |   Linki   |   Lista producentów
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl