Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CSD13383F4T Arkusz danych(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Numer części CSD13383F4T
Szczegółowy opis  N-Channel FemtoFET MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

CSD13383F4T Arkusz danych(HTML) 3 Page - Texas Instruments

  CSD13383F4T Datasheet HTML 1Page - Texas Instruments CSD13383F4T Datasheet HTML 2Page - Texas Instruments CSD13383F4T Datasheet HTML 3Page - Texas Instruments CSD13383F4T Datasheet HTML 4Page - Texas Instruments CSD13383F4T Datasheet HTML 5Page - Texas Instruments CSD13383F4T Datasheet HTML 6Page - Texas Instruments CSD13383F4T Datasheet HTML 7Page - Texas Instruments CSD13383F4T Datasheet HTML 8Page - Texas Instruments CSD13383F4T Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3
CSD13383F4
www.ti.com
SLPS517A – DECEMBER 2014 – REVISED JANUARY 2016
Product Folder Links: CSD13383F4
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
5 Specifications
5.1 Electrical Characteristics
(TA = 25°C unless otherwise stated)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
STATIC CHARACTERISTICS
BVDSS
Drain-to-source voltage
VGS = 0 V, IDS = 250 μA
12
V
IDSS
Drain-to-source leakage current
VGS = 0 V, VDS = 9.6 V
1
µA
IGSS
Gate-to-source leakage current
VDS = 0 V, VGS = 10 V
10
µA
VGS(th)
Gate-to-source threshold voltage
VDS = VGS, IDS = 250 μA
0.70
1.00
1.25
V
RDS(on)
Drain-to-source on-resistance
VGS = 2.5 V, IDS =0.5 A
53
65
m
VGS = 4.5 V, IDS =0.5 A
37
44
m
gfs
Transconductance
VDS = 6 V, IDS = 0.5 A
5.4
S
DYNAMIC CHARACTERISTICS
Ciss
Input capacitance
VGS = 0 V, VDS = 6 V,
ƒ = 1 MHz
224
291
pF
Coss
Output capacitance
68
88
pF
Crss
Reverse transfer capacitance
47
61
pF
RG
Series gate resistance
240
Qg
Gate charge total (4.5 V)
VDS = 6 V, IDS = 0.5 A
2.0
2.6
nC
Qgd
Gate charge gate-to-drain
0.6
nC
Qgs
Gate charge gate-to-source
0.4
nC
Qg(th)
Gate charge at Vth
0.1
nC
Qoss
Output charge
VDS = 6 V, VGS = 0 V
0.9
nC
td(on)
Turn on delay time
VDS = 6 V, VGS = 4.5 V,
IDS = 0.5 A, RG = 2 Ω
46
ns
tr
Rise time
122
ns
td(off)
Turn off delay time
250
ns
tf
Fall time
290
ns
DIODE CHARACTERISTICS
VSD
Diode forward voltage
ISD = 0.5 A, VGS = 0 V
0.7
1.0
V
(1)
Device mounted on FR4 material with 1 inch2 (6.45 cm2), 2 oz. (0.071 mm thick) Cu.
(2)
Device mounted on FR4 material with minimum Cu mounting area.
5.2 Thermal Information
(TA = 25°C unless otherwise stated)
THERMAL METRIC
MIN
TYP
MAX
UNIT
RθJA
Junction-to-ambient thermal resistance(1)
90
°C/W
Junction-to-ambient thermal resistance(2)
250


Podobny numer części - CSD13383F4T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
CSD13383F4 TI-CSD13383F4_15 Datasheet
1Mb / 15P
[Old version datasheet]   CSD13383F4 12 V N-Channel FemtoFET MOSFET
More results

Podobny opis - CSD13383F4T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
CSD17382F4 TI1-CSD17382F4 Datasheet
591Kb / 13P
[Old version datasheet]   30V N-Channel FemtoFET MOSFET
CSD18541F5 TI1-CSD18541F5 Datasheet
1Mb / 14P
[Old version datasheet]   60V N-Channel FemtoFET MOSFET
CSD17483F4 TI1-CSD17483F4_13 Datasheet
583Kb / 12P
[Old version datasheet]   30 V, N-Channel FemtoFET MOSFET
CSD17381F4 TI1-CSD17381F4_16 Datasheet
602Kb / 13P
[Old version datasheet]   30 V N-Channel FemtoFET MOSFET
CSD17484F4 TI1-CSD17484F4_16 Datasheet
588Kb / 13P
[Old version datasheet]   30 V N-Channel FemtoFET MOSFET
CSD13385F5 TI1-CSD13385F5 Datasheet
947Kb / 14P
[Old version datasheet]   12-V N-Channel FemtoFET MOSFET
CSD17585F5 TI1-CSD17585F5 Datasheet
948Kb / 14P
[Old version datasheet]   30-V N-Channel FemtoFET MOSFET
CSD13381F4 TI1-CSD13381F4 Datasheet
565Kb / 9P
[Old version datasheet]   12 V, N-Channel FemtoFET??MOSFET
CSD13380F3 TI1-CSD13380F3 Datasheet
1Mb / 14P
[Old version datasheet]   12-V N-Channel FemtoFET MOSFET
CSD15380F3 TI1-CSD15380F3 Datasheet
1Mb / 14P
[Old version datasheet]   CSD15380F3 20-V N-Channel FemtoFET??MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com