Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM25037MT Arkusz danych(PDF) 3 Page - Texas Instruments

Numer części LM25037MT
Szczegółowy opis  Dual-Mode PWM Controller With Alternating Outputs
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

LM25037MT Arkusz danych(HTML) 3 Page - Texas Instruments

  LM25037MT Datasheet HTML 1Page - Texas Instruments LM25037MT Datasheet HTML 2Page - Texas Instruments LM25037MT Datasheet HTML 3Page - Texas Instruments LM25037MT Datasheet HTML 4Page - Texas Instruments LM25037MT Datasheet HTML 5Page - Texas Instruments LM25037MT Datasheet HTML 6Page - Texas Instruments LM25037MT Datasheet HTML 7Page - Texas Instruments LM25037MT Datasheet HTML 8Page - Texas Instruments LM25037MT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 37 page
background image
UVLO
COMP
FB
RT2
AGND
RT1
CS
RAMP
VCC
OUTA
OUTB
PGND
SS
RES
REF
VIN
LM25037
14
13
12
11
10
8
9
15
16
1
2
3
4
5
7
6
LM25037, LM25037-Q1
www.ti.com
SNVS572E – JULY 2008 – REVISED JANUARY 2016
5 Pin Configuration and Functions
PW Package
16-Pin TSSOP
Top View
Pin Functions
PIN
I/O
DESCRIPTION
APPLICATION INFORMATION
NO.
NAME
Modulation ramp for the PWM comparator. This ramp can be a
representative of the primary current (current mode) or proportional
1
RAMP
I
Pulse width modulator ramp
to input voltage (feed-forward voltage mode). This pin is reset to
ground at the conclusion of every cycle by an internal FET.
An external voltage divider from the power source sets the shutdown
and standby comparator threshold levels. When UVLO exceeds the
2
UVLO
I
Line undervoltage lockout
0.45V shutdown threshold, the VCC and REF regulators are
enabled. When UVLO exceeds the 1.25V standby threshold, the SS
pin is released and the device enters the active mode.
3
COMP
I/O
Input to the pulse width modulator
Output of the error amplifier and input to the PWM comparator.
Connected to inverting input of the error amplifier. An internal 1.25-V
reference is connected to the noninverting input of the error
4
FB
I
Feedback
amplifier. In isolated applications using an external error amplifier,
this pin should be connected to the AGND pin.
The resistance connected between RT2 and AGND sets the forced
5
RT2
I
Oscillator dead-time control
dead-time between switching periods of the alternating outputs.
6
AGND
Analog ground
Connect directly to Power Ground.
The resistance connected between RT1 and AGND sets the
7
RT1
I
Oscillator maximum on-time control
oscillator maximum on-time. The sum of this maximum on-time and
the forced dead-time (set by RT2) sets the oscillator period.
If CS exceeds 250 mV the output pulse will be terminated, entering
8
CS
I
Current sense input
cycle-by-cycle current limit. An internal switch holds CS low for 65
nS after either output switches high to blank leading edge transients.
If cycle-by-cycle current limit is reached during any cycle, a 18-µA
current is sourced to the external RES pin capacitor. If the RES
capacitor voltage reaches 2 V, the soft-start capacitor will be fully
9
RES
I/O
Restart timer
discharged and then released with a pullup current of 1 uA. After the
first output pulse (when SS = 1V), the SS pin charging current will
increase to the normal level of 100 µA.
An external capacitor and an internal 100uA current source set the
10
SS
I
Soft-start
soft-start ramp. The SS current source is reduced to 1 µA following a
restart event (RES pin high).
11
PGND
Power ground
Connect directly to Analog Ground
Alternating gate drive output of the pulse width modulator. Capable
12
OUTB
O
Output driver
of 1.2-A peak source and sink current.
Alternating gate drive output of the pulse width modulator. Capable
13
OUTA
O
Output driver
of 1.2-A peak source and sink current.
If an auxiliary winding raises the voltage on this pin above the
Output of the high voltage start-up
regulation set point, the internal start-up regulator will shutdown thus
14
VCC
I/O
regulator. The VCC voltage is
reducing the IC power dissipation. Locally decouple VCC with a 0.47
regulated to 7.7 V.
µF or greater capacitor.
Copyright © 2008–2016, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM25037 LM25037-Q1


Podobny numer części - LM25037MT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM25037MT NSC-LM25037MT Datasheet
497Kb / 24P
   Dual-Mode PWM Controller With Alternating Outputs
logo
Texas Instruments
LM25037MT/NOPB TI-LM25037MT/NOPB Datasheet
1Mb / 31P
[Old version datasheet]   LM25037/LM25037-Q1 Dual-Mode PWM Controller With Alternating Outputs
logo
National Semiconductor ...
LM25037MTX NSC-LM25037MTX Datasheet
497Kb / 24P
   Dual-Mode PWM Controller With Alternating Outputs
logo
Texas Instruments
LM25037MTX/NOPB TI-LM25037MTX/NOPB Datasheet
1Mb / 31P
[Old version datasheet]   LM25037/LM25037-Q1 Dual-Mode PWM Controller With Alternating Outputs
More results

Podobny opis - LM25037MT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LM5037 TI1-LM5037_14 Datasheet
1Mb / 33P
[Old version datasheet]   Dual-Mode PWM Controller With Alternating Outputs
logo
National Semiconductor ...
LM25037 NSC-LM25037 Datasheet
497Kb / 24P
   Dual-Mode PWM Controller With Alternating Outputs
LM5037 NSC-LM5037 Datasheet
479Kb / 24P
   Dual-Mode PWM Controller With Alternating Outputs
logo
Texas Instruments
LM25037 TI1-LM25037_14 Datasheet
581Kb / 29P
[Old version datasheet]   Dual-Mode PWM Controller With Alternating Outputs
LM5037 TI-LM5037_15 Datasheet
1Mb / 40P
[Old version datasheet]   LM5037 Dual-Mode PWM Controller With Alternating Outputs
LM25037 TI-LM25037_15 Datasheet
1Mb / 31P
[Old version datasheet]   LM25037/LM25037-Q1 Dual-Mode PWM Controller With Alternating Outputs
LM25037 TI-LM25037 Datasheet
1Mb / 31P
[Old version datasheet]   LM25037/LM25037-Q1 Dual-Mode PWM Controller With Alternating Outputs
logo
Diodes Incorporated
AZ494 DIODES-AZ494 Datasheet
537Kb / 13P
   VOLTAGE MODE DUAL OUTPUT PWM CONTROLLER
logo
Advanced Power Electron...
APU3046 A-POWER-APU3046 Datasheet
230Kb / 19P
   DUAL SYNCHRONOUS PWM CONTROLLER WITH
logo
Richtek Technology Corp...
DS8817A RICHTEK-DS8817A Datasheet
351Kb / 21P
   Dual-Phase PWM Controller with PWM-VID Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com