Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM3444 Arkusz danych(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Numer części LM3444
Szczegółowy opis  AC-DC Offline LED Driver
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

LM3444 Arkusz danych(HTML) 11 Page - Texas Instruments

Back Button LM3444 Datasheet HTML 7Page - Texas Instruments LM3444 Datasheet HTML 8Page - Texas Instruments LM3444 Datasheet HTML 9Page - Texas Instruments LM3444 Datasheet HTML 10Page - Texas Instruments LM3444 Datasheet HTML 11Page - Texas Instruments LM3444 Datasheet HTML 12Page - Texas Instruments LM3444 Datasheet HTML 13Page - Texas Instruments LM3444 Datasheet HTML 14Page - Texas Instruments LM3444 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
VVF-CAP =
2
VAC-RMS
3
+
+
D3
C7
C9
C10
D4
D8
D9
VBUCK
V+
+
-
+
-
VBUCK
VBUCK
LM3444
www.ti.com
SNVS682D – NOVEMBER 2010 – REVISED DECEMBER 2015
Feature Description (continued)
Figure 11. Two Stage Valley-Fill Circuit when AC Line is Low
A three stage valley-fill circuit performs exactly the same as two-stage valley-fill circuit, except now three
capacitors are charged in series when the line voltage decreases, as shown in Equation 2:
(2)
Diode D3 is reverse-biased and three capacitors are in parallel to each other.
The valley-fill circuit can be optimized for power factor, voltage hold-up, and overall application size and cost.
The LM3444 operates with a single-stage or a three-stage valley-fill circuit as well. Resistor R8 functions as a
current limiting resistor during start-up, and during the transition from series to parallel connection. Resistors R6
and R7 are 1-M
Ω bleeder resistors, and may or may not be necessary for each application.
7.3.4 Buck Converter
The LM3444 is a buck controller that uses a proprietary constant off-time method to maintain constant current
through a string of LEDs. While transistor Q2 is on, current ramps up through the inductor and LED string. A
resistor R3 senses this current and this voltage is compared to the reference voltage at FILTER. When this
sensed voltage is equal to the reference voltage, transistor Q2 is turned off and diode D10 conducts the current
through the inductor and LEDs. Capacitor C12 eliminates most of the ripple current seen in the inductor. Resistor
R4, capacitor C11, and transistor Q3 provide a linear current ramp that sets the constant off-time for a given
output voltage.
Copyright © 2010–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM3444


Podobny numer części - LM3444

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM3444 NSC-LM3444 Datasheet
3Mb / 14P
   120VAC, 8W Isolated Flyback LED Driver Industrial and Commercial Lighting
logo
Texas Instruments
LM3444 TI-LM3444 Datasheet
923Kb / 30P
[Old version datasheet]   AC-DC Offline LED Driver
LM3444 TI1-LM3444 Datasheet
965Kb / 27P
[Old version datasheet]   AC-DC Offline LED Driver
logo
National Semiconductor ...
LM3444-230VAC NSC-LM3444-230VAC Datasheet
2Mb / 18P
   8W Isolated Flyback LED Driver Industrial and Commercial Lighting
LM3444A9 NSC-LM3444A9 Datasheet
1Mb / 10P
   Edison Retrofit Evaluation Board included in this shipment converts
More results

Podobny opis - LM3444

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LM3444MM TI-LM3444MM Datasheet
923Kb / 30P
[Old version datasheet]   AC-DC Offline LED Driver
LM3444 TI1-LM3444_14 Datasheet
965Kb / 27P
[Old version datasheet]   AC-DC Offline LED Driver
LM3444MM TI1-LM3444MM Datasheet
971Kb / 30P
[Old version datasheet]   AC-DC Offline LED Driver
logo
Monolithic Power System...
MP4034 MPS-MP4034 Datasheet
873Kb / 19P
   Offline LED Driver
logo
AIMTEC
AMEHR50-Z AIMTEC-AMEHR50-Z Datasheet
738Kb / 7P
   AC-DC LED driver
AMEPR10-Z AIMTEC-AMEPR10-Z Datasheet
596Kb / 7P
   AC-DC LED driver
AMEPR16-Z AIMTEC-AMEPR16-Z Datasheet
558Kb / 6P
   AC-DC LED driver
logo
National Semiconductor ...
LM3445 NSC-LM3445 Datasheet
1Mb / 26P
   Triac Dimmable Offline LED Driver
logo
Diodes Incorporated
AL5892 DIODES-AL5892 Datasheet
657Kb / 11P
   OFFLINE DIMMABLE LINEAR LED DRIVER
Rev. 1 - 2 October 2019
logo
Texas Instruments
LM3445MM TI-LM3445MM Datasheet
1Mb / 39P
[Old version datasheet]   Triac Dimmable Offline LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com