Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM1117IDTX-5.0 Arkusz danych(PDF) 1 Page - Texas Instruments

Numer części LM1117IDTX-5.0
Szczegółowy opis  800-mA Low-Dropout Linear Regulator
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

LM1117IDTX-5.0 Arkusz danych(HTML) 1 Page - Texas Instruments

  LM1117IDTX-5.0 Datasheet HTML 1Page - Texas Instruments LM1117IDTX-5.0 Datasheet HTML 2Page - Texas Instruments LM1117IDTX-5.0 Datasheet HTML 3Page - Texas Instruments LM1117IDTX-5.0 Datasheet HTML 4Page - Texas Instruments LM1117IDTX-5.0 Datasheet HTML 5Page - Texas Instruments LM1117IDTX-5.0 Datasheet HTML 6Page - Texas Instruments LM1117IDTX-5.0 Datasheet HTML 7Page - Texas Instruments LM1117IDTX-5.0 Datasheet HTML 8Page - Texas Instruments LM1117IDTX-5.0 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
Reference
Design
LM1117
SNOS412N – FEBRUARY 2000 – REVISED JANUARY 2016
LM1117 800-mA Low-Dropout Linear Regulator
1 Features
3 Description
The LM1117 is a low dropout voltage regulator with a
1
Available in 1.8 V, 2.5 V, 3.3 V, 5 V, and
dropout of 1.2 V at 800 mA of load current.
Adjustable Versions
The LM1117 is available in an adjustable version,
Space-Saving SOT-223 and WSON Packages
which can set the output voltage from 1.25 to 13.8 V
Current Limiting and Thermal Protection
with only two external resistors. In addition, it is
Output Current 800 mA
available in five fixed voltages, 1.8 V, 2.5 V, 3.3 V,
Line Regulation 0.2% (Maximum)
and 5 V.
Load Regulation 0.4% (Maximum)
The LM1117 offers current limiting and thermal
shutdown. Its circuit includes a Zener trimmed
Temperature Range
bandgap reference to assure output voltage accuracy
LM1117: 0°C to 125°C
to within ±1%.
LM1117I:
−40°C to 125°C
A minimum of 10-µF tantalum capacitor is required at
the output to improve the transient response and
2 Applications
stability.
Post Regulator for Switching DC–DC Converter
Device Information(1)
High Efficiency Linear Regulators
PART NUMBER
PACKAGE
BODY SIZE (NOM)
Battery Chargers
SOT-223 (4)
6.50 mm × 3.50 mm
Portable Instrumentation
TO-220 (3)
14.986 mm × 10.16 mm
Active SCSI Termination Regulator
LM1117,
TO-252 (3)
6.58 mm × 6.10 mm
LM1117I
WSON (8)
4.00 mm × 4.00 mm
TO-263 (3)
10.18 mm × 8.41 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Adjustable Output Regulator
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Podobny numer części - LM1117IDTX-5.0

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM1117IDTX-5.0 NSC-LM1117IDTX-5.0 Datasheet
405Kb / 21P
   800mA Low-Dropout Linear Regulator
LM1117IDTX-5.0 NSC-LM1117IDTX-5.0 Datasheet
921Kb / 21P
   800mA Low-Dropout Linear Regulator
logo
Texas Instruments
LM1117IDTX-5.0 TI1-LM1117IDTX-5.0 Datasheet
458Kb / 25P
[Old version datasheet]   800mA Low-Dropout Linear Regulator
LM1117IDTX-5.0/NOPB TI1-LM1117IDTX-5.0/NOPB Datasheet
2Mb / 30P
[Old version datasheet]   800mA Low-Dropout Linear Regulator
LM1117IDTX-5.0/NOPB TI1-LM1117IDTX-5.0/NOPB Datasheet
2Mb / 32P
[Old version datasheet]   LM1117-N/LM1117I 800mA Low-Dropout Linear Regulator
More results

Podobny opis - LM1117IDTX-5.0

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Galaxy Semi-Conductor H...
BLA1117 BILIN-BLA1117 Datasheet
149Kb / 6P
   800 mA Low-Dropout Linear Regulator
logo
ON Semiconductor
LM1117 ONSEMI-LM1117 Datasheet
215Kb / 13P
   800 mA Low-Dropout Linear Regulator
May, 2020 ??Rev. 0
logo
Toshiba Semiconductor
TCR8BM TOSHIBA-TCR8BM Datasheet
1Mb / 15P
   800 mA CMOS Ultra Low Dropout Regulator
2022-09-02 Rev.4.0
logo
Microchip Technology
TC2117-33VDBTR MICROCHIP-TC2117-33VDBTR Datasheet
767Kb / 18P
   800 mA Fixed Low Dropout Positive Regulator
10/19/06
TC2117 MICROCHIP-TC2117_06 Datasheet
821Kb / 18P
   800 mA Fixed Low Dropout Positive Regulator
2006
logo
Analog Devices
ADP3300 AD-ADP3300_15 Datasheet
288Kb / 9P
   50 mA Low Dropout Linear Regulator
REV. C
logo
Texas Instruments
TPS799L TI1-TPS799L Datasheet
603Kb / 14P
[Old version datasheet]   200-mA, Low-Dropout Linear Regulator
TPS74701 TI1-TPS74701_15 Datasheet
1Mb / 30P
[Old version datasheet]   500-mA Low-Dropout Linear Regulator
logo
ON Semiconductor
NCV4264 ONSEMI-NCV4264 Datasheet
115Kb / 8P
   150 mA Low Dropout Linear Regulator
December, 2006 ??Rev. P0
logo
Analog Devices
ADP3303 AD-ADP3303_15 Datasheet
271Kb / 16P
   200 mA Low Dropout Linear Regulator
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com