Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM3262TMX Arkusz danych(PDF) 11 Page - Texas Instruments

Numer części LM3262TMX
Szczegółowy opis  Adjustable, Step-Down DC-DC Converter With Auto Bypass
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

LM3262TMX Arkusz danych(HTML) 11 Page - Texas Instruments

Back Button LM3262TMX Datasheet HTML 7Page - Texas Instruments LM3262TMX Datasheet HTML 8Page - Texas Instruments LM3262TMX Datasheet HTML 9Page - Texas Instruments LM3262TMX Datasheet HTML 10Page - Texas Instruments LM3262TMX Datasheet HTML 11Page - Texas Instruments LM3262TMX Datasheet HTML 12Page - Texas Instruments LM3262TMX Datasheet HTML 13Page - Texas Instruments LM3262TMX Datasheet HTML 14Page - Texas Instruments LM3262TMX Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 41 page
background image
LM3262
www.ti.com
SNVS875O – AUGUST 2012 – REVISED DECEMBER 2015
7 Detailed Description
7.1 Overview
The LM3262 is a simple, step-down DC-DC converter optimized for powering RF power amplifiers (PAs) in
mobile phones, portable communicators, and similar battery powered RF devices. It is designed to allow the RF
PA to operate at maximum efficiency over a wide range of power levels from a single li-ion battery cell. The
device is based on a voltage-mode buck architecture, with synchronous rectification for high efficiency. It is
designed for a maximum load capability of 800 mA in PWM mode. Maximum load range may vary from this
depending on input voltage, output voltage, and the inductor chosen.
There are five modes of operation depending on the current required: pulse width modulation (PWM), ECOnomy
(ECO), bypass (BP), sleep, and shutdown. (See Table 1.) The LM3262 operates in PWM mode at higher load
current conditions. Lighter loads cause the device to automatically switch into ECO mode. Shutdown mode turns
the device off and reduces battery consumption to 0.1 µA (typical).
DC PWM mode output voltage precision is ±2% for 3.6 VOUT. Efficiency is approximately 93% (typical) for a
500-mA load with 3.4-V output, 3.8-V input. The output voltage is dynamically programmable from 0.4 V to 3.6 V
by adjusting the voltage on the control pin (VCON) without the need for external feedback resistors. This ensures
longer battery life by being able to change the PA supply voltage dynamically depending on its transmitting
power.
Additional features include current overload protection and thermal overload shutdown.
The LM3262 is constructed using a chip-scale, 9-pin DSBGA package. This package offers the smallest possible
size for space-critical applications, such as cell phones, where board area is an important design consideration.
Use of a high switching frequency (6 MHz, typical) reduces the size of external components. As shown in the
Typical Application Circuit, only three external power components are required for implementation. Use of a
DSBGA package requires special design considerations for implementation. (See DSBGA Assembly and Use.)
The fine bump-pitch of the DSBGA package requires careful board design and precision assembly equipment.
Use of this package is best suited for opaque-case applications, where its edges are not subject to high-intensity
ambient red or infrared light. Also, the system controller must set EN low during power-up and other low supply
voltage conditions. (See Shutdown Mode.)
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM3262


Podobny numer części - LM3262TMX

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LM3262TMX/NOPB TI1-LM3262TMX/NOPB Datasheet
2Mb / 41P
[Old version datasheet]   Miniature, Adjustable, Step-Down DC-DC Converter
More results

Podobny opis - LM3262TMX

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LM3242 TI1-LM3242_14 Datasheet
4Mb / 28P
[Old version datasheet]   6MHz, 750mA Miniature, Adjustable, Step-Down DC-DC Converter with Auto Bypass for RF Power Amplifiers
REVISED MARCH 2013
LM3262 TI-LM3262_15 Datasheet
3Mb / 27P
[Old version datasheet]   LM3262 6MHz, 800 mA Miniature, Adjustable, Step-Down DC-DC Converter with Auto Bypass for RF Power Amplifiers
logo
National Semiconductor ...
LM3200 NSC-LM3200_05 Datasheet
882Kb / 15P
   Miniature, Adjustable, Step-Down DC-DC Converter with Bypass Mode for RF Power Amplifiers
logo
Texas Instruments
LM3204 TI1-LM3204 Datasheet
959Kb / 25P
[Old version datasheet]   Miniature, Adjustable, Step-Down DC-DC Converter with Bypass Mode for RF Power Amplifiers
logo
National Semiconductor ...
LM3200 NSC-LM3200 Datasheet
885Kb / 15P
   Miniature, Adjustable, Step-Down DC-DC Converter with Bypass Mode for RF Power Amplifiers
LM3204 NSC-LM3204 Datasheet
878Kb / 16P
   Miniature, Adjustable, Step-Down DC-DC Converter with Bypass Mode for RF Power Amplifiers
logo
Texas Instruments
LM3204 TI1-LM3204_16 Datasheet
950Kb / 24P
[Old version datasheet]   Miniature, Adjustable, Step-Down DC-DC Converter
LM3200 TI1-LM3200 Datasheet
982Kb / 24P
[Old version datasheet]   Miniature, Adjustable, Step-Down DC-DC Converter
LM3262 TI1-LM3262 Datasheet
2Mb / 41P
[Old version datasheet]   Miniature, Adjustable, Step-Down DC-DC Converter
LM3205 TI1-LM3205_16 Datasheet
1Mb / 28P
[Old version datasheet]   Miniature, Adjustable, Step-Down DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com