Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CSD18532NQ5BT Arkusz danych(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Numer części CSD18532NQ5BT
Szczegółowy opis  N-Channel NexFET Power MOSFET
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

CSD18532NQ5BT Arkusz danych(HTML) 4 Page - Texas Instruments

  CSD18532NQ5BT Datasheet HTML 1Page - Texas Instruments CSD18532NQ5BT Datasheet HTML 2Page - Texas Instruments CSD18532NQ5BT Datasheet HTML 3Page - Texas Instruments CSD18532NQ5BT Datasheet HTML 4Page - Texas Instruments CSD18532NQ5BT Datasheet HTML 5Page - Texas Instruments CSD18532NQ5BT Datasheet HTML 6Page - Texas Instruments CSD18532NQ5BT Datasheet HTML 7Page - Texas Instruments CSD18532NQ5BT Datasheet HTML 8Page - Texas Instruments CSD18532NQ5BT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
GATE
Source
DRAIN
M0137-01
GATE
Source
DRAIN
M0137-02
CSD18532NQ5B
SLPS440A – JUNE 2013 – REVISED DECEMBER 2015
www.ti.com
Max RθJA = 50°C/W
Max RθJA = 125°C/W
when mounted on
when mounted on a
1 inch2 (6.45 cm2) of 2
minimum pad area of 2
oz. (0.071 mm thick)
oz. (0.071 mm thick)
Cu.
Cu.
5.3 Typical MOSFET Characteristics
(TA = 25°C unless otherwise stated)
Figure 1. Transient Thermal Impedance
4
Submit Documentation Feedback
Copyright © 2013–2015, Texas Instruments Incorporated
Product Folder Links: CSD18532NQ5B


Podobny numer części - CSD18532NQ5BT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
CSD18532NQ5B TI-CSD18532NQ5B Datasheet
1Mb / 12P
[Old version datasheet]   60-V, N-Channel NexFET??Power MOSFETs
More results

Podobny opis - CSD18532NQ5BT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
CSD13201W10 TI1-CSD13201W10 Datasheet
1Mb / 13P
[Old version datasheet]   N-Channel NexFET Power MOSFET
CSD16413Q5A TI1-CSD16413Q5A Datasheet
342Kb / 11P
[Old version datasheet]   N-Channel NexFET??Power MOSFET
CSD18563Q5A TI1-CSD18563Q5A_16 Datasheet
825Kb / 13P
[Old version datasheet]   N-Channel NexFET Power MOSFET
CSD17313Q2Q1 TI1-CSD17313Q2Q1_15 Datasheet
411Kb / 13P
[Old version datasheet]   N-Channel NexFET Power MOSFET
CSD16408Q5 TI-CSD16408Q5 Datasheet
204Kb / 10P
[Old version datasheet]   N-Channel NexFET Power MOSFET
CSD16327Q3 TI1-CSD16327Q3 Datasheet
991Kb / 11P
[Old version datasheet]   N-Channel NexFET??Power MOSFET
CSD16322Q5 TI-CSD16322Q5 Datasheet
287Kb / 10P
[Old version datasheet]   N-Channel NexFET Power MOSFET
CSD16404Q5A TI-CSD16404Q5A Datasheet
511Kb / 11P
[Old version datasheet]   N-Channel NexFET??Power MOSFET
CSD16401Q5 TI1-CSD16401Q5 Datasheet
332Kb / 11P
[Old version datasheet]   N-Channel NexFET??Power MOSFET
CSD16414Q5 TI1-CSD16414Q5 Datasheet
348Kb / 11P
[Old version datasheet]   N-Channel NexFET??Power MOSFET
CSD16415Q5 TI1-CSD16415Q5 Datasheet
568Kb / 12P
[Old version datasheet]   N-Channel NexFET??Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com