Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM3691TLX-1.2 Arkusz danych(PDF) 11 Page - Texas Instruments

Numer części LM3691TLX-1.2
Szczegółowy opis  High-Accuracy, Miniature 1-A Step-Down DC-DC Converter
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

LM3691TLX-1.2 Arkusz danych(HTML) 11 Page - Texas Instruments

Back Button LM3691TLX-1.2 Datasheet HTML 7Page - Texas Instruments LM3691TLX-1.2 Datasheet HTML 8Page - Texas Instruments LM3691TLX-1.2 Datasheet HTML 9Page - Texas Instruments LM3691TLX-1.2 Datasheet HTML 10Page - Texas Instruments LM3691TLX-1.2 Datasheet HTML 11Page - Texas Instruments LM3691TLX-1.2 Datasheet HTML 12Page - Texas Instruments LM3691TLX-1.2 Datasheet HTML 13Page - Texas Instruments LM3691TLX-1.2 Datasheet HTML 14Page - Texas Instruments LM3691TLX-1.2 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
LM3691
www.ti.com
SNVS506J – MAY 2008 – REVISED DECEMBER 2015
Typical Characteristics (continued)
LM3691TL Typical Application Circuit, VIN = 3.6 V, VOUT = 1.8 V, TA = 25°C, L = 1 μH, 2520, (LQM2HP1R0), CIN = COUT = 4.7
μF, 0603(1608), 6.3 V, (C1608X5R0J475K) unless otherwise noted.
VOUT = 0.75 V
ECO Mode 1 mA to 25 mA
VOUT = 0.75 V
ECO Mode 25 mA to 1 mA
Figure 25. Load Transient Reponse
Figure 26. Load Transient Reponse
VOUT = 1.8 V
ECO Mode 1 mA to 25 mA
VOUT = 1.8 V
ECO Mode 25 mA to 1 mA
Figure 27. Load Transient Reponse
Figure 28. Load Transient Reponse
VOUT = 0.75 V
ECO Mode to PWM Mode
VOUT = 0.75 V
PWM Mode to ECO Mode
Figure 29. Load Transient Reponse
Figure 30. Load Transient Reponse
Copyright © 2008–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM3691


Podobny numer części - LM3691TLX-1.2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM3691TLX-1.2 NSC-LM3691TLX-1.2 Datasheet
2Mb / 18P
   High Accuracy, Miniature 1A, Step-Down DC-DC Converter for Portable Applications
More results

Podobny opis - LM3691TLX-1.2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LM3691 TI1-LM3691_14 Datasheet
2Mb / 23P
[Old version datasheet]   High Accuracy, Miniature 1A, Step-Down DC-DC Converter for Portable
logo
National Semiconductor ...
LM3691 NSC-LM3691 Datasheet
2Mb / 18P
   High Accuracy, Miniature 1A, Step-Down DC-DC Converter for Portable Applications
logo
Texas Instruments
LM3691 TI-LM3691_15 Datasheet
2Mb / 24P
[Old version datasheet]   LM3691 High Accuracy, Miniature 1A, Step-Down DC-DC Converter for Portable Applications
LM3204 TI1-LM3204_16 Datasheet
950Kb / 24P
[Old version datasheet]   Miniature, Adjustable, Step-Down DC-DC Converter
LM3200 TI1-LM3200 Datasheet
982Kb / 24P
[Old version datasheet]   Miniature, Adjustable, Step-Down DC-DC Converter
LM3262 TI1-LM3262 Datasheet
2Mb / 41P
[Old version datasheet]   Miniature, Adjustable, Step-Down DC-DC Converter
LM3218 TI1-LM3218 Datasheet
3Mb / 21P
[Old version datasheet]   Miniature, Adjustable, Step-Down DC-DC Converter
LM3205 TI1-LM3205_16 Datasheet
1Mb / 28P
[Old version datasheet]   Miniature, Adjustable, Step-Down DC-DC Converter
logo
National Semiconductor ...
LM2619 NSC-LM2619_03 Datasheet
855Kb / 15P
   500mA Sub-Miniature Step-Down DC-DC Converter
logo
Texas Instruments
LM3242 TI1-LM3242 Datasheet
1Mb / 32P
[Old version datasheet]   750mA Miniature Adjustable Step-Down DC-DC Converter
REVISED AUGUST 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com