Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM3691TLX-3.3 Arkusz danych(PDF) 2 Page - Texas Instruments

Numer części LM3691TLX-3.3
Szczegółowy opis  High-Accuracy, Miniature 1-A Step-Down DC-DC Converter
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

LM3691TLX-3.3 Arkusz danych(HTML) 2 Page - Texas Instruments

  LM3691TLX-3.3 Datasheet HTML 1Page - Texas Instruments LM3691TLX-3.3 Datasheet HTML 2Page - Texas Instruments LM3691TLX-3.3 Datasheet HTML 3Page - Texas Instruments LM3691TLX-3.3 Datasheet HTML 4Page - Texas Instruments LM3691TLX-3.3 Datasheet HTML 5Page - Texas Instruments LM3691TLX-3.3 Datasheet HTML 6Page - Texas Instruments LM3691TLX-3.3 Datasheet HTML 7Page - Texas Instruments LM3691TLX-3.3 Datasheet HTML 8Page - Texas Instruments LM3691TLX-3.3 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
LM3691
SNVS506J – MAY 2008 – REVISED DECEMBER 2015
www.ti.com
Table of Contents
8.4
Device Functional Modes........................................ 16
1
Features .................................................................. 1
9
Application and Implementation ........................ 17
2
Applications ........................................................... 1
9.1
Application Information............................................ 17
3
Description ............................................................. 1
9.2
Typical Application ................................................. 17
4
Revision History..................................................... 2
10
Power Supply Recommendations ..................... 20
5
Voltage Options ..................................................... 3
11
Layout................................................................... 21
6
Pin Configuration and Functions ......................... 4
11.1
Layout Guidelines ................................................. 21
7
Specifications......................................................... 5
11.2
Layout Example .................................................... 22
7.1
Absolute Maximum Ratings ...................................... 5
11.3
DSBGA Package Assembly and Use ................... 22
7.2
ESD Ratings.............................................................. 5
12
Device and Documentation Support ................. 23
7.3
Recommended Operating Conditions ....................... 5
12.1
Device Support...................................................... 23
7.4
Thermal Information .................................................. 5
12.2
Documentation Support ........................................ 23
7.5
Electrical Characteristics .......................................... 6
12.3
Community Resources.......................................... 23
7.6
Typical Characteristics .............................................. 7
12.4
Trademarks ........................................................... 23
8
Detailed Description ............................................ 14
12.5
Electrostatic Discharge Caution ............................ 23
8.1
Overview ................................................................. 14
12.6
Glossary ................................................................ 23
8.2
Functional Block Diagram ....................................... 14
13
Mechanical, Packaging, and Orderable
8.3
Feature Description................................................. 15
Information ........................................................... 23
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision I (May 2013) to Revision J
Page
Added Device Information and Pin Configuration and Functions sections, ESD Ratings table, Feature Description,
Device Functional Modes, Application and Implementation, Power Supply Recommendations, Layout, Device and
Documentation Support, and Mechanical, Packaging, and Orderable Information sections ................................................. 1
Changes from Revision H (April 2013) to Revision I
Page
Changed layout of National Data Sheet to TI format ........................................................................................................... 22
2
Submit Documentation Feedback
Copyright © 2008–2015, Texas Instruments Incorporated
Product Folder Links: LM3691


Podobny numer części - LM3691TLX-3.3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM3691TLX-0.75 NSC-LM3691TLX-0.75 Datasheet
2Mb / 18P
   High Accuracy, Miniature 1A, Step-Down DC-DC Converter for Portable Applications
LM3691TLX-0.85 NSC-LM3691TLX-0.85 Datasheet
2Mb / 18P
   High Accuracy, Miniature 1A, Step-Down DC-DC Converter for Portable Applications
LM3691TLX-0.9 NSC-LM3691TLX-0.9 Datasheet
2Mb / 18P
   High Accuracy, Miniature 1A, Step-Down DC-DC Converter for Portable Applications
LM3691TLX-075 NSC-LM3691TLX-075 Datasheet
2Mb / 18P
   High Accuracy, Miniature 1A, Step-Down DC-DC Converter for Portable Applications
LM3691TLX-085 NSC-LM3691TLX-085 Datasheet
2Mb / 18P
   High Accuracy, Miniature 1A, Step-Down DC-DC Converter for Portable Applications
More results

Podobny opis - LM3691TLX-3.3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LM3691 TI1-LM3691_14 Datasheet
2Mb / 23P
[Old version datasheet]   High Accuracy, Miniature 1A, Step-Down DC-DC Converter for Portable
logo
National Semiconductor ...
LM3691 NSC-LM3691 Datasheet
2Mb / 18P
   High Accuracy, Miniature 1A, Step-Down DC-DC Converter for Portable Applications
logo
Texas Instruments
LM3691 TI-LM3691_15 Datasheet
2Mb / 24P
[Old version datasheet]   LM3691 High Accuracy, Miniature 1A, Step-Down DC-DC Converter for Portable Applications
LM3204 TI1-LM3204_16 Datasheet
950Kb / 24P
[Old version datasheet]   Miniature, Adjustable, Step-Down DC-DC Converter
LM3200 TI1-LM3200 Datasheet
982Kb / 24P
[Old version datasheet]   Miniature, Adjustable, Step-Down DC-DC Converter
LM3262 TI1-LM3262 Datasheet
2Mb / 41P
[Old version datasheet]   Miniature, Adjustable, Step-Down DC-DC Converter
LM3218 TI1-LM3218 Datasheet
3Mb / 21P
[Old version datasheet]   Miniature, Adjustable, Step-Down DC-DC Converter
LM3205 TI1-LM3205_16 Datasheet
1Mb / 28P
[Old version datasheet]   Miniature, Adjustable, Step-Down DC-DC Converter
logo
National Semiconductor ...
LM2619 NSC-LM2619_03 Datasheet
855Kb / 15P
   500mA Sub-Miniature Step-Down DC-DC Converter
logo
Texas Instruments
LM3242 TI1-LM3242 Datasheet
1Mb / 32P
[Old version datasheet]   750mA Miniature Adjustable Step-Down DC-DC Converter
REVISED AUGUST 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com