Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CDBFR03100-HF Arkusz danych(PDF) 3 Page - Comchip Technology

Numer części CDBFR03100-HF
Szczegółowy opis  SMD Schottky Barrier Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  COMCHIP [Comchip Technology]
Strona internetowa  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBFR03100-HF Arkusz danych(HTML) 3 Page - Comchip Technology

  CDBFR03100-HF Datasheet HTML 1Page - Comchip Technology CDBFR03100-HF Datasheet HTML 2Page - Comchip Technology CDBFR03100-HF Datasheet HTML 3Page - Comchip Technology CDBFR03100-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SMD Schottky Barrier Diode
Page 3
REV:A
QW-G1120
Comchip Technology CO., LTD.
Reel Taping Specification
Index hole
d
E
F
B
W
A
P
P0
P1
D1
D2
D
W1
T
C
Company reserves the right to improve product design , functions and reliability without notice.
Trailer
Device
Leader
400mm (min)
160mm (min)
.......
.......
.......
.......
.......
.......
.......
.......
End
Start
Direction of Feed
B
C
d
D
D2
D1
E
F
P
P0
P1
T
SYMBOL
A
W
W1
(mm)
(inch)
0.057 ± 0.002
SYMBOL
(mm)
(inch)
1.45 ± 0.05
1005 /
SOD-323F
1005 /
SOD-323F
2.80 ± 0.05
1.00 ± 0.05
178.00 ± 1.00
60.00 ± 0.50
13.50 ± 0.20
0.110 ± 0.002
0.039 ± 0.002
7.008 ± 0.039
2.362 ± 0.020
0.531 ± 0.008
0.069 ± 0.004
0.138 ± 0.002
0.157 ± 0.004
0.157 ± 0.004
0.079 ± 0.002
0.008 ± 0.002
0.315 ± 0.004
1.75 ± 0.10
3.50 ± 0.05
4.00 ± 0.10
4.00 ± 0.10
2.00 ± 0.05
0.23 ± 0.05
8.00 ± 0.10
12.00 + 0.50
- 0
0.472 + 0.020
- 0
1.50 + 0.10
- 0
0.059 + 0.004
- 0


Podobny numer części - CDBFR03100-HF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Comchip Technology
CDBFR0320 COMCHIP-CDBFR0320 Datasheet
73Kb / 2P
   SMD Schottky Barrier Diode
CDBFR0320-HF COMCHIP-CDBFR0320-HF Datasheet
125Kb / 4P
   SMD Schottky Barrier Diode
CDBFR0330 COMCHIP-CDBFR0330 Datasheet
73Kb / 2P
   SMD Schottky Barrier Diode
CDBFR0330-HF COMCHIP-CDBFR0330-HF Datasheet
125Kb / 4P
   SMD Schottky Barrier Diode
CDBFR0340 COMCHIP-CDBFR0340 Datasheet
73Kb / 2P
   SMD Schottky Barrier Diode
More results

Podobny opis - CDBFR03100-HF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Comchip Technology
CDBU0230 COMCHIP-CDBU0230 Datasheet
66Kb / 2P
   SMD Schottky Barrier Diode
CDBS0130 COMCHIP-CDBS0130 Datasheet
61Kb / 2P
   SMD Schottky Barrier Diode
CDBUR0140L-HF COMCHIP-CDBUR0140L-HF Datasheet
123Kb / 4P
   SMD Schottky Barrier Diode
CDBUR0230L-HF COMCHIP-CDBUR0230L-HF Datasheet
129Kb / 4P
   SMD Schottky Barrier Diode
ACDBCT320-HF COMCHIP-ACDBCT320-HF Datasheet
129Kb / 4P
   SMD Schottky Barrier Diode
CDBFR0540-HF COMCHIP-CDBFR0540-HF Datasheet
123Kb / 4P
   SMD Schottky Barrier Diode
CDBFR0320-HF COMCHIP-CDBFR0320-HF Datasheet
125Kb / 4P
   SMD Schottky Barrier Diode
CDBFR00340-HF COMCHIP-CDBFR00340-HF Datasheet
126Kb / 4P
   SMD Schottky Barrier Diode
CDBS120-HF COMCHIP-CDBS120-HF Datasheet
184Kb / 4P
   SMD Schottky Barrier Diode
CDBUR40-HF COMCHIP-CDBUR40-HF Datasheet
124Kb / 4P
   SMD Schottky Barrier Diode
CDBFR0130L-HF COMCHIP-CDBFR0130L-HF Datasheet
130Kb / 4P
   SMD Schottky Barrier Diode
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com