Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TC62D902FG Arkusz danych(PDF) 1 Page - Toshiba Semiconductor

Numer części TC62D902FG
Szczegółowy opis  Offline Isolated AC/DC Flyback LED Controller built-in PFC
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC62D902FG Arkusz danych(HTML) 1 Page - Toshiba Semiconductor

  TC62D902FG Datasheet HTML 1Page - Toshiba Semiconductor TC62D902FG Datasheet HTML 2Page - Toshiba Semiconductor TC62D902FG Datasheet HTML 3Page - Toshiba Semiconductor TC62D902FG Datasheet HTML 4Page - Toshiba Semiconductor TC62D902FG Datasheet HTML 5Page - Toshiba Semiconductor TC62D902FG Datasheet HTML 6Page - Toshiba Semiconductor TC62D902FG Datasheet HTML 7Page - Toshiba Semiconductor TC62D902FG Datasheet HTML 8Page - Toshiba Semiconductor TC62D902FG Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
TC62D902FG
2014-10-01
1
TOSHIBA CD-MOS Integrated Circuit Silicon Monolithic
TC62D902FG
Offline Isolated AC/DC Flyback LED Controller built-in PFC
1. Overview
This product is an isolation type flyback mode LED
controller.
This device is controlling an average LED current from the
primary side current value and the bias side impulse-wave
of the transformer and the detection circuit of the
secondary side is unnecessary.
Then, this product has the active PFC function of the single
stage mode and the active bleeder pin to do triac dimmer
and realizes LED lighting with few components.
2. Application
Isolated AC/DC LED lighting
3. Features
The isolation type LED control with few components
The triac dimmable
Single stage mode PFC
The secondary side photo-coupler is unnecessary.
The bottom switch function for the efficiency and the noise modification
Detection functions
The VCC reduced voltage detection ( UVLO, Under voltage Lockout )
The VIN over-voltage detection ( VIN-OVD )
The sense resistor short detection at Start-Up ( SRSD )
The sense wiring open detection ( SWOD )
The over temperature detection ( OTD )
The output LED open detection ( OOD )
The output LED short detection ( OSD )
The over-current detection at the primary side ( OCD )
Package : P-SOP8-0504-1.27-001
TC62D902FG
P-SOP8-0504-1.27-001
Weight : 0.07g(typical)
© 2014 TOSHIBA Corporation


Podobny numer części - TC62D902FG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Marktech Corporate
TC62D722CFG MARKTECH-TC62D722CFG Datasheet
771Kb / 43P
   16-Output constant current LED driver
logo
Toshiba Semiconductor
TC62D722CFG TOSHIBA-TC62D722CFG Datasheet
771Kb / 43P
   16-Output constant current LED driver with the output gain control function and the PWM grayscale function
logo
Marktech Corporate
TC62D722CFG MARKTECH-TC62D722CFG_15 Datasheet
771Kb / 43P
   16-Output constant current LED driver
logo
Toshiba Semiconductor
TC62D722CFNG TOSHIBA-TC62D722CFNG Datasheet
771Kb / 43P
   16-Output constant current LED driver with the output gain control function and the PWM grayscale function
TC62D723FG TOSHIBA-TC62D723FG Datasheet
715Kb / 44P
   16-Output constant current LED driver with the output gain control function and the PWM grayscale function
More results

Podobny opis - TC62D902FG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Linear Technology
LT3799 LINER-LT3799_15 Datasheet
265Kb / 20P
   Offline Isolated Flyback LED Controller with Active PFC
LT3799-1 LINER-LT3799-1_15 Datasheet
216Kb / 20P
   Offline Isolated Flyback LED Controller with Active PFC
LT3799 LINER-LT3799 Datasheet
1Mb / 20P
   Offline Isolated Flyback LED Controller with Active PFC
logo
Monolithic Power System...
MP4054 MPS-MP4054 Datasheet
758Kb / 19P
   Non-isolated Offline LED Controller with Active PFC
MP4051 MPS-MP4051 Datasheet
600Kb / 16P
   Non-isolated Solution Offline LED Controller with Active PFC
logo
MPS Industries, Inc.
P3799 MPSIND-P3799 Datasheet
499Kb / 2P
   OFFLINE ISOLATED FLYBACK TRANSFORMERS
logo
Monolithic Power System...
MP4056 MPS-MP4056 Datasheet
1Mb / 26P
   TRIAC Dimmable, Non-isolated Offline LED Controller with Active PFC
logo
Linear Technology
LT8315 LINER-LT8315 Datasheet
505Kb / 6P
   Offline Isolated Flyback Converter
logo
Texas Instruments
LM3444 TI1-LM3444_15 Datasheet
362Kb / 27P
[Old version datasheet]   AC-DC Offline LED Driver
LM3444MM TI-LM3444MM Datasheet
923Kb / 30P
[Old version datasheet]   AC-DC Offline LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com