Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TLP104 Arkusz danych(PDF) 3 Page - Toshiba Semiconductor

Numer części TLP104
Szczegółowy opis  IPM (Intelligent Power Module)
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP104 Arkusz danych(HTML) 3 Page - Toshiba Semiconductor

  TLP104 Datasheet HTML 1Page - Toshiba Semiconductor TLP104 Datasheet HTML 2Page - Toshiba Semiconductor TLP104 Datasheet HTML 3Page - Toshiba Semiconductor TLP104 Datasheet HTML 4Page - Toshiba Semiconductor TLP104 Datasheet HTML 5Page - Toshiba Semiconductor TLP104 Datasheet HTML 6Page - Toshiba Semiconductor TLP104 Datasheet HTML 7Page - Toshiba Semiconductor TLP104 Datasheet HTML 8Page - Toshiba Semiconductor TLP104 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
TLP104
2015-10-16
3
Electrical Characteristics
(Unless otherwise specified, Ta =
−40 to 125°C, VCC =4.5 to 30V)
Characteristic
Symbol
Test
Circuit
Test Condition
Min
Typ.
Max
Unit
Forward voltage
VF
IF = 10 mA, Ta=25°C
1.45
1.61
1.85
V
Forward voltage
temperature coefficient
ΔVF / ΔTa
IF = 10 mA
-1.8
mV /°C
Reverse current
IR
VR = 5 V, Ta=25°C
10
μA
Capacitance between
terminals
CT
V = 0V, f = 1 MHz
60
pF
High level output current
IOH
VF = 0.8 V, VO < VCC
50
μA
Low level output voltage
VOL
2
IF = 10 mA, IO = 2.4mA
0.2
0.6
V
Low level supply current
ICCL
3
IF = 10 mA
1.3
mA
High level supply current
ICCH
4
IF = 0 mA
1.3
mA
Output current
IO
IF = 10 mA, VO = 0.6V
4.0
mA
Input current logic LOW output
IFHL
IO = 0.75mA, VO < 0.8 V
1.0
5
mA
Input voltage logic HIGH output
VFLH
IO = 0.75mA, VO > 2.0 V
0.8
V
*All typical values are at Ta=25°C, VCC=5 V unless otherwise specified
Isolation Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Conditions
Min
Typ.
Max
Unit
Capacitance input to output
CS
VS = 0V, f = 1 MHz
0.8
pF
Isolation resistance
RS
R.H.
≤ 60%, VS = 500 V
1×1012
1014
Ω
Isolation voltage
BVS
AC,60 s
3750
Vrms
AC,1 s, in oil
10000
DC,60 s, in oil
10000
Vdc


Podobny numer części - TLP104

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TLP1000A TOSHIBA-TLP1000A Datasheet
420Kb / 9P
   TOSHIBA PHOTOINTERRUPTER INFRARED LED PHOTO IC
TLP1001A TOSHIBA-TLP1001A Datasheet
414Kb / 9P
   THSHIBA PHOTOINTERRUPTER INFRARED LEDPHOTO IC
TLP1001A TOSHIBA-TLP1001A Datasheet
420Kb / 9P
   TOSHIBA PHOTOINTERRUPTER INFRARED LED PHOTO IC
TLP1002A TOSHIBA-TLP1002A Datasheet
401Kb / 9P
   PHOTOINTERRUPTER
TLP1004A TOSHIBA-TLP1004A Datasheet
202Kb / 10P
   INFRARED LED PHOTO IC
More results

Podobny opis - TLP104

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
STK5Q4U362J-E ONSEMI-STK5Q4U362J-E Datasheet
684Kb / 15P
   Intelligent Power Module (IPM)
October 2016 - Rev. P3
STK5U4UCC0D-E ONSEMI-STK5U4UCC0D-E Datasheet
591Kb / 14P
   Intelligent Power Module (IPM)
September 2016 - Rev. P2
STK5U4UFB0D-E ONSEMI-STK5U4UFB0D-E Datasheet
599Kb / 14P
   Intelligent Power Module (IPM)
September 2016 - Rev. P2
STK534U342C-E ONSEMI-STK534U342C-E Datasheet
390Kb / 15P
   Intelligent Power Module (IPM)
September 2016 - Rev. 1
STK5Q4U340J-E ONSEMI-STK5Q4U340J-E Datasheet
683Kb / 15P
   Intelligent Power Module (IPM)
October 2016 - Rev. P3
STK554U392C-E ONSEMI-STK554U392C-E Datasheet
454Kb / 14P
   Intelligent Power Module (IPM)
June, 2019 - Rev. 1
STK5C4U332J-E ONSEMI-STK5C4U332J-E Datasheet
729Kb / 14P
   Intelligent Power Module (IPM)
September 2016 - Rev. P4
STK5Q4U352J-E ONSEMI-STK5Q4U352J-E Datasheet
683Kb / 15P
   Intelligent Power Module (IPM)
October 2016 - Rev. P3
STK5U4UCE0D-E ONSEMI-STK5U4UCE0D-E Datasheet
587Kb / 14P
   Intelligent Power Module (IPM)
September 2016 - Rev. P2
STK5U4UCG0D-E ONSEMI-STK5U4UCG0D-E Datasheet
587Kb / 14P
   Intelligent Power Module (IPM)
September 2016 - Rev. P2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com