Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TLP4227G Arkusz danych(PDF) 3 Page - Toshiba Semiconductor

Numer części TLP4227G
Szczegółowy opis  PBX Telecommunication Modem節쩎AX Cards, Modems In PC Measurement Instrumentation
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP4227G Arkusz danych(HTML) 3 Page - Toshiba Semiconductor

  TLP4227G_14 Datasheet HTML 1Page - Toshiba Semiconductor TLP4227G_14 Datasheet HTML 2Page - Toshiba Semiconductor TLP4227G_14 Datasheet HTML 3Page - Toshiba Semiconductor TLP4227G_14 Datasheet HTML 4Page - Toshiba Semiconductor TLP4227G_14 Datasheet HTML 5Page - Toshiba Semiconductor TLP4227G_14 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TLP4227G,TLP4227G-2
2014-09-22
3
Coupled Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Trigger LED current
IFC
IOFF = 10 μA
1
3
mA
Return LED current
IFT
ION = 150 mA
0.1
mA
On-state resistance
RON
ION = 150 mA
15
25
Ω
Isolation Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Capacitance input to output
CS
VS = 0, f = 1 MHz
0.8
pF
Isolation resistance
RS
VS = 500 V, R.H. ≤ 60%
5
× 10
10
10
14
Ω
Isolation voltage
BVS
AC, 1 minute
2500
Vrms
AC, 1 second, in oil
5000
DC, 1 minute, in oil
5000
Vdc
Switching Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Turn-on time
tON
RL = 200 Ω
VDD = 20 V, IF = 5 mA
(Note 3)
1
ms
Turn-off time
tOFF
3
ms
Note 3: Switching time test circuit
tOFF
tON
10%
90%
VOUT
IF
4
1
VDD
VOUT
RL
3
2
IF
TLP4227G
8
1
VDD
VOUT
RL
7
2
IF
TLP4227G-2


Podobny numer części - TLP4227G_14

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TLP4227G-2 TOSHIBA-TLP4227G-2 Datasheet
186Kb / 6P
   TOSHIBA Photocoupler Photorelay, PBX Telecommunication Modem짰AX Cards, Modems In PC Measurement Instrumentation
More results

Podobny opis - TLP4227G_14

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TLP4597G TOSHIBA-TLP4597G Datasheet
184Kb / 6P
   PBX Telecommunication Modem FAX Cards, Modems In PC Measurement Instrumentation
TLP4176G TOSHIBA-TLP4176G Datasheet
178Kb / 6P
   PBX Telecommunication Modem FAX Cards, Modems In PC Measurement Instrumentation
TLP4197G TOSHIBA-TLP4197G_07 Datasheet
183Kb / 6P
   PBX Telecommunication Modem FAX Cards, Modems In PC Measurement Instrumentation
TLP4206G TOSHIBA-TLP4206G_07 Datasheet
179Kb / 6P
   PBX Telecommunication Modem FAX Cards, Modems In PC Measurement Instrumentation
TLP4206G TOSHIBA-TLP4206G Datasheet
151Kb / 6P
   PBX Telecommunication Modem짰AX Cards, Modems In PC Measurement Instrumentation
TLP4227G TOSHIBA-TLP4227G Datasheet
186Kb / 6P
   TOSHIBA Photocoupler Photorelay, PBX Telecommunication Modem짰AX Cards, Modems In PC Measurement Instrumentation
TLP170J TOSHIBA-TLP170J Datasheet
225Kb / 6P
   Modem - Fax Cards, Modems in PC
TLP176G TOSHIBA-TLP176G_14 Datasheet
217Kb / 7P
   Modems In PC Modem?묯ax Cards Telecommunications
TLP202G TOSHIBA-TLP202G_14 Datasheet
237Kb / 6P
   PC Card Modems PBX STB (Set Top Boxes) Measurement Equipment
TLP599B TOSHIBA-TLP599B Datasheet
183Kb / 5P
   Telecommunication Data Acquisition Measurement Instrumentation
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com