Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TLP2160 Arkusz danych(PDF) 5 Page - Toshiba Semiconductor

Numer części TLP2160
Szczegółowy opis  Inverter logic type (Totem pole output)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP2160 Arkusz danych(HTML) 5 Page - Toshiba Semiconductor

  TLP2160 Datasheet HTML 1Page - Toshiba Semiconductor TLP2160 Datasheet HTML 2Page - Toshiba Semiconductor TLP2160 Datasheet HTML 3Page - Toshiba Semiconductor TLP2160 Datasheet HTML 4Page - Toshiba Semiconductor TLP2160 Datasheet HTML 5Page - Toshiba Semiconductor TLP2160 Datasheet HTML 6Page - Toshiba Semiconductor TLP2160 Datasheet HTML 7Page - Toshiba Semiconductor TLP2160 Datasheet HTML 8Page - Toshiba Semiconductor TLP2160 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
TLP2160
5
11.
11.
11.
11. Switching Characteristics (Note)
Switching Characteristics (Note)
Switching Characteristics (Note)
Switching Characteristics (Note)
11.1.
11.1.
11.1.
11.1. Switching Characteristics (1) (Each Channel)
Switching Characteristics (1) (Each Channel)
Switching Characteristics (1) (Each Channel)
Switching Characteristics (1) (Each Channel)
(Unless otherwise specified, T
(Unless otherwise specified, T
(Unless otherwise specified, T
(Unless otherwise specified, Taaaa = -40 to 125
= -40 to 125
= -40 to 125
= -40 to 125 
, V
, V
, V
, VCC
CC
CC
CC
= 2.7 to 3.6 V)
= 2.7 to 3.6 V)
= 2.7 to 3.6 V)
= 2.7 to 3.6 V)
Characteristics
Propagation delay time (H/L)
Propagation delay time (L/H)
Pulse width distortion
Propagation delay skew
(device to device)
Propagation delay time (H/L)
Propagation delay time (L/H)
Pulse width distortion
Propagation delay skew
(device to device)
Fall time
Rise time
Common-mode transient
immunity at output high
Common-mode transient
immunity at output low
Symbol
tpHL
tpLH
|tpHL-
tpLH|
tpsk
tpHL
tpLH
|tpHL-
tpLH|
tpsk
tf
tr
CMH
CML
Note
(Note 1)
(Note 1)
(Note 1)
(Note 1),
(Note 2)
(Note 1)
(Note 1)
(Note 1)
(Note 1),
(Note 2)
(Note 1)
(Note 1)
Test
Circuit
Fig.
12.1.5
Fig.
12.1.5
Fig.
12.1.5
Fig.
12.1.6
Test Condition
IF = 0 → 14 mA, RIN = 100 Ω,
CL = 15 pF
IF = 14 → 0 mA, RIN = 100 Ω,
CL = 15 pF
IF = 14 mA, RIN = 100 Ω,
CL = 15 pF
IF = 0 → 6 mA, RIN = 100 Ω,
CL = 15 pF
IF = 6 → 0 mA, RIN = 100 Ω,
CL = 15 pF
IF = 6 mA, RIN = 100 Ω,
CL = 15 pF
IF = 0 → 14 mA, RIN = 100 Ω,
CL = 15 pF
IF = 14 → 0 mA, RIN = 100 Ω,
CL = 15 pF
VCM = 1000 Vp-p, IF = 0 mA,
VO(min) = 2 V, VCC = 3.3 V,
Ta = 25 
VCM = 1000 Vp-p, IF = 14 mA,
VO(max) = 0.4 V, VCC = 3.3 V,
Ta = 25 
Min
-30
-30
±20
±20
Typ.
30
25
5
36
26
10
15
15
±25
±25
Max
40
40
25
30
55
55
30
30
Unit
ns
kV/µs
Note:
All typical values are at Ta = 25 .
Note 1: f = 5 MHz, duty = 50 %, input current tr = tf = 5 ns, CL is approximately 15 pF which includes probe and stray
wiring capacitance.
Note 2: The propagation delay skew, tpsk, is equal to the magnitude of the worst-case difference in tpHL and/or tpLH
that will be seen between units at the same given conditions (supply voltage, input current, temperature, etc).
2014-07-24
Rev.3.0


Podobny numer części - TLP2160

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TLP216 TOSHIBA-TLP216 Datasheet
519Kb / 9P
   DIGITAL LOGIC INTERFACE MICROPROCESSOR SYSTEM INTERFACE ISOLATED BUS DRIVER LINE RECEIVER GROUND LOOP ELIMINATION
TLP2161 TOSHIBA-TLP2161 Datasheet
448Kb / 17P
   Infrared LED & Photo IC
TLP2166A TOSHIBA-TLP2166A Datasheet
289Kb / 11P
   PHOTOCOUPLER GaA?밃s Ired & PHOTO-IC
TLP2168 TOSHIBA-TLP2168 Datasheet
343Kb / 13P
   Photocouplers GaA As Infrared LED & Photo IC
TLP2168 TOSHIBA-TLP2168_15 Datasheet
453Kb / 16P
   Inverter logic type (open collector output)
More results

Podobny opis - TLP2160

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TLP2358 TOSHIBA-TLP2358 Datasheet
257Kb / 11P
   Inverter logic type (totem pole output)
TLP2361 TOSHIBA-TLP2361 Datasheet
424Kb / 16P
   Inverter logic type (Totem pole output)
TLP250H TOSHIBA-TLP250H Datasheet
329Kb / 16P
   Buffer logic type (totem pole output)
logo
Sharp Corporation
IS431 SHARP-IS431 Datasheet
136Kb / 4P
   TOTEM POLE OUTPUT TYPE OPIC LIGHT DETECTOR
logo
Toshiba Semiconductor
TLP714 TOSHIBA-TLP714 Datasheet
396Kb / 15P
   Inverter logic type (open collector output)
TLP754 TOSHIBA-TLP754_15 Datasheet
408Kb / 15P
   Inverter logic type (open collector output)
TLP2168 TOSHIBA-TLP2168_15 Datasheet
453Kb / 16P
   Inverter logic type (open collector output)
logo
Renesas Technology Corp
PS9303L RENESAS-PS9303L_15 Datasheet
266Kb / 18P
   1 Mbps TOTEM POLE OUTPUT TYPE HIGH CMR, IPM DRIVER
logo
California Eastern Labs
PS9715 CEL-PS9715 Datasheet
64Kb / 6P
   HIGH CMR, 10 Mbps TOTEM POLE OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER
logo
Renesas Technology Corp
RV1S9209A RENESAS-RV1S9209A Datasheet
5Mb / 16P
   LOW FORWARD-CURRENT(IF) TOTEM POLE OUTPUT TYPE HIGH CMR, IPM DRIVER,
Mar 29,2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com