Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TLP2301 Arkusz danych(PDF) 4 Page - Toshiba Semiconductor

Numer części TLP2301
Szczegółowy opis  Collector-emitter voltage - 40 V (min)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP2301 Arkusz danych(HTML) 4 Page - Toshiba Semiconductor

  TLP2301 Datasheet HTML 1Page - Toshiba Semiconductor TLP2301 Datasheet HTML 2Page - Toshiba Semiconductor TLP2301 Datasheet HTML 3Page - Toshiba Semiconductor TLP2301 Datasheet HTML 4Page - Toshiba Semiconductor TLP2301 Datasheet HTML 5Page - Toshiba Semiconductor TLP2301 Datasheet HTML 6Page - Toshiba Semiconductor TLP2301 Datasheet HTML 7Page - Toshiba Semiconductor TLP2301 Datasheet HTML 8Page - Toshiba Semiconductor TLP2301 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
TLP2301
4
10.
10.
10.
10. Switching Characteristics (Unless otherwise specified, T
Switching Characteristics (Unless otherwise specified, T
Switching Characteristics (Unless otherwise specified, T
Switching Characteristics (Unless otherwise specified, Taaaa = 25
= 25
= 25
= 25 
))))
Characteristics
Propagation delay time (H/L)
Propagation delay time (L/H)
Symbol
tpHL
tpLH
Note
Test Condition
See figure 10.1
VCC = 5 V, IF = 1 mA, RL = 10 kΩ
See figure 10.1
VCC = 5 V, IF = 1 mA, RL = 10 kΩ
Min
Typ.
15
8
Max
30
30
Unit
µs
µs
Fig.
Fig.
Fig.
Fig. 10.1
10.1
10.1
10.1 Propagation delay Time Test Circuit
Propagation delay Time Test Circuit
Propagation delay Time Test Circuit
Propagation delay Time Test Circuit
2016-01-13
Rev.3.0
©2016 Toshiba Corporation


Podobny numer części - TLP2301

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TLP2303 TOSHIBA-TLP2303 Datasheet
286Kb / 13P
   Photocouplers GaA As Infrared LED & Photo IC
TLP2303 TOSHIBA-TLP2303_16 Datasheet
435Kb / 16P
   Photocouplers GaA-As Infrared LED - Photo IC
TLP2309 TOSHIBA-TLP2309 Datasheet
352Kb / 13P
   Photocouplers GaA-As Infrared LED - Photo IC
More results

Podobny opis - TLP2301

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Guangdong Youtai Semico...
TLP185GB-S UMW-TLP185GB-S Datasheet
1Mb / 8P
   Collector-emitter voltage: 80 V (min)
logo
Inchange Semiconductor ...
3DD101B ISC-3DD101B Datasheet
191Kb / 2P
   Collector-Emitter Breakdown Voltage-: V(BR)CEO= 150V(Min.)
3DD15C ISC-3DD15C Datasheet
190Kb / 2P
   Collector-Emitter Breakdown Voltage-: V(BR)CEO= 150V(Min.)
2SA651 ISC-2SA651 Datasheet
69Kb / 2P
   Collector-Emitter Breakdown Voltage- : V(BR)CEO= -150V(Min.)
2SB874 ISC-2SB874 Datasheet
111Kb / 2P
   Collector-Emitter Breakdown Voltage- : V(BR)CEO= -60V(Min)
3DD208 ISC-3DD208 Datasheet
188Kb / 2P
   Collector-Emitter Breakdown Voltage-: V(BR)CEO= 200V(Min.)
3DD7C ISC-3DD7C Datasheet
191Kb / 2P
   Collector-Emitter Breakdown Voltage-: V(BR)CEO= 150V(Min)
3DD7E ISC-3DD7E Datasheet
191Kb / 2P
   Collector-Emitter Breakdown Voltage-: V(BR)CEO= 250V(Min)
BUY72 ISC-BUY72 Datasheet
192Kb / 2P
   Collector-Emitter Breakdown Voltage-: V(BR)CEO= 200V(Min.)
3DD8B ISC-3DD8B Datasheet
190Kb / 2P
   Collector-Emitter Breakdown Voltage-: V(BR)CEO= 50V(Min)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com