Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CDBZ0130L-A1HF Arkusz danych(PDF) 1 Page - Comchip Technology

Numer części CDBZ0130L-A1HF
Szczegółowy opis  Small Signal Schottky Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  COMCHIP [Comchip Technology]
Strona internetowa  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBZ0130L-A1HF Arkusz danych(HTML) 1 Page - Comchip Technology

  CDBZ0130L-A1HF Datasheet HTML 1Page - Comchip Technology CDBZ0130L-A1HF Datasheet HTML 2Page - Comchip Technology CDBZ0130L-A1HF Datasheet HTML 3Page - Comchip Technology CDBZ0130L-A1HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
IO = 100 mA
VR = 30 Volts
CDBZ0130L-A1HF
Small Signal Schottky Diodes
Page 1
REV:A
Comchip Technology CO., LTD.
Maximum Rating (at TA=25 ºC unless otherwise noted)
A
mA
V
0.5
100
21
IO
VR(RMS)
IFSM
°C
°C
+125
-55 ~ +150
TSTG
TJ
Storage temperature range
Junction temperature range
Average rectified output current
RMS reverse voltage
Parameter
Symbol
Limit
Unit
QW-JA008
µA
0.38
10
Forward voltage
Parameter
Conditions
Symbol
Min
Typ
Max
Unit
Electrical Characteristics (at TA=25 ºC unless otherwise noted)
RoHS Device
Halogen Free
Non-repetitive peak forward surge current @ t=8.3ms
Circuit diagram
Company reserves the right to improve product design , functions and reliability without notice.
Mechanical data
- Case: 0201/DFN0603 package,
molded plastic.
- Terminals: Gold plated, solderable per MIL-STD-750,
method 2026.
- Polarity: Color band denotes cathode end.
- Mounting position: Any
0201/DFN0603
0.008(0.195)
0.013(0.340)
0.011(0.275)
0.005(0.125)
0.026(0.67)
0.022(0.57)
0.015(0.37)
0.011(0.27)
0.002(0.05)
REF.
0.017(0.435)
0.014(0.365)
0.001(0.03)
REF.
0.008(0.195)
0.005(0.125)
0.012(0.295)
0.009(0.225)
Dimensions in inches and (millimeter)
Features
- Small surface mounting type.
- Low reverse current and low forward voltage.
- High reliability.
V
30
VRRM
Repetitive peak reverse voltage
V
30
VR
Reverse voltage
mW
100
Pd
Power dissipation
°C/W
1000
RΘJA
Thermal resistance from junction to ambient
Reverse current
VR = 10V
VR = 30V
IF = 10mA
IF = 100mA
IR
50
0.80
µA
V
V
VF


Podobny numer części - CDBZ0130L-A1HF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Comchip Technology
CDBZ0130L-HF COMCHIP-CDBZ0130L-HF Datasheet
254Kb / 4P
   Low VF SMD Schottky Barrier Diode
CDBZ0130L-HF COMCHIP-CDBZ0130L-HF Datasheet
254Kb / 4P
   Low VF SMD Schottky Barrier Diode
CDBZ0130L-HF COMCHIP-CDBZ0130L-HF_15 Datasheet
254Kb / 4P
   Low VF SMD Schottky Barrier Diode
More results

Podobny opis - CDBZ0130L-A1HF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
TMMBAT47 STMICROELECTRONICS-TMMBAT47 Datasheet
63Kb / 5P
   SMALL SIGNAL SCHOTTKY DIODES
logo
Micro Commercial Compon...
BAT86 MCC-BAT86 Datasheet
159Kb / 1P
   SMALL SIGNAL SCHOTTKY DIODES
logo
Vishay Siliconix
SD101AW VISHAY-SD101AW Datasheet
99Kb / 6P
   Small Signal Schottky Diodes
Rev. 1.4, 16-Dec-05
logo
Micro Commercial Compon...
SD103A MCC-SD103A Datasheet
121Kb / 3P
   Small Signal Schottky Diodes
logo
STMicroelectronics
BAR18 STMICROELECTRONICS-BAR18 Datasheet
224Kb / 4P
   SMALL SIGNAL SCHOTTKY DIODES
BAR42 STMICROELECTRONICS-BAR42 Datasheet
54Kb / 4P
   SMALL SIGNAL SCHOTTKY DIODES
logo
Galaxy Semi-Conductor H...
LL5712 BILIN-LL5712 Datasheet
61Kb / 3P
   SMALL SIGNAL SCHOTTKY DIODES
logo
Vishay Siliconix
BAS281 VISHAY-BAS281_12 Datasheet
175Kb / 4P
   Small Signal Schottky Diodes
Rev. 1.8, 23-Jul-10
BAT81S VISHAY-BAT81S_12 Datasheet
106Kb / 4P
   Small Signal Schottky Diodes
Rev. 1.8, 23-Jul-10
logo
Comchip Technology
CDBV3-54 COMCHIP-CDBV3-54_12 Datasheet
103Kb / 4P
   Small Signal Schottky Diodes
CDBH3-00340C-G COMCHIP-CDBH3-00340C-G Datasheet
67Kb / 2P
   Small Signal Schottky Diodes
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com