Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TLP2361 Arkusz danych(PDF) 11 Page - Toshiba Semiconductor

Numer części TLP2361
Szczegółowy opis  Inverter logic type (Totem pole output)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP2361 Arkusz danych(HTML) 11 Page - Toshiba Semiconductor

Back Button TLP2361 Datasheet HTML 7Page - Toshiba Semiconductor TLP2361 Datasheet HTML 8Page - Toshiba Semiconductor TLP2361 Datasheet HTML 9Page - Toshiba Semiconductor TLP2361 Datasheet HTML 10Page - Toshiba Semiconductor TLP2361 Datasheet HTML 11Page - Toshiba Semiconductor TLP2361 Datasheet HTML 12Page - Toshiba Semiconductor TLP2361 Datasheet HTML 13Page - Toshiba Semiconductor TLP2361 Datasheet HTML 14Page - Toshiba Semiconductor TLP2361 Datasheet HTML 15Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
TLP2361
11
14.
14.
14.
14. Land Pattern Dimensions (for reference only)
Land Pattern Dimensions (for reference only)
Land Pattern Dimensions (for reference only)
Land Pattern Dimensions (for reference only)
Unit: mm
Unit: mm
Unit: mm
Unit: mm
15.
15.
15.
15. Marking
Marking
Marking
Marking
2015-11-02
Rev.5.0
©2015 Toshiba Corporation


Podobny numer części - TLP2361

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TLP2362 TOSHIBA-TLP2362 Datasheet
476Kb / 16P
   Photocouplers GaA-As Infrared LED and Photo IC
TLP2366 TOSHIBA-TLP2366 Datasheet
465Kb / 17P
   Photocouplers GaA-As Infrared LED and Photo IC
TLP2368 TOSHIBA-TLP2368 Datasheet
477Kb / 16P
   Photocouplers GaA-As Infrared LED and Photo IC
More results

Podobny opis - TLP2361

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TLP2358 TOSHIBA-TLP2358 Datasheet
257Kb / 11P
   Inverter logic type (totem pole output)
TLP2160 TOSHIBA-TLP2160 Datasheet
328Kb / 14P
   Inverter logic type (Totem pole output)
TLP250H TOSHIBA-TLP250H Datasheet
329Kb / 16P
   Buffer logic type (totem pole output)
logo
Sharp Corporation
IS431 SHARP-IS431 Datasheet
136Kb / 4P
   TOTEM POLE OUTPUT TYPE OPIC LIGHT DETECTOR
logo
Toshiba Semiconductor
TLP714 TOSHIBA-TLP714 Datasheet
396Kb / 15P
   Inverter logic type (open collector output)
TLP754 TOSHIBA-TLP754_15 Datasheet
408Kb / 15P
   Inverter logic type (open collector output)
TLP2168 TOSHIBA-TLP2168_15 Datasheet
453Kb / 16P
   Inverter logic type (open collector output)
logo
Renesas Technology Corp
PS9303L RENESAS-PS9303L_15 Datasheet
266Kb / 18P
   1 Mbps TOTEM POLE OUTPUT TYPE HIGH CMR, IPM DRIVER
logo
California Eastern Labs
PS9715 CEL-PS9715 Datasheet
64Kb / 6P
   HIGH CMR, 10 Mbps TOTEM POLE OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER
logo
Renesas Technology Corp
RV1S9209A RENESAS-RV1S9209A Datasheet
5Mb / 16P
   LOW FORWARD-CURRENT(IF) TOTEM POLE OUTPUT TYPE HIGH CMR, IPM DRIVER,
Mar 29,2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com