Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CDBZ310100LL-HF Arkusz danych(PDF) 1 Page - Comchip Technology

Numer części CDBZ310100LL-HF
Szczegółowy opis  Ultra Low VF SMD Schottky Barrier Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  COMCHIP [Comchip Technology]
Strona internetowa  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBZ310100LL-HF Arkusz danych(HTML) 1 Page - Comchip Technology

  CDBZ310100LL-HF Datasheet HTML 1Page - Comchip Technology CDBZ310100LL-HF Datasheet HTML 2Page - Comchip Technology CDBZ310100LL-HF Datasheet HTML 3Page - Comchip Technology CDBZ310100LL-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Ultra Low VF SMD Schottky Barrier Rectifiers
Reverse Voltage: 100 Volts
Forward Current: 10 Amp
RoHS Device
Features
-Low power loss, High efficiency.
-High current capability, low VF.
Mechanical data
-Case: Packed with FRP substrate and epoxy underfilled.
-Terminals: Pure Tin plated (Lead-Free),
solderable per MIL-STD-750, method 2026.
CDBZ310100LL-HF
V
V
0.68
100
VRRM
°C
TJ, TSTG
Operating and storage temperature range
Peak
surge
forward
current (8.3ms single half sine-wave)
Parameter
Symbol
Rating
Unit
mA
0.03
0.62
Repetitive peak reverse current
Forward voltage
Parameter
Conditions
Min.
Typ.
Max.
Unit
@ VR = 70 V
@ IF = 5 A
Maximum Ratings (at TA=25°C unless otherwise noted)
Electrical Characteristics (at TA=25°C unless otherwise noted)
0.57
A
180
IFSM
A
10
IF(AV)
Average forward current
Repetitive peak reverse voltage
°C/W
Thermal resistance
Junction to ambient (NOTE)
105.5
-55 to +150
IR
VF
Symbol
RθJA
V
0.515
-Lead less chip form, no lead damage.
Halogen free
-Plastic package has Underwriters Laboratory
Flammability Classification 94V-0 .
°C/W
Junction to case (NOTE)
3.9
RθJC
TA= 25°C
TA= 125°C
@ IF = 10 A
TA= 25°C
TA= 125°C
TA= 25°C
TA= 125°C
@ VR = Max. VRRM
TA= 25°C
TA= 125°C
0.455
0.63
6
0.01
-
0.15
30
mA
NOTES : Mounted on P.C.B. with 3.36 x 14.86mm & 1.39 x 1.40mm copper pad areas.
Dimensions in inches and (millimeter)
TO-277(Z3)
Dimensions in inches and (millimeter)
0.085(2.15)
0.073(1.85)
Top View
Bottom View
0.163(4.15)
0.152(3.85)
0.187(4.75)
0.175(4.45)
0.132(3.35)
0.120(3.05)
0.061(1.55)
0.049(1.25)
0.047(1.20)
0.035(0.90)
0.045(1.15)
0.033(0.85)
0.053(1.35)
0.041(1.05)
0.262(6.65)
0.250(6.35)
Circuit Diagram
LEFT PIN
RIGHT PIN
BOTTOMSIDE
HEAT SINK
Junction capacitance
pF
VR = 4V, f = 1.0 MHz
1100
CJ
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
QW-JL035
Comchip Technology CO., LTD.
Page 1
REV:A
Company reserves the right to improve product design , functions and reliability without notice.


Podobny numer części - CDBZ310100LL-HF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Comchip Technology
CDBZ310200-HF COMCHIP-CDBZ310200-HF Datasheet
485Kb / 4P
   SMD Schottky Barrier Rectifiers
CDBZ310200-HF COMCHIP-CDBZ310200-HF Datasheet
485Kb / 4P
   SMD Schottky Barrier Rectifiers
CDBZ310200-HF COMCHIP-CDBZ310200-HF_15 Datasheet
485Kb / 4P
   SMD Schottky Barrier Rectifiers
CDBZ310200H-HF COMCHIP-CDBZ310200H-HF Datasheet
560Kb / 4P
   SMD Schottky Barrier Rectifiers
CDBZ310200H-HF COMCHIP-CDBZ310200H-HF Datasheet
560Kb / 4P
   SMD Schottky Barrier Rectifiers
More results

Podobny opis - CDBZ310100LL-HF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Comchip Technology
CDBA220LL-HF COMCHIP-CDBA220LL-HF Datasheet
95Kb / 4P
   Ultra Low VF SMD Schottky Barrier Rectifiers
CDBMS140LL-HF COMCHIP-CDBMS140LL-HF Datasheet
98Kb / 4P
   Ultra Low VF SMD Schottky Barrier Rectifiers
REV: A
CDBZ2240LL-HF COMCHIP-CDBZ2240LL-HF Datasheet
100Kb / 4P
   Ultra Low VF SMD Schottky Barrier Rectifiers
CDBA120LL-HF COMCHIP-CDBA120LL-HF Datasheet
95Kb / 4P
   Ultra Low VF SMD Schottky Barrier Rectifiers
CDBZ2140LL-HF COMCHIP-CDBZ2140LL-HF Datasheet
100Kb / 4P
   Ultra Low VF SMD Schottky Barrier Rectifiers
CDBHA10200LR-HF COMCHIP-CDBHA10200LR-HF Datasheet
468Kb / 4P
   Ultra Low VF Schottky Barrier Rectifiers
REV:A
CDBMTS140L-HF COMCHIP-CDBMTS140L-HF Datasheet
72Kb / 4P
   Low VF SMD Schottky Barrier Rectifiers
CDBA120L-HF COMCHIP-CDBA120L-HF Datasheet
100Kb / 4P
   Low VF SMD Schottky Barrier Rectifiers
CDBA220L-HF COMCHIP-CDBA220L-HF Datasheet
95Kb / 4P
   Low VF SMD Schottky Barrier Rectifiers
CDBZ31045L-HF COMCHIP-CDBZ31045L-HF_15 Datasheet
475Kb / 4P
   Low VF SMD Schottky Barrier Rectifiers
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com