Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TLP598AA Arkusz danych(PDF) 2 Page - Toshiba Semiconductor

Numer części TLP598AA
Szczegółowy opis  TOSHIBA Photocoupler Photo Relay
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP598AA Arkusz danych(HTML) 2 Page - Toshiba Semiconductor

  TLP598AA_14 Datasheet HTML 1Page - Toshiba Semiconductor TLP598AA_14 Datasheet HTML 2Page - Toshiba Semiconductor TLP598AA_14 Datasheet HTML 3Page - Toshiba Semiconductor TLP598AA_14 Datasheet HTML 4Page - Toshiba Semiconductor TLP598AA_14 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
TLP598AA
2014-09-22
2
Absolute Maximum Ratings (Ta = 25°C)
Characteristic
Symbol
Rating
Unit
Forward current
IF
30
mA
Forward current derating (Ta ≥ 25°C)
∆IF / °C
−0.3
mA / °C
Peak forward current (100 μs pulse, 100 pps)
IFP
1
A
Reverse voltage
VR
5
V
Junction temperature
Tj
125
°C
Off
−state output terminal voltage
VOFF
60
V
On
−state RMS current
A connection
ION
500
mA
B connection
500
C connection
1000
On
−state current derating (Ta ≥ 25°C)
A connection
∆ION / °C
−5.0
mA / °C
B connection
−5.0
C connection
−10.0
Junction temperature
Tj
125
°C
Storage temperature range
Tstg
−55 to 125
°C
Operating temperature range
Topr
−40 to 85
°C
Lead soldering temperature (10 s)
Tsol
260
°C
Isolation voltage (AC, 1 minute, R.H. ≤ 60%)
(Note 2)
BVS
2500
Vrms
Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even if
the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
(Note 2): Device considered a two
−terminal device: Pins 1, 2 and 3 shorted together, and pins 4, 5 and 6 shorted
together.
Recommended Operating Conditions
Characteristic
Symbol
Min
Typ.
Max
Unit
Supply voltage
VDD
48
V
Forward current
IF
5
7.5
20
mA
On
−state current (A connection)
ION
400
mA
Operating temperature
Topr
−20
80
°C
Note: Recommended operating conditions are given as a design guideline to obtain expected performance of the
device. Additionally, each item is an independent guideline respectively. In developing designs using this
product, please confirm specified characteristics shown in this document.
Circuit Connections
A connection
B connection
C connection
1
2
3
6
5
4
LOAD
AC
DC
or
1
2
3
6
5
4
LOAD
DC
1
2
3
6
5
4
LOAD
DC


Podobny numer części - TLP598AA_14

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TLP598AA TOSHIBA-TLP598AA Datasheet
154Kb / 5P
   Measurement Instrumentation
More results

Podobny opis - TLP598AA_14

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TLP197A TOSHIBA-TLP197A Datasheet
132Kb / 6P
   TOSHIBA PHOTOCOUPLER PHOTO RELAY
TLP296G TOSHIBA-TLP296G Datasheet
465Kb / 6P
   TOSHIBA Photocoupler Photo Relay
TLP3131 TOSHIBA-TLP3131_14 Datasheet
191Kb / 6P
   TOSHIBA PHOTOCOUPLER PHOTO RELAY
TLP3130 TOSHIBA-TLP3130_14 Datasheet
192Kb / 6P
   TOSHIBA PHOTOCOUPLER PHOTO RELAY
TLP3542 TOSHIBA-TLP3542_14 Datasheet
159Kb / 6P
   TOSHIBA PHOTOCOUPLER PHOTO RELAY
TLP224GA-2 TOSHIBA-TLP224GA-2 Datasheet
360Kb / 7P
   TOSHIBA PHOTOCOUPLER PHOTO RELAY
2019-02-01
TLP798G TOSHIBA-TLP798G Datasheet
334Kb / 8P
   TOSHIBA PHOTOCOUPLER PHOTO RELAY
TLP597A TOSHIBA-TLP597A_14 Datasheet
185Kb / 6P
   TOSHIBA PHOTOCOUPLER PHOTO RELAY
TLP3116 TOSHIBA-TLP3116_14 Datasheet
192Kb / 6P
   TOSHIBA PHOTOCOUPLER PHOTO RELAY
TLP227GA TOSHIBA-TLP227GA Datasheet
151Kb / 6P
   TOSHIBA Photocoupler Photo Relay
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com