Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TLP161J Arkusz danych(PDF) 1 Page - Toshiba Semiconductor

Numer części TLP161J
Szczegółowy opis  TOSHIBA Photocoupler GaAs IRED and Photo-Triac
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP161J Arkusz danych(HTML) 1 Page - Toshiba Semiconductor

  TLP161J_14 Datasheet HTML 1Page - Toshiba Semiconductor TLP161J_14 Datasheet HTML 2Page - Toshiba Semiconductor TLP161J_14 Datasheet HTML 3Page - Toshiba Semiconductor TLP161J_14 Datasheet HTML 4Page - Toshiba Semiconductor TLP161J_14 Datasheet HTML 5Page - Toshiba Semiconductor TLP161J_14 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TLP161J
2014-09-22
1
TOSHIBA Photocoupler GaAs IRED & Photo-Triac
TLP161J
Triac Drive
Programmable Controllers
AC-Output Module
Solid State Relay
The TOSHIBA mini flat coupler TLP161J is a small outline coupler,
suitable for surface mount assembly.
The TLP161J consists of a photo triac, optically coupled to a gallium
arsenide infrared emitting diode.
• Zero-voltage crossing turn-on
• Peak off-state voltage: 600 V (min)
• Trigger LED current: 10 mA (max)
• On-state current: 70 mA (max)
• Isolation voltage: 2500 Vrms (min)
• UL recognized: UL1577, file No. E67349
Pin Configurations
Trigger LED Current
Classification (*)
Trigger LED Current (mA)
Marking of
Classification
VT = 6 V, Ta = 25°C
Min
Max
(IFT7)
7
T7
Standard
10
T7, Blank
*: Ex. (IFT7): TLP161J (IFT7)
Note: Application type name for certification test, please use standard product type name, i.e.
TLP161J (IFT7): TLP161J
Unit: mm
JEDEC
JEITA
TOSHIBA
11-4C3
Weight: 0.09 g (typ.)
1: Anode
3: Cathode
4: Terminal 1
6: Terminal 2
1
3
6
4
ZC
Start of commercial production
1988/04


Podobny numer części - TLP161J_14

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TLP161J TOSHIBA-TLP161J Datasheet
122Kb / 6P
   Triac Drive Programmable Controllers Ac−Output Module Solid State Relay
More results

Podobny opis - TLP161J_14

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TLP361J TOSHIBA-TLP361J_14 Datasheet
207Kb / 6P
   TOSHIBA Photocoupler GaAs Ired and Photo-Triac
TLP163J TOSHIBA-TLP163J Datasheet
211Kb / 5P
   TOSHIBA Photocoupler GaAs IRED and Photo-Triac
TLP160G TOSHIBA-TLP160G_14 Datasheet
217Kb / 6P
   TOSHIBA Photocoupler GaAs Ired and Photo-Triac
TLP360J TOSHIBA-TLP360J_14 Datasheet
186Kb / 6P
   TOSHIBA Photocoupler GaAs Ired and Photo-Triac
TLP160J TOSHIBA-TLP160J_07 Datasheet
189Kb / 6P
   TOSHIBA Photocoupler GaAs Ired & Photo-Triac
TLP3030 TOSHIBA-TLP3030 Datasheet
184Kb / 6P
   TOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-TRIAC
TLP3503 TOSHIBA-TLP3503 Datasheet
166Kb / 6P
   TOSHIBA Photocoupler GaAs IRed & Photo-Triac
TLP525G TOSHIBA-TLP525G Datasheet
578Kb / 6P
   TOSHIBA Photocoupler GaAs IRed & Photo-Triac
TLP3064 TOSHIBA-TLP3064 Datasheet
169Kb / 6P
   TOSHIBA Photocoupler GaAs Ired & Photo-Triac
TLP665J TOSHIBA-TLP665J Datasheet
259Kb / 6P
   TOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-TRIAC
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com